Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTF61000LG230 Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # PTF61000LG230
Description  Ventilateurs a filtre de toit, 266-485 pi/min
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

PTF61000LG230 Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  PTF61000LG230 Datasheet HTML 1Page - Hammond Manufacturing Ltd. PTF61000LG230 Datasheet HTML 2Page - Hammond Manufacturing Ltd. PTF61000LG230 Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PTF61000LG230
230V
150W
PFA 60000LG
15
A irflow data
PTF 60500
PTF 60700
PTF 61000
PTFA 60000
Filter material
NEMA 12
Filtermat
NEMA 12
Filtermat
NEMA 12
Filtermat
NEMA 12
Filtermat
Filter material grade
(DIN EN 779)
-
Unimpeded airflow
226 CFM
356 CFM
485 CFM
-
Capacity free-flow
113 W/K
177 W/K
242 W/K
-
Airflow in combination
149 CFM
227 CFM
304 CFM
-
(Filterfan + Exhaust
Filter)
(PTF 60500 + PFA
60000)
(PTF 60700 + PFA
60000)
(PTF 61000 + PFA
60000)
-
Capacity in combination
74 W/K
113 W/K
152 W/K
-
(Filterfan + Exhaust
Filter)
(PTF 60500 + PFA
60000)
(PTF 60700 + PFA
60000)
(PTF 61000 + PFA
60000)
-
Max. static pressure
(Airflow = 0)
71 Pa
88 Pa
158 Pa
-
Filtration efficiency
0.81
0.81
0.81
-
Filter material grade
G 3 (DIN EN 779) G 3 (DIN EN 779) G 3 (DIN EN 779)
-
Duty cycle
1
1
1
-
Technical
data
PTF 60500
PTF
60700
PTF
61000
PTFA 60000
Outside
dimensions in
mm
125 x 430 x
430 x 50
140 x
470 x
470 x 50
140 x
470 x
470 x 50
110 x 430 x 430 x 35
(height x width
x installation
depth)
Bearing type
ball bearings
ball
bearings
ball
bearings
-
Fitting position
horizontal horizontal horizontal
any
Construction
metal chassis cover powder
coaded, snapin plastic housing
metal chassis, cover powder-coated; snap-in
body of sprayed thermoplastic, (ABS-FR) self-
extinguishing, UL 94 VO
Weight
5.5 kg
5.8 kg
6.0 kg
3.1 kg
Safety
protection
in
accordance
with DIN 31
001
in accordance with DIN 31 001
Color
RAL 7035,
Light Grey
RAL 7035, RAL 7032, other colors on request
Connections
terminal
strip
terminal
strip
terminal
strip
-
PTF 60500
PTF 60700
PTF 61000
PTFA 60000
A1
125
140
140
110*
B1/B2
430
470
470
430
C1
75
90
90
75
Supplementary data: PFTA 60000
Operating temperature
-10 C (+14 F) to +55 C (+131 F)
Storage temperature
-20 C (-4 F) to +70 C (+158 F)
Max. relative humidity
0.9
System of protection
IP 33, IP 54 (EN 60 529), when installed as specified
Accessories
radiant heater, fan heater, thermostat, see Thermal Management


Similar Part No. - PTF61000LG230

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTF60-152A-103B2 BOURNS-PTF60-152A-103B2 Datasheet
178Kb / 2P
   Product Line
logo
Hammond Manufacturing L...
PTF60700LG HAMMOND-PTF60700LG Datasheet
129Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
PTF60700LG230 HAMMOND-PTF60700LG230 Datasheet
129Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

Similar Description - PTF61000LG230

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PF32 HAMMOND-PF32 Datasheet
169Kb / 2P
   Ventilateurs a filtre 65 pimin
XPFA HAMMOND-XPFA Datasheet
82Kb / 2P
   Grilles pour ventilateurs a filtre
PF11 HAMMOND-PF11 Datasheet
205Kb / 3P
   Ventilateurs a filtre 17-38 pimin
PF45 HAMMOND-PF45 Datasheet
190Kb / 3P
   Ventilateurs a filtre 94-169 pimin
PF65 HAMMOND-PF65 Datasheet
169Kb / 3P
   Ventilateurs a filtre 297-560 pimin
DNFF HAMMOND-DNFF Datasheet
62Kb / 1P
   ENSEMBLES DE VENTILATEUR A FILTRE
PF33SL HAMMOND-PF33SL Datasheet
63Kb / 2P
   Ventilateurs a filtre compacts, 297-560 pimin
RR19TM HAMMOND-RR19TM Datasheet
64Kb / 2P
   Gestionnaire de cables de toit
HMETCM HAMMOND-HMETCM Datasheet
53Kb / 1P
   Module de cablage de toit et panneaux lateraux
DNMF HAMMOND-DNMF Datasheet
68Kb / 1P
   VENTILATEURS AXIAUX A ENVELOPPE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com