Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B0512HS2U Datasheet(PDF) 5 Page - Sensitron

Part # B0512HS2U
Description  Fixed Input, 3000V Isolation, Unregulated, Single Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

B0512HS2U Datasheet(HTML) 5 Page - Sensitron

  B0512HS2U Datasheet HTML 1Page - Sensitron B0512HS2U Datasheet HTML 2Page - Sensitron B0512HS2U Datasheet HTML 3Page - Sensitron B0512HS2U Datasheet HTML 4Page - Sensitron B0512HS2U Datasheet HTML 5Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
• 221 West Industry Court • Deer Park, NY 11729-4681 • Phone (631) 586-7600 • Fax (631) 242-9798 •
• World Wide Web Site - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
SENSITRON
B - 1W/2W Series
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 1101, REV. A
DISCLAIMER:
1- The information given herein, including the specifications and dimensions, is subject to change without prior not ice to
improve product characteristics. Before ordering, purchasers are advised to contact the Sensitron Semiconductor sales
department for the latest version of the datasheet(s).
2- In cases where extremely high reliability is required (such as use in nuclear power control, aerospace and aviation,
traffic equipment, medical equipment , and safety equipment) , safety should be ensured by using semiconductor devices
that feature assured safety or by means of users’ fail-safe precautions or other arrangement .
3- In no event shall Sensitron Semiconductor be liable for any damages that may result from an accident or any other
cause during operation of the user’s units according to the datasheet(s). Sensitron Semiconductor assumes no
responsibility for any intellectual property claims or any other problems that may result from applications of information,
products or circuits described in the datasheets.
4- In no event shall Sensitron Semiconductor be liable for any failure in a semiconductor device or any secondary damage
resulting from use at a value exceeding the absolute maximum rating.
5- No license is granted by the datasheet(s) under any patents or other rights of any third party or Sensitron
Semiconductor.
6- The datasheet(s) may not be reproduced or duplicated, in any form, in whole or part, without the expressed writ ten
permission of Sensitron Semiconductor.
7- The products (technologies) described in the datasheet(s) are not to be provided to any party whose purpose in their
application will hinder maintenance of international peace and safety nor are they to be applied to that purpose by their
direct purchasers or any third party. When exporting these products (technologies), the necessary procedures are to be
taken in accordance with related laws and regulations.


Similar Part No. - B0512HS2U

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B0512(X)T-1W MORNSUN-B0512(X)T-1W Datasheet
177Kb / 5P
   DC/DC Converter
B0512(X)T-2W MORNSUN-B0512(X)T-2W Datasheet
530Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
logo
DB Lectro Inc
B0512BA1 DBLECTRO-B0512BA1 Datasheet
224Kb / 1P
   FEMALE HEADER PROFILE : 6.6mm STRAIGHT
B0512BB1 DBLECTRO-B0512BB1 Datasheet
224Kb / 1P
   FEMALE HEADER PROFILE : 6.6mm STRAIGHT
B0512BC1 DBLECTRO-B0512BC1 Datasheet
224Kb / 1P
   FEMALE HEADER PROFILE : 6.6mm STRAIGHT
More results

Similar Description - B0512HS2U

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
B200 INTRONICS-B200 Datasheet
370Kb / 2P
   FIXED INPUT ISOLATED & UNREGULATED 1W OUTPUT 6000VDC ISOLATION SINGLE OUTPUT DIP PACKAGE
logo
GAPTEC Electronic GmbH ...
2S4A GAPTEC-2S4A Datasheet
1Mb / 3P
   2W - Single Output - Fixed Input - Isolated & Unregulated
logo
MORNSUN Science& Techno...
H0503S-1W MORNSUN-H0503S-1W_15 Datasheet
1Mb / 5P
   FIXED INPUT, ISOLATED & UNREGULATED SINGLE / DUAL OUTPUT
B0505XT-1WR2 MORNSUN-B0505XT-1WR2 Datasheet
406Kb / 5P
   1W, FIXED INPUT, ISOLATED & UNREGULATED SINGLE OUTPUT
logo
GAPTEC Electronic GmbH ...
3S4A-1UP GAPTEC-3S4A-1UP Datasheet
819Kb / 3P
   3W Single Output - Fixed Input - Isolated & Unregulated
3S4A GAPTEC-3S4A Datasheet
361Kb / 3P
   3W Single Output - Fixed Input - Isolated & Unregulated
3S7A GAPTEC-3S7A Datasheet
1Mb / 3P
   3W Single Output - Fixed Input - Isolated & Unregulated
logo
RSG Electronic Componen...
RT2-S20D3WR RSG-RT2-S20D3WR Datasheet
720Kb / 5P
   2W, fixed input voltage isolated & unregulated single output
logo
MORNSUN Science& Techno...
B0303S-1WR2 MORNSUN-B0303S-1WR2 Datasheet
1Mb / 6P
   1W, Fixed input voltage, isolated & unregulated single output
H0503S-1W MORNSUN-H0503S-1W Datasheet
1,014Kb / 5P
   1W, FIXED INPUT, ISOLATED & UNREGULATED SINGLE / DUAL OUTPUT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com