Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82470-A1473-M Datasheet(PDF) 3 Page - EPCOS

Part # B82470-A1473-M
Description  SMT-Power-Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82470-A1473-M Datasheet(HTML) 3 Page - EPCOS

  B82470-A1473-M Datasheet HTML 1Page - EPCOS B82470-A1473-M Datasheet HTML 2Page - EPCOS B82470-A1473-M Datasheet HTML 3Page - EPCOS B82470-A1473-M Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
The information contained in this data sheet describes the
type of component and shall not be considered as guaran-
teed characteristics..
3
Characteristics and ordering codes
LR
fL
Tolerance
IR
Rmax
Ordering code
µH
MHz
A
1
0,1
20 %
1,80
0,045
B82470-A1102-M
1,2
0,1
20 %
1,60
0,060
B82470-A1122-M
2,2
0,1
20 %
1,35
0,090
B82470-A1222-M
3,3
0,1
20 %
1,10
0,120
B82470-A1332-M
4,7
0,1
20 %
0,95
0,190
B82470-A1472-M
6,8
0,1
20 %
0,85
0,228
B82470-A1682-M
10
0,1
20 %
0,75
0,305
B82470-A1103-M
15
0,1
20 %
0,58
0,480
B82470-A1153-M
22
0,1
20 %
0,48
0,690
B82470-A1223-M
33
0,1
20 %
0,38
1,10
B82470-A1333-M
47
0,1
20 %
0,32
1,50
B82470-A1473-M
SMT-Power-Inductors
B82470-A1-M
DATA SHEET
Hugo ist doof BNR
B82470-A1-M-7601
24.09.2004


Similar Part No. - B82470-A1473-M

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
B82470-A1223-M LINEAR-B82470-A1223-M Datasheet
274Kb / 16P
   White LED Driver with Integrated Schottky in 3mm 2mm DFN
More results

Similar Description - B82470-A1473-M

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com