Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B2415HS1U Datasheet(PDF) 1 Page - Sensitron

Part # B2415HS1U
Description  Fixed Input, 3000V Isolation, Unregulated, Single Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

B2415HS1U Datasheet(HTML) 1 Page - Sensitron

  B2415HS1U Datasheet HTML 1Page - Sensitron B2415HS1U Datasheet HTML 2Page - Sensitron B2415HS1U Datasheet HTML 3Page - Sensitron B2415HS1U Datasheet HTML 4Page - Sensitron B2415HS1U Datasheet HTML 5Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
• 221 West Industry Court • Deer Park, NY 11729-4681 • Phone (631) 586-7600 • Fax (631) 242-9798 •
• World Wide Web Site - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
SENSITRON
B - 1W/2W Series
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 1101, REV. A
DC-DC Converters
Fixed Input, 3000V Isolation, Unregulated, Single Output
FEATURES:
Isolation Voltage:
3000Vdc
Isolation Resistance (1):
1000M
Short-Circuit Duration:
1 second
Case Temperature Rise:
Max. 25
°C, Typ. 15°C
Cooling Method:
Free-Air Cooling
Standby Power Dissipation:
1W (100mW), 2W (200mW)
Operating Temp.:
-40
°C ~ + 85°C
Storage Temp.:
-55
°C ~ + 125°C
Humidity:
≤ 95%
Soldering Temp. (2):
300
°C
Case Material:
Non-Flammable Material (UL94-V0)
Mean Time Before Failure:
> 1,000,000 hours (Operating Temp. 25
°C)
B Single Output-1W/2W Series Input Characteristics
Part Number
Nominal Input Voltage
Input Voltage Range
Maximum Input Voltage*
B05XXHS/D1/2U
5Vdc
4.5~5.5Vdc
7Vdc
B12XXHS/D1/2U
12Vdc
10.8~13.2Vdc
15Vdc
B24XXHS/D1/2U
24Vdc
21.6~26.4Vdc
28Vdc
* Voltage above this value may cause permanent damage to the device.
B Single Output-1W/2W Series Output Characteristics
Parameter
MIN
TYP
MAX
Units
1W Output Power
0.25
1
W
2W Output Power
0.5
2
W
Line Regulation
+ 1.2
%
Efficiency at 100% Load
65
75
85
%
Temperature Coefficient
0.03
%/
°C
1W Ripple and Noise
50
75
2W Ripple and Noise
85
150
mVp-p
Switching Frequency
80
100
150
kHz
1.
All specifications at TA=25°C, 75% of the humidity, Nominal input voltage, full output load unless otherwise
specified.
2.
Soldering for 10 seconds at 1.5mm away from the edge.


Similar Part No. - B2415HS1U

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B2415(X)T-1W MORNSUN-B2415(X)T-1W Datasheet
177Kb / 5P
   DC/DC Converter
B2415(X)T-2W MORNSUN-B2415(X)T-2W Datasheet
530Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
logo
Guangzhou Reicu Electro...
B2415D-1W REICU-B2415D-1W Datasheet
3Mb / 1P
   1600VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
B2415D-1WR2 MORNSUN-B2415D-1WR2 Datasheet
1Mb / 6P
   1W, Fixed input voltage, isolated & unregulated single output
logo
Guangzhou Reicu Electro...
B2415D-1WR2 REICU-B2415D-1WR2 Datasheet
3Mb / 1P
   1600VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
More results

Similar Description - B2415HS1U

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
B200 INTRONICS-B200 Datasheet
370Kb / 2P
   FIXED INPUT ISOLATED & UNREGULATED 1W OUTPUT 6000VDC ISOLATION SINGLE OUTPUT DIP PACKAGE
logo
GAPTEC Electronic GmbH ...
2S4A GAPTEC-2S4A Datasheet
1Mb / 3P
   2W - Single Output - Fixed Input - Isolated & Unregulated
logo
MORNSUN Science& Techno...
H0503S-1W MORNSUN-H0503S-1W_15 Datasheet
1Mb / 5P
   FIXED INPUT, ISOLATED & UNREGULATED SINGLE / DUAL OUTPUT
B0505XT-1WR2 MORNSUN-B0505XT-1WR2 Datasheet
406Kb / 5P
   1W, FIXED INPUT, ISOLATED & UNREGULATED SINGLE OUTPUT
logo
GAPTEC Electronic GmbH ...
3S4A-1UP GAPTEC-3S4A-1UP Datasheet
819Kb / 3P
   3W Single Output - Fixed Input - Isolated & Unregulated
3S4A GAPTEC-3S4A Datasheet
361Kb / 3P
   3W Single Output - Fixed Input - Isolated & Unregulated
3S7A GAPTEC-3S7A Datasheet
1Mb / 3P
   3W Single Output - Fixed Input - Isolated & Unregulated
logo
RSG Electronic Componen...
RT2-S20D3WR RSG-RT2-S20D3WR Datasheet
720Kb / 5P
   2W, fixed input voltage isolated & unregulated single output
logo
MORNSUN Science& Techno...
B0303S-1WR2 MORNSUN-B0303S-1WR2 Datasheet
1Mb / 6P
   1W, Fixed input voltage, isolated & unregulated single output
H0503S-1W MORNSUN-H0503S-1W Datasheet
1,014Kb / 5P
   1W, FIXED INPUT, ISOLATED & UNREGULATED SINGLE / DUAL OUTPUT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com