Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE425S01-T1B Datasheet(PDF) 1 Page - California Eastern Labs

Part # NE425S01-T1B
Description  C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE425S01-T1B Datasheet(HTML) 1 Page - California Eastern Labs

  NE425S01-T1B Datasheet HTML 1Page - California Eastern Labs NE425S01-T1B Datasheet HTML 2Page - California Eastern Labs NE425S01-T1B Datasheet HTML 3Page - California Eastern Labs NE425S01-T1B Datasheet HTML 4Page - California Eastern Labs NE425S01-T1B Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Note:
1. Typical values of noise figures and associated gain are those obtained when 50% of the devices from a large number of lots were individually
measured in a circuit with the input individually tuned to obtain the minimum value. Maximum values are criteria established on the production line
as a "go-no-go" screening tuned for the "generic" type but not each specimen.
SYMBOLS
CHARACTERISTICS
UNITS MIN TYP MAX
VDS
Drain to Source Voltage
V
2
3
ID
Drain Current
mA
10
20
Pin
Input Power
dBm
0
FEATURES
• SUPER LOW NOISE FIGURE:
0.60 dB TYP at 12 GHz
• HIGH ASSOCIATED GAIN:
12.0 dB TYP at f = 12 GHz
• GATE LENGTH:
≤ 0.20 µm
• GATE WIDTH: 200
µm
• LOW COST PLASTIC PACKAGE
C to KU BAND SUPER LOW
NOISE AMPLIFIER N-CHANNEL HJ-FET
NE425S01
DESCRIPTION
The NE425S01 is a Hetero-Junction FET that utilizes the hetero
junction to create high mobility electrons. Its excellent low noise
and high associated gain make it suitable for DBS and other
commercial applications.
NEC's stringent quality assurance and test procedures assure
the highest reliability and performance.
PART NUMBER
NE425S01
PACKAGE OUTLINE
S01
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
NF1
Noise Figure, VDS = 2 V, ID = 10 mA, f = 12 GHz
dB
0.60
0.80
GA1
Associated Gain, VDS = 2 V, ID = 10 mA, f = 12 GHz
dB
10.5
12.0
gm
Transconductance, VDS = 2 V, ID = 10 mA
mS
45
60
IDSS
Saturated Drain Current, VDS = 2 V, VGS = 0 V
mA
20
60
90
VGS(off)
Gate to Source Cutoff Voltage, VDS = 2 V, ID = 100
µA
V
-0.2
-0.7
-2.0
IGSO
Gate to Source Leak Current, VGS = -3 V
µA
0.5
10
NOISE FIGURE & ASSOCIATED
GAIN vs. FREQUENCY
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Frequency, f (GHz)
RECOMMENDED
OPERATING CONDITIONS (TA = 25°C)
PRELIMINARY DATA SHEET
1.0
0.5
0
12
16
20
24
8
4
12
4
6
8
10
14
20
30
VDS = 2 V
ID = 10 mA
Ga
NF
California Eastern Laboratories


Similar Part No. - NE425S01-T1B

ManufacturerPart #DatasheetDescription
logo
NEC
NE425S01-T1B NEC-NE425S01-T1B Datasheet
57Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE425S01-T1B NEC-NE425S01-T1B Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results

Similar Description - NE425S01-T1B

ManufacturerPart #DatasheetDescription
logo
NEC
NE4210M01 NEC-NE4210M01 Datasheet
79Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE325S01 NEC-NE325S01_02 Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE429M01 CEL-NE429M01 Datasheet
58Kb / 6P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE32484A NEC-NE32484A Datasheet
63Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE425S01 NEC-NE425S01 Datasheet
57Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3512S02 RENESAS-NE3512S02 Datasheet
200Kb / 11P
   C TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE425S01 NEC-NE425S01_98 Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE325S01 CEL-NE325S01 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE325S01 NEC-NE325S01 Datasheet
60Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE429M01 NEC-NE429M01 Datasheet
50Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com