Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE434S01-T1B Datasheet(PDF) 1 Page - California Eastern Labs

Part # NE434S01-T1B
Description  C BAND SUPER LOW NOISE HJ FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE434S01-T1B Datasheet(HTML) 1 Page - California Eastern Labs

  NE434S01-T1B Datasheet HTML 1Page - California Eastern Labs NE434S01-T1B Datasheet HTML 2Page - California Eastern Labs NE434S01-T1B Datasheet HTML 3Page - California Eastern Labs NE434S01-T1B Datasheet HTML 4Page - California Eastern Labs NE434S01-T1B Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DESCRIPTION
The NE434S01 is a Hetero-Junction FET that uses the junction
between Si-doped AlGaAs and undoped InGaAs to create very
high mobility electrons. Its excellent low noise and high asso-
ciated gain make it suitable for TVRO and other commercial
systems.
PART NUMBER
NE434S01
PACKAGE OUTLINE
S01
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
IGSO
Gate to Source Leak Current, VGS = -3.0 V
µA
0.5
10
IDSS
Saturated Drain Current, VDS = 2.0 V, VGS = 0 V
mA
20
80
150
VGS(off)
Gate to Source Cutoff Voltage, VDS = 2.0 V, ID = 100
µA,
V
-0.2
-0.9
-2.5
gm
Transconductance, VDS = 2.0 V, ID = 14 mA
mS
70
85
NF1
Noise Figure, VDS = 2.0 V, ID = 15 mA, f = 4 GHz
dB
0.35
0.45
GA1
Associated Gain, VDS = 2.0 V, ID = 15 mA, f = 4 GHz
dB
13.0
15.5
NE434S01
FEATURES
• VERY LOW NOISE FIGURE:
0.35 dB TYP at 4 GHz
• HIGH ASSOCIATED GAIN:
15.5 dB TYP at 4 GHz
• GATE WIDTH: 280
µm
• TAPE & REEL PACKAGING OPTION AVAILABLE
• LOW COST PLASTIC PACKAGE
ELECTRICAL CHARACTERISTICS (TA = 25°C)
MAXIMUM AVAILABLE GAIN, FORWARD
INSERTION GAIN vs. FREQUENCY
Frequency, f (GHz)
C BAND SUPER LOW NOISE HJ FET
California Eastern Laboratories
24
20
16
12
8
4
12
4
6
8 10
14
20 30
VDS = 2 V
ID = 10 mA
MSG.
MAG.
|S21S|2
PRELIMINARY DATA SHEET
Note:
1. Typical values of noise figures and associated gain are those obtained when 50% of the devices from a large number of lots were individually
measured in a circuit with the input individually tuned to obtain the minimum value. Maximum values are criteria established on the production
line as a "go-no-go" screening tuned for the "generic" type but not each specimen.
SYMBOLS
CHARACTERISTIC
UNITS
MIN TYP MAX
VDS
Drain to Source Voltage
V
2
2.5
ID
Drain Current
mA
15
20
PIN
Input Power
dBM
0
RECOMMENDED
OPERATING CONDITIONS (TA = 25°C)


Similar Part No. - NE434S01-T1B

ManufacturerPart #DatasheetDescription
logo
NEC
NE434S01-T1B NEC-NE434S01-T1B Datasheet
77Kb / 12P
   C BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE434S01-T1B NEC-NE434S01-T1B Datasheet
41Kb / 5P
   C BAND SUPER LOW NOISE HJ FET
More results

Similar Description - NE434S01-T1B

ManufacturerPart #DatasheetDescription
logo
NEC
NE334S01 NEC-NE334S01_00 Datasheet
46Kb / 6P
   C BAND SUPER LOW NOISE HJ FET
NE434S01 NEC-NE434S01_98 Datasheet
41Kb / 5P
   C BAND SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE334S01 CEL-NE334S01 Datasheet
46Kb / 6P
   C BAND SUPER LOW NOISE HJ FET
logo
NEC
NE434S01 NEC-NE434S01 Datasheet
77Kb / 12P
   C BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE334S01 NEC-NE334S01 Datasheet
74Kb / 12P
   C BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE23300 CEL-NE23300 Datasheet
58Kb / 5P
   SUPER LOW NOISE HJ FET
NE33284 CEL-NE33284 Datasheet
54Kb / 5P
   SUPER LOW NOISE HJ FET
NE33200 CEL-NE33200 Datasheet
87Kb / 7P
   SUPER LOW NOISE HJ FET
logo
NEC
NE33284A NEC-NE33284A_98 Datasheet
53Kb / 5P
   SUPER LOW NOISE HJ FET
NE33200N NEC-NE33200N Datasheet
85Kb / 7P
   SUPER LOW NOISE HJ FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com