Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE25139U71 Datasheet(PDF) 7 Page - California Eastern Labs

Part # NE25139U71
Description  GENERAL PURPOSE DUAL-GATE GaAS MESFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE25139U71 Datasheet(HTML) 7 Page - California Eastern Labs

  NE25139U71 Datasheet HTML 1Page - California Eastern Labs NE25139U71 Datasheet HTML 2Page - California Eastern Labs NE25139U71 Datasheet HTML 3Page - California Eastern Labs NE25139U71 Datasheet HTML 4Page - California Eastern Labs NE25139U71 Datasheet HTML 5Page - California Eastern Labs NE25139U71 Datasheet HTML 6Page - California Eastern Labs NE25139U71 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
KS21
MAG1
(dB)
(dB)
Note:
1. Gain Calculations:
PART
AVAILABILITY
IDSS RANGE
MARKING
NUMBER
(mA)
NE25139
Bulk up to 3K
5 - 40
NE25139-T1
3K/Reel
5 - 40
NE25139U71
Bulk up to 3K
5 - 15
U71
NE25139T1U71
3K/Reel
5 - 15
U71
NE25139U72
Bulk up to 3K
10 - 25
U72
NE25139T1U72
3K/Reel
10 - 25
U72
NE25139U73
Bulk up to 3K
20 - 35
U73
NE25139T1U73
3K/Reel
20 - 35
U73
NE25139U74
Bulk up to 3K
30 - 40
U74
NE25139T1U74
3K/Reel
30 - 40
U74
ORDERING INFORMATION
OUTLINE DIMENSIONS (Units in mm)
PACKAGE OUTLINE 39
(SOT-143)
NE25139
VDS = 5 V, VG2S = 1 V, ID = 10 mA
Coordinates in Ohms
Frequency in GHz
(VDS = 5 V, VG2S = 1 V, ID = 10 mA)
TYPICAL COMMON SOURCE SCATTERING PARAMETERS (TA = 25°C)
FREQUENCY
S11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.1
.99
-3
2.36
177
.001
87
.97
-1
0.2
.99
-7
2.39
169
.001
85
.98
-3
0.3
.99
-9
2.31
164
.002
82
.98
-3
0.4
.98
-13
2.23
160
.002
82
.97
-6
0.5
.97
-16
2.42
158
.003
81
.99
-6
0.6
.97
-19
2.30
150
.003
81
.96
-8
0.7
.96
-22
2.33
146
.004
80
.99
-9
0.8
.95
-25
2.23
142
.005
79
.96
-9
0.9
.94
-29
2.45
137
.005
79
.99
-13
1.0
.92
-29
2.30
131
.006
78
.97
-11
1.1
.91
-35
2.35
126
.006
78
.98
-15
1.2
.88
-35
2.37
124
.006
78
.99
-13
0.47
5.83
2.9
0.51
5.7
32.8
0.70
5.6
32.8
1.14
5.6
27.5
1.18
5.6
24.2
1.49
5.6
22.6
2.03
5.5
19.2
2.21
3.6
16.6
1.34
3.0
17.2
0.32
2.9
17.8
0.04
2.1
15.1
0.07
1.6
14.6
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
MAG = Maximum Available Gain, MSG = Maximum Stable Gain
NE25139
2.8
+0.2
-0.3
+0.10
-0.05
(LEADS 2, 3, 4)
0.6
+0.10
-0.05
0.16
+0.10
-0.06
0.8
1.1
+0.2
-0.1
1
2
3
0 to 0.1
4
0.4
2.9
± 0.2 0.95
0.85
1.9
1.5
+0.2
-0.1
Note: All dimensions are typical unless otherwise specified.
PIN
CONNECTIONS
1. Source
2. Drain
3. Gate 2
4. Gate 1
j250
j150
j100
j50
j25
j10
0
-j10
-j25
-j50
-j100
-j150
-j250
S11
.1 GHz
S22
.1 GHz
S22
4 GHz
S11
4 GHz
10
25
50
100 150 250
+90
˚
+60
˚
+30
˚
+120
˚
+150
˚
-150
˚
-120
˚
-90
˚
-60
˚
-30
˚
0
˚
+180
˚
S21
1.2 GHz
S21
.25
1.0
1.5
2.0
2.5
.20
.15
.10
.5
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES • Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only) • Internet: http://WWW.CEL.COM
8/98
DATA SUBJECT TO CHANGE WITHOUT NOTICE


Similar Part No. - NE25139U71

ManufacturerPart #DatasheetDescription
logo
NEC
NE25139U71 NEC-NE25139U71 Datasheet
54Kb / 7P
   GENERAL PURPOSE DUAL-GATE GaAS MESFET
More results

Similar Description - NE25139U71

ManufacturerPart #DatasheetDescription
logo
NEC
NE25337 NEC-NE25337 Datasheet
160Kb / 5P
   GENERAL PURPOSE DUAL-GATE GaAs MESFET
NE25139 NEC-NE25139 Datasheet
54Kb / 7P
   GENERAL PURPOSE DUAL-GATE GaAS MESFET
NE25339 NEC-NE25339 Datasheet
48Kb / 6P
   GENERAL PURPOSE DUAL-GATE GaAs MESFET
NE25137 NEC-NE25137 Datasheet
186Kb / 5P
   GENERAL PURPOSE DUAL GATE GAAS MESFET
logo
California Eastern Labs
NE25118 CEL-NE25118 Datasheet
51Kb / 4P
   GENERAL PURPOSE DUAL-GATE GaAS MESFET
logo
NEC
NE25118 NEC-NE25118 Datasheet
45Kb / 4P
   GENERAL PURPOSE DUAL-GATE GaAS MESFET
NE76100 NEC-NE76100_99 Datasheet
53Kb / 8P
   GENERAL PURPOSE GaAs MESFET
logo
Infineon Technologies A...
CFY27 INFINEON-CFY27 Datasheet
572Kb / 8P
   HiRel Ku-Band GaAs General Purpose MESFET
September 99
logo
NEC
NE76184AS NEC-NE76184AS Datasheet
52Kb / 4P
   GENERAL PURPOSE L TO X-BAND GaAs MESFET
NE721S01 NEC-NE721S01 Datasheet
32Kb / 5P
   GENERAL PURPOSE L TO X-BAND GaAs MESFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com