Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE32584C-S Datasheet(PDF) 2 Page - California Eastern Labs

Part # NE32584C-S
Description  ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE32584C-S Datasheet(HTML) 2 Page - California Eastern Labs

  NE32584C-S Datasheet HTML 1Page - California Eastern Labs NE32584C-S Datasheet HTML 2Page - California Eastern Labs NE32584C-S Datasheet HTML 3Page - California Eastern Labs NE32584C-S Datasheet HTML 4Page - California Eastern Labs NE32584C-S Datasheet HTML 5Page - California Eastern Labs NE32584C-S Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NE32584C
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
TYPICAL NOISE PARAMETERS (TA = 25°C)
VDS = 2 V, ID = 10 mA
SYMBOLS
PARAMETERS
UNITS
RATINGS
VDS
Drain to Source Voltage
V
4.0
VGS
Gate to Source Voltage
V
-3.0
IDS
Drain Current
mA
IDSS
IGRF
Gate Current
µA
100
TCH
Channel Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to +150
PT
Total Power Dissipation
mW
165
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
Ambient Temperature, TA (
°C)
TYPICAL PERFORMANCE CURVES (TA = 25°C)
Note:
1. Operation in excess of any one of these parameters may result in
permanent damage.
FREQ.
NFOPT
GA
ΓOPT
(GHz)
(dB)
(dB)
MAG
ANG
Rn/50
2
0.29
20.0
0.86
22
0.27
4
0.30
18.3
0.76
45
0.25
6
0.33
16.5
0.69
70
0.18
8
0.36
15.0
0.63
96
0.11
10
0.40
13.6
0.59
122
0.08
12
0.45
12.5
0.54
147
0.04
14
0.54
12.0
0.48
171
0.04
16
0.68
11.8
0.40
-165
0.05
18
0.85
11.5
0.31
-144
0.06
NOISE FIGURE AND ASSOCIATED GAIN
vs. FREQUENCY
Drain Current, ID (mA)
Frequency, f (GHz)
NOISE FIGURE AND ASSOCIATED GAIN
vs. DRAIN CURRENT
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
Drain to Source Voltage, VDS (V)
200
150
100
50
0
50
100
150
200
VGS = 0 V
-0.2 V
-0.4 V
-0.8 V
-0.6 V
100
80
60
40
20
0
1.5
3.0
1.0
0.5
0
12
46
8 10
14
20
30
24
20
16
12
8
4
GA
NF
VDS = 2 V
ID = 10 mA
VDS = 2 V
f = 12 GHz
GA
NF
2.0
1.5
1.0
0.5
0
10
20
30
14
13
12
11
10


Similar Part No. - NE32584C-S

ManufacturerPart #DatasheetDescription
logo
NEC
NE32584C-S NEC-NE32584C-S Datasheet
57Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE32584C-SL NEC-NE32584C-SL Datasheet
73Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results

Similar Description - NE32584C-S

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE24283B CEL-NE24283B Datasheet
49Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE321000 CEL-NE321000_01 Datasheet
135Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE32400 NEC-NE32400_98 Datasheet
55Kb / 5P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
California Eastern Labs
NE321000 CEL-NE321000 Datasheet
141Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE32684A NEC-NE32684A Datasheet
194Kb / 5P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
California Eastern Labs
NE24200 CEL-NE24200 Datasheet
47Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE32484A NEC-NE32484A_98 Datasheet
55Kb / 5P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE32984D NEC-NE32984D Datasheet
51Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE32584C NEC-NE32584C_98 Datasheet
57Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE24200 NEC-NE24200_00 Datasheet
46Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET (SPACE QUALIFIED)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com