Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE38018 Datasheet(PDF) 8 Page - California Eastern Labs

Part # NE38018
Description  GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE38018 Datasheet(HTML) 8 Page - California Eastern Labs

  NE38018 Datasheet HTML 1Page - California Eastern Labs NE38018 Datasheet HTML 2Page - California Eastern Labs NE38018 Datasheet HTML 3Page - California Eastern Labs NE38018 Datasheet HTML 4Page - California Eastern Labs NE38018 Datasheet HTML 5Page - California Eastern Labs NE38018 Datasheet HTML 6Page - California Eastern Labs NE38018 Datasheet HTML 7Page - California Eastern Labs NE38018 Datasheet HTML 8Page - California Eastern Labs NE38018 Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
NE38018
NE38018 NONLINEAR MODEL
Parameters
Q1
Parameters
Q1
VTO
-0.5935
RG
2.5
VTOSC
0
RD
3
ALPHA
7
RS
1.5
BETA
1.14
RGMET
0
GAMMA
0.044
KF
0
GAMMADC
0.03
AF
1
Q
3.5
TNOM
27
DELTA
0
XTI
3
VBI
0.8
EG
1.43
IS
1e-14
VTOTC
0
N
1.3
BETATCE
0
RIS
2.3
FFE
1
RID
2.3
TAU
1e-12
CDS
0.1e-12
RDB
5000
CBS
1e-11
CGSO
1.2e-12
CGDO
0.145e-12
DELTA 1
0.3
DELTA 2
0.2
FC
0.5
VBR
Infinity
SCHEMATIC
FET NONLINEAR MODEL PARAMETERS (1)
(1) Series IV Libra TOM Model
CGD_PKG
0.003pF
DRAIN
LD_PKG
LS
0.28nH
LS_PKG
0.05nH
CDS_PKG
0.15pF
CDX
0.04pF
CCG_PKG
0.12pF
CGX
0.12pF
SOURCE
0.1nH
0.87nH
LD
Q1
LG
LG_PKG
GATE
0.55nH
0.7nH
Parameter
Units
time
seconds
capacitance
farads
inductance
henries
resistance
ohms
voltage
volts
current
amps
UNITS
MODEL RANGE
Frequency:
0.5 to 12 GHz
Bias:
VDS = 2 V to 3 V, ID = 10 mA to 40 mA
IDSS = 97 mA @ VGS = 0 V, VDS = 2 V
Power:
VDS = 2 V, ID = 20 mA, 2 GHz
Date:
4/98


Similar Part No. - NE38018

ManufacturerPart #DatasheetDescription
logo
NEC
NE38018 NEC-NE38018 Datasheet
94Kb / 16P
   L to S BAND LOW NOISE AMPLIFER N-CHANNEL HJ-FET
NE38018 NEC-NE38018 Datasheet
67Kb / 9P
   GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)
logo
Renesas Technology Corp
NE38018 RENESAS-NE38018 Datasheet
236Kb / 13P
   Hetero Junction Field Effect transistor
2003
logo
NEC
NE38018-T1 NEC-NE38018-T1 Datasheet
94Kb / 16P
   L to S BAND LOW NOISE AMPLIFER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE38018-T1 RENESAS-NE38018-T1 Datasheet
236Kb / 13P
   Hetero Junction Field Effect transistor
2003
More results

Similar Description - NE38018

ManufacturerPart #DatasheetDescription
logo
NEC
NE38018 NEC-NE38018_00 Datasheet
67Kb / 9P
   GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)
logo
California Eastern Labs
NE34018 CEL-NE34018 Datasheet
200Kb / 10P
   GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)
NE3509M04 CEL-NE3509M04_06 Datasheet
284Kb / 9P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3510M04 RENESAS-NE3510M04 Datasheet
216Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE34018 NEC-NE34018 Datasheet
114Kb / 16P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3508M04 RENESAS-NE3508M04 Datasheet
213Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3509M14 RENESAS-NE3509M14_15 Datasheet
219Kb / 12P
   N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04 Datasheet
1Mb / 11P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3509M04 RENESAS-NE3509M04 Datasheet
217Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3509M14 RENESAS-NE3509M14 Datasheet
208Kb / 12P
   N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com