Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE72218-T1 Datasheet(PDF) 1 Page - California Eastern Labs

Part # NE72218-T1
Description  C TO X BAND N-CHANNEL GaAs MESFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE72218-T1 Datasheet(HTML) 1 Page - California Eastern Labs

  NE72218-T1 Datasheet HTML 1Page - California Eastern Labs NE72218-T1 Datasheet HTML 2Page - California Eastern Labs NE72218-T1 Datasheet HTML 3Page - California Eastern Labs NE72218-T1 Datasheet HTML 4Page - California Eastern Labs NE72218-T1 Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PART NUMBER
NE72218
PACKAGE OUTLINE
18
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
Gs
Power Gain at VDS = 3 V, ID = 30 mA, f = 12 GHz
dB
5.0
P1dB
Output Power at 1 dB Gain Compression Point at
VDS = 3 V, ID = 30 mA, f = 12 GHz
dBm
15.0
PN
Phase Noise at VDS = 3 V, ID = 30 mA, f = 11 GHz, 100 KHz offset dBc/Hz
-110
Phase Noise at VDS = 3 V, ID = 30 mA, f = 11 GHz, 10 KHz offset
dBc/Hz
-90
gm
Transconductance at VDS = 3 V, ID = 30 mA
mS
20
45
IDSS
Saturated Drain Current at VDS = 3 V, VGS = 0 V
mA
30
60
120
VGS (OFF)
Gate to Source Cut Off Voltage at VDS = 3 V, ID = 100
µA
V
-0.5
-2.0
-4.0
IGSO
Gate to Source Leakage Current at VGS = -5 V
µA
1.0
10
NE72218
C TO X BAND N-CHANNEL GaAs MESFET
HIGH POWER GAIN:
Gs = 5.0 dB TYP at f = 12 GHz
LOW PHASE NOISE:
-110 dBc/Hz TYP at 100 KHz offset at f = 11 GHz
GATE LENGTH: LG = 0.8
µm (recessed gate)
GATE WIDTH: WG = 400
µm
4 PIN SUPER MINI MOLD: (SOT-343)
TAPE & REEL PACKAGING
FEATURES
PACKAGE DIMENSIONS (Units in mm)
PACKAGE OUTLINE 18
ELECTRICAL CHARACTERISTICS (TA = 25°C)
PIN CONNECTIONS
1. Source
2. Gate
3. Source
4. Drain
California Eastern Laboratories
DESCRIPTION
The NE72218 is a low cost GaAs MESFET suitable for both
amplifier and oscillator applications through X-band.
The
device features a 0.8 micron recessed gate, triple epitaxial
technology and is fabricated using ion implantation for im-
proved RF and DC performance, reliability and uniformity. The
NE72218 is housed in a 4 pin super mini mold package, making
it ideal for high density design.
NEC's stringent quality assurance and test procedures ensure
the highest reliability performance.
2.1
± 0.2
1.25
± 0.1
1
2
3
0.3
0.3
0.9
± 0.1
0 to 0.1
0.15
+0.10
-0.05
2.0
± 0.2
4
0.4
+0.10
-0.05
1.3
+0.10
-0.05
0.65
0.65
0.60
0.65
1.25


Similar Part No. - NE72218-T1

ManufacturerPart #DatasheetDescription
logo
NEC
NE72218-T1 NEC-NE72218-T1 Datasheet
60Kb / 8P
   C to X BAND AMPLIFIER C to X BAND OSC N-CHANNEL GaAs MES FET
More results

Similar Description - NE72218-T1

ManufacturerPart #DatasheetDescription
logo
NEC
NE72118 NEC-NE72118 Datasheet
46Kb / 4P
   C TO X BAND AMPLIFIER C TO X BAND OSC N-CHANNEL GaAs MESFET
NEZ4450-15BD NEC-NEZ4450-15BD Datasheet
240Kb / 6P
   C-BAND POWER GAAS MESFET
logo
California Eastern Labs
NE850R59 CEL-NE850R59 Datasheet
22Kb / 2P
   C-BAND MEDIUM POWER GaAs MESFET
logo
NEC
NE72218 NEC-NE72218 Datasheet
60Kb / 8P
   C to X BAND AMPLIFIER C to X BAND OSC N-CHANNEL GaAs MES FET
logo
California Eastern Labs
NE8500100 CEL-NE8500100 Datasheet
64Kb / 4P
   C-BAND MEDIUM POWER GaAs MESFET
logo
Infineon Technologies A...
CLY32 INFINEON-CLY32 Datasheet
574Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
CLY35 INFINEON-CLY35 Datasheet
571Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
CLX30 INFINEON-CLX30 Datasheet
640Kb / 9P
   HiRel X-Band GaAs Power-MESFET
September 99
CLX32 INFINEON-CLX32 Datasheet
635Kb / 9P
   HiRel X-Band GaAs Power-MESFET
September 99
logo
NEC
NE76184AS NEC-NE76184AS Datasheet
52Kb / 4P
   GENERAL PURPOSE L TO X-BAND GaAs MESFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com