Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE650496 Datasheet(PDF) 1 Page - California Eastern Labs

Part # NE650496
Description  L&S BAND MEDIUM POWER GaAs MESFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE650496 Datasheet(HTML) 1 Page - California Eastern Labs

  NE650496 Datasheet HTML 1Page - California Eastern Labs NE650496 Datasheet HTML 2Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ELECTRICAL CHARACTERISTICS (TC = 25°C)
PART NUMBER
NE6500496
SYMBOLS
CHARACTERISTICS
UNITS
MIN
TYP
MAX
TEST CONDITIONS
POUT
Power Out at Fixed Input Power
dBm
35.5
36.0
PIN = 26.0 dBm
GL
Linear Gain
dB
11.0
11.5
VDS = 10 V; IDSQ = 400 mA
ηADD
Power Added Efficiency
%
45
f = 2.3 GHz; RG = 200
IDS
Drain Source Current
A
0.8
IDSS
Saturated Drain Current
A
1.0
2.3
3.5
VDS = 2.5 V; VGS = 0 V
VP
Pinch-off Voltage
V
-3.5
-2.0
-0.5
VDS = 2.5 V; IDS = 15 mA
gm
Transconductance
mS
1300
VDS = 2.5 V; IDS = 1 mA
RTH
Thermal Resistance
°C/W
5.0
6.0
Channel to Case
FEATURES
• HIGH OUTPUT POWER: 4 W
• HIGH LINEAR GAIN: 11.5 dB
• HIGH EFFICIENCY (PAE): 45%
• INDUSTRY STANDARD PACKAGING
California Eastern Laboratories
L&S BAND MEDIUM POWER GaAs MESFET
ABSOLUTE MAXIMUM RATINGS
(TC= 25
°C unless otherwise noted)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VDSX
Drain to Source Voltage
V
15
VGDX
Gate to Drain Voltage
V
-18
VGSX
Gate to Source Voltage
V
-12
IDS
Drain Current
A
4.5
IGS
Gate Current
mA
25
PT
Total Power Dissipation
W
25
TCH
Channel Temperature
°C
175
TSTG
Storage Temperature
°C
-65 to +175
NE6500496
SYMBOLS
PARAMETERS
UNITS MIN
TYP MAX
VDS
Drain to Source Voltage
V
10
10
TCH
Channel Temperature
°C
130
GCOMP
Gain Compression
dB
3.0
RG
Gate Resistance
200
RECOMMENDED OPERATING LIMITS
DESCRIPTION
The NE6500496 is a medium power GaAs MESFET designed
for up to a 4 W output stage or as a driver for high power
devices. The device has no internal matching and can be used
from UHF frequencies up to 3.0 GHz. The chips used in this
series offer superior reliability and consistent performance for
which NEC microwave semiconductors are known.
The NE6500496 Transistors are manufactured to NEC's strin-
gent quality assurance standards to ensure highest reliability
and consistent superior performance.
OUTLINE DIMENSIONS (Units in mm)
PACKAGE OUTLINE 96
4.0 MIN BOTH LEADS
1.0
±0.1
φ2.2±0.2
4.0
±0.1
4.3
±0.2
5.2
±0.3
0.6
±0.1
11.0
±0.15
15.0
±0.3
0.1
0.2 MAX
1.7
±0.15
6.0
±0.2
1.2
5.0 MAX
5.2
±0.3
+.06
-.02
Gate
Drain
Source


Similar Part No. - NE650496

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE6500179A RENESAS-NE6500179A Datasheet
176Kb / 10P
   N-CHANNEL GaAs MES FET
2001
NE6500179A-T1 RENESAS-NE6500179A-T1 Datasheet
176Kb / 10P
   N-CHANNEL GaAs MES FET
2001
NE6500278 RENESAS-NE6500278 Datasheet
192Kb / 14P
   GaAs MES FET
1997
NE6500278-E3 RENESAS-NE6500278-E3 Datasheet
192Kb / 14P
   GaAs MES FET
1997
logo
NEC
NE6500379 NEC-NE6500379 Datasheet
88Kb / 8P
   3W L, S-BAND POWER GaAs MESFET
More results

Similar Description - NE650496

ManufacturerPart #DatasheetDescription
logo
NEC
NE6500496 NEC-NE6500496_00 Datasheet
33Kb / 2P
   L&S BAND MEDIUM POWER GaAs MESFET
logo
California Eastern Labs
NE6501077 CEL-NE6501077_00 Datasheet
32Kb / 2P
   L/S BAND MEDIUM POWER GaAs MESFET
NE6501077 CEL-NE6501077 Datasheet
32Kb / 2P
   L/S BAND MEDIUM POWER GaAs MESFET
NE6500379A CEL-NE6500379A Datasheet
162Kb / 7P
   3W, L/S-BAND MEDIUM POWER GaAs MESFET
logo
NEC
NE6500379A NEC-NE6500379A Datasheet
88Kb / 8P
   3W L, S-BAND POWER GaAs MESFET
logo
California Eastern Labs
NE650103M CEL-NE650103M Datasheet
259Kb / 7P
   10 W L & S-BAND POWER GaAs MESFET
NE850R59 CEL-NE850R59 Datasheet
22Kb / 2P
   C-BAND MEDIUM POWER GaAs MESFET
logo
NEC
NE9000 NEC-NE9000 Datasheet
71Kb / 5P
   Ku-BAND MEDIUM POWER GaAs MESFET
logo
California Eastern Labs
NE8500100 CEL-NE8500100 Datasheet
64Kb / 4P
   C-BAND MEDIUM POWER GaAs MESFET
logo
NEC
NE850R599A NEC-NE850R599A Datasheet
19Kb / 2P
   C-BAND MEDIUM POWER GaAs MESFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com