Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB48C90RAU Datasheet(PDF) 1 Page - Panasonic Battery Group

Part # SB48C90RAU
Description  SPECIFICATION OF MATSUSHITA COMPRESSOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

SB48C90RAU Datasheet(HTML) 1 Page - Panasonic Battery Group

  SB48C90RAU Datasheet HTML 1Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECIFICATION OF MATSUSHITA COMPRESSOR
Model:
SB48C90RAU6
115V 60Hz
No. : SB048UERSA0A
Application:
Evaporating temp. range:
Low back pressure
-35 to -5 °C (-31 to 23 °F)
Refrigerant:
Refrigerant control:
R134a (CF3 CH2F)
Capillary tube
Design type:
Motor type:
Reciprocating connecting rod
RSCR, PTC relay
Compressor cooling:
Voltage range:
Static cooling
103 to 127V, 60Hz
Capacity *
W
±7%
133
*Test conditions
kcal/h
±7%
114
Evaporating temp.:
Btu/h
±7%
454
-23.3°C
(-10°F)
Motor input *
W
114
Condensing temp.:
Current *
A
1.01
54.4°C
(130°F)
C.O.P. *
±10%
1.17
Ambient temp.:
E.E.R. *
Btu/Wh
±10%
3.98
32.2°C
(90°F)
Gas superheated to:
Displacement
cm
3
4.85
32.2°C
(90°F)
in
3
0.296
Liquid subcooled to:
Oil charge
cm
3
±5
195
32.2°C
(90°F)
in
3
±0.3
11.9
Comp. shell temp.:
Weight (with oil)
kg
7.1
76°C
(170°F)
lbs
15.6
Power source:
Rated current
A
1.11
115V
60Hz
Starting current
A
14.7
Oil:
Winding resistance
M
ohm
4.08
VG22
(T: 20°C 68°F)
S
ohm
8.20
High potential test
V/s
1400
Approved oils:
Residual moisture
mg max.
120
FREOL
alpha22,22E
Impurities
mg max.
7
ICI
RL22HLN, 22H
Motor protector model
4TM302MHBYY
5TM302MHBYY
Note:
#1
Texas Instruments
Texas Instruments
Opening temperature
°C
±5
115
115
#1: Although these components have
°F
±9
239
239
passed test for use with this
Closing temperature
°C
±9
69
69
compressor, Matsushita assumes no
°F
±16
156
156
responsibility whatsoever for these or
Trip current
A
±7.5%
2.13
2.13
any other components sourced by the
(T: 70°C 158°F)
refrigerator manufacturer from third
Trip current
A
10.5
10.5
parties.
(T: 25°C 77°F,
t: 16 s max)
PTC relay model
#1
7M4R7M
Murata Manufacturing co., Ltd.
Resistance
ohm
±20%
4.7
(T: 25°C 77°F)
Power consumption
W max.
3.0
## Where tolerances are not indicated,
Operating time
s
0.7 to 2.2
data is shown for reference only.
Recovery time
s max.
70
DATE:
Jan.10.2003
DATE:
Jan.10.2003
Starting capacitor
#1
- microF.
- V min.
Running capacitor #1
15 microF. 180 V min.
APPROVED BY
PREPARED BY
MATSUSHITA REFRIGERATION COMPANY
COMPRESSOR DIVISION
S.TAKAHASHI
Y.MUKAI
Qshell SB048UERSA0A.xls


Similar Part No. - SB48C90RAU

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
SB48S12-8.3 DATEL-SB48S12-8.3 Datasheet
185Kb / 1P
   Sixteenth-Brick 100-Watt, 12 Volts Output
SB48S15-5.5 DATEL-SB48S15-5.5 Datasheet
185Kb / 1P
   Sixteenth-Brick 82.5-Watt, 15 Volts Output
SB48S2.5-20 DATEL-SB48S2.5-20 Datasheet
185Kb / 1P
   Sixteenth-Brick 50-Watt, 2.5 Volts Output
SB48S3.3-20 DATEL-SB48S3.3-20 Datasheet
185Kb / 1P
   Sixteenth-Brick 66-Watt, 3.3 Volts Output
SB48S5-20 DATEL-SB48S5-20 Datasheet
185Kb / 1P
   Sixteenth-Brick 100-Watt, 5 Volts Output
More results

Similar Description - SB48C90RAU

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
SB30C50GAU PANASONICBATTERY-SB30C50GAU Datasheet
49Kb / 1P
   SPECIFICATION OF MATSUSHITA COMPRESSOR
DHS51C73RAU PANASONICBATTERY-DHS51C73RAU Datasheet
50Kb / 1P
   SPECIFICATION OF MATSUSHITA COMPRESSOR
DHS66C10RBU PANASONICBATTERY-DHS66C10RBU Datasheet
50Kb / 1P
   SPECIFICATION OF MATSUSHITA COMPRESSOR
SB35C65GAU PANASONICBATTERY-SB35C65GAU Datasheet
52Kb / 1P
   SPECIFICATION OF MATSUSHITA COMPRESSOR
SHH48C97RAU PANASONICBATTERY-SHH48C97RAU Datasheet
49Kb / 1P
   SPECIFICATION OF MATSUSHITA COMPRESSOR
SB43C75GAU PANASONICBATTERY-SB43C75GAU Datasheet
44Kb / 1P
   SPECIFICATION OF MATSUSHITA COMPRESSOR
SB43C77RAU PANASONICBATTERY-SB43C77RAU Datasheet
44Kb / 1P
   SPECIFICATION OF MATSUSHITA COMPRESSOR
DGH66C94RAU PANASONICBATTERY-DGH66C94RAU Datasheet
50Kb / 1P
   SPECIFICATION OF MATSUSHITA COMPRESSOR
DGH57C79RAU PANASONICBATTERY-DGH57C79RAU Datasheet
50Kb / 1P
   SPECIFICATION OF MATSUSHITA COMPRESSOR
DHS57C85RAU PANASONICBATTERY-DHS57C85RAU Datasheet
60Kb / 1P
   SPECIFICATION OF MATSUSHITA COMPRESSOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com