Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC234-1004-033 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # IC234-1004-033
Description  QFP (Quad Flat Packages, Gullwing Leads)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IC234-1004-033 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  IC234-1004-033 Datasheet HTML 1Page - List of Unclassifed Manufacturers IC234-1004-033 Datasheet HTML 2Page - List of Unclassifed Manufacturers IC234-1004-033 Datasheet HTML 3Page - List of Unclassifed Manufacturers IC234-1004-033 Datasheet HTML 4Page - List of Unclassifed Manufacturers IC234-1004-033 Datasheet HTML 5Page - List of Unclassifed Manufacturers IC234-1004-033 Datasheet HTML 6Page - List of Unclassifed Manufacturers IC234-1004-033 Datasheet HTML 7Page - List of Unclassifed Manufacturers IC234-1004-033 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
SMT Devices
50 Test Solutions
Applicable Dimensions
(Quad Flat Packages, Gullwing Leads)
IC51-2084-1052-*
0.5
208
28.0 x 28.0
-
-
-
52.0 x 58.0
CL
IC51-2084-1052-1
0.5
208
28.0 x 28.0
30.0 x 30.0
29.30
-
52.0 x 58.0
CL
IC51-2084-1052-13
0.5
208
28.0 x 28.0
30.6 x 30.6
29.70
-
52.0 x 58.0
CL
IC51-2084-1052-35
0.5
208
28.0 x 28.0
31.2 x 31.2
29.95
-
52.0 x 58.0
CL
IC51-2084-1052-36
0.5
208
28.0 x 28.0
30.0 x 30.0
29.30
-
52.0 x 58.0
CL
IC51-2084-1052-9
0.5
208
28.0 x 28.0
30.6 x 30.6
29.70
-
52.0 x 58.0
CL
IC51-2084-1052-55
0.5
208
28.0 x 28.0
30.6 x 30.6
29.95
-
52.0 x 58.0
CL
IC51-2084-1509
0.5
208
27.7 x 27.7
31.2 x 31.2
29.80
-
52.0 x 58.0
CL
IC51-2084-1566
0.5
208
28.0 x 28.0
31.2 x 31.2
30.30
-
52.0 x 58.0
CL
IC217-2404-007 *
0.5
240
32.0 x 32.0
34.6 x 34.6
-
1.75
56.1 x 56.1
OT
IC234-2404-030 *
0.5
240
32.0 x 32.0
34.6 x 34.6
-
2.06
51.6 x 51.6
OT
IC51-2404-1655-2
0.5
240
32.0 x 32.0
34.6 x 34.6
33.80
-
56.0 x 62.0
CL
IC201-2564-002 *-*-2
0.5
256
28.0 x 40.0
30.6 x 40.6
-
1.50
45.6 x 57.6
OT
IC51-2724-1727
0.5
272
35.9 x 35.9
37.4 x 37.4
37.60
-
58.0 x 72.0
CL
IC201-3044-004
0.5
304
40.0 x 40.0
42.6 x 42.6
-
1.50
57.6 x 57.6
OT
IC51-3044-1471-2
0.5
304
39.95 x 39.95
42.6 x 42.6
41.90
-
66.0 x 72.0
CL
IC51-3044-1471-5
0.5
304
39.64 x 39.64
42.6 x 42.6
41.90
-
66.0 x 72.0
CL
Applicable Dimensions
C
A
E
H
E
E
G
G
H
Outline IC Body
Dimensions
Outline Clamshell
Socket Dimensions
Outline Open Top
Socket Dimensions
Part Number
Pitch
Pin
Count
IC Dimensions
Socket
Dimensions
G X H
Package
Type
CL= Clamshell
OT = Open Top
Body
A x B
Tip-to-Tip
C x D
Parallel
Clamp
E
1/2 - IC
height
F
0.50mm Pitch (continued
IC51-1004-827
0.635
100
22.86 x 22x86
22.35 x 22.35
-
-
47.5 x 34.0
OT
IC211-1324-002 *-*
0.635
132
24.10 x 24.10
28.0 x 28.0
-
-
47.4 x 47.4
OT
IC51-1324-828
0.635
132
27.94 x 27.94
27.43 x 27.43
-
-
53.5 x 40.0
OT
IC51-1964-1952
0.635
196
34.29 x 34.29
58.0 x 58.0
-
-
70.0 x 83.0
OT
0.635mm Pitch
IC51-0484-652
0.65
48
6.0 x 9.0
7.4 x 8.8
7.00
-
34.0 x 34.5
CL
QFP11T052-004 A102221*
0.65
52
10.0 x 10.0
13.2 x 13.2
13.30
-
34.0 x 37.0
CL
IC234-0564-084 *
0.65
56
10.0 x 10.0
12.8 x 12.8
-
1.50
29.3 x 29.3
OT
IC51-0564-680
0.65
56
10.0 x 10.0
13.2 x 13.2
11.80
-
34.0 x 35.5
CL
IC357-0644-077
0.65
64
12.0 x 12.0
14.0 x 14.0
-
0.6375
29.0 x 29.0
OT
IC51-0644-1586
0.65
64
12.0 x 12.0
15.3 x 15.3
13.90
-
36.0 x 39.0
CL
IC51-0644-1602
0.65
64
12.0 x 12.0
14.0 x 14.0
13.10
-
20.0 x 42.0
CL
IC51-0684-734
0.65
68
10.0 x 14.0
13.2 x 17.2
11.80 x 15.80
-
37.0 x 41.0
CL
IC201-0804-005 *-*
0.65
80
14.0 x 20.0
17.9 x 23.9
-
1.22
32.9 x 38.9
OT
IC201-0804-012 *-*
0.65
80
14.0 x 14.0
17.2 x 17.2
-
0.92
29.2 x 32.2
OT
IC234-0804-019 *
0.65
80
14.0 x 14.0
16.8 x 16.8
-
1.35
32.2 x 32.2
OT
IC357-0804-003
0.65
80
14.0 x 14.0
17.2 x 17.2
-
0.50
31.9 x 31.9
OT
0.65mm Pitch


Similar Part No. - IC234-1004-033

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
IC234-1004-033 YAMAICHI-IC234-1004-033 Datasheet
593Kb / 6P
   Series Overview QFP (Quad Flat Packages, Gullwing Leads)
More results

Similar Description - IC234-1004-033

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
IC51-0484-806 YAMAICHI-IC51-0484-806 Datasheet
593Kb / 6P
   Series Overview QFP (Quad Flat Packages, Gullwing Leads)
logo
List of Unclassifed Man...
IC189-0162-019 ETC2-IC189-0162-019 Datasheet
444Kb / 7P
   SOP (Small Outline Packages, Gullwing Leads)
logo
Amkor Technology
LQFP AMKOR-LQFP Datasheet
656Kb / 2P
   Low Profile Quad Flat Pack (LQFP) Packages
logo
List of Unclassifed Man...
PDB-C168 ETC1-PDB-C168 Datasheet
89Kb / 1P
   Plastic Photodiode Packages with Leads
logo
Advanced Photonix, Inc.
PDB-C156 ADVANCEDPHOTONIX-PDB-C156 Datasheet
87Kb / 1P
   Plastic Photodiode Packages with Leads
PDB-C142 ADVANCEDPHOTONIX-PDB-C142 Datasheet
91Kb / 1P
   Plastic Photodiode Packages with Leads
PDB-C145 ADVANCEDPHOTONIX-PDB-C145 Datasheet
89Kb / 1P
   Plastic Photodiode Packages with Leads
PDB-C168 ADVANCEDPHOTONIX-PDB-C168 Datasheet
89Kb / 1P
   Plastic Photodiode Packages with Leads
PDB-C144 ADVANCEDPHOTONIX-PDB-C144 Datasheet
102Kb / 1P
   Plastic Photodiode Packages with Leads
PDB-C158 ADVANCEDPHOTONIX-PDB-C158 Datasheet
92Kb / 1P
   Plastic Photodiode Packages with Leads
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com