Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V480LA80B Datasheet(PDF) 7 Page - Littelfuse

Part # V480LA80B
Description  Line Voltage Operation, Radial Lead
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V480LA80B Datasheet(HTML) 7 Page - Littelfuse

Back Button V480LA80B Datasheet HTML 3Page - Littelfuse V480LA80B Datasheet HTML 4Page - Littelfuse V480LA80B Datasheet HTML 5Page - Littelfuse V480LA80B Datasheet HTML 6Page - Littelfuse V480LA80B Datasheet HTML 7Page - Littelfuse V480LA80B Datasheet HTML 8Page - Littelfuse V480LA80B Datasheet HTML 9Page - Littelfuse V480LA80B Datasheet HTML 10Page - Littelfuse V480LA80B Datasheet HTML 11Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
2
Varistor Products
73
www .littelfuse .com
Line Voltage Operation, Radial Lead
LA Varistor Series
Pulse Rating Curves
FIGURE 14. SURGE CURRENT RATING CURVES FOR
V130LA1 - V480LA7
FIGURE 15. SURGE CURRENT RATING CURVES FOR
V130LA5 - V660LA10
FIGURE 16. SURGE CURRENT RATING CURVES FOR
V130LA10A - V320LA20A
FIGURE 17. SURGE CURRENT RATING CURVES FOR
V385LA20A - V1000LA80A
FIGURE 18. SURGE CURRENT RATING CURVES FOR
V130LA20A - V320LA40B
FIGURE 19. SURGE CURRENT RATING CURVES FOR
V385LA40B - V1000LA160B
2,000
1,000
200
100
50
20
10
5
1
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
102
104
105
106
MODEL SIZE 7mm
V130LA1 -V480LA7
103
INDEFINITE
5,000
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
104
105
106
MODEL SIZE 10mm
V130LA5 -V660LA10
103
INDEFINITE
1,000
102
5,000
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
104
105
106
MODEL SIZE 14mm
V130LA10A -V320LA20A
103
INDEFINITE
1,000
102
5,000
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
104
105
106
MODEL SIZE 14mm
V385LA20A -V1000LA80A
103
INDEFINITE
1,000
102
10,000
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
104
105
106
MODEL SIZE 20mm
V130LA20A -V320LA40B
103
INDEFINITE
1,000
102
10
5,000
1
10,000
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
104
105
106
MODEL SIZE 20mm
V385LA40B -V1000LA160B
103
INDEFINITE
1,000
102
10
5,000
1
NOTE: If pulse ratings are exceeded, a shift of VN(DC) (at specified current) of more than ±10% could result. This type of shift, which normally results in a decrease of VN(DC),
may result in the device not meeting the original published specifications, but does not prevent the device from continuing to function, and to provide ample protection.


Similar Part No. - V480LA80B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V480LA80B LITTELFUSE-V480LA80B Datasheet
396Kb / 10P
   Line Voltage Operation, Radial Lead
V480LA80B LITTELFUSE-V480LA80B Datasheet
222Kb / 11P
   Line Voltage Operation, Radial Lead
V480LA80B LITTELFUSE-V480LA80B Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V480LA80BP LITTELFUSE-V480LA80BP Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V480LA80BP LITTELFUSE-V480LA80BP Datasheet
833Kb / 13P
   Radial Lead Varistors
More results

Similar Description - V480LA80B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V175LS5 LITTELFUSE-V175LS5 Datasheet
309Kb / 11P
   Line Voltage Operation, Radial Lead
V575LS80 LITTELFUSE-V575LS80 Datasheet
222Kb / 11P
   Line Voltage Operation, Radial Lead
V130LA1 LITTELFUSE-V130LA1 Datasheet
396Kb / 10P
   Line Voltage Operation, Radial Lead
V130LA1P LITTELFUSE-V130LA1P Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
logo
Vicor Corporation
03040 VICOR-03040 Datasheet
100Kb / 1P
   VARISTOR, RADIAL LEAD MOV, LINE-VOLTAGE
20461 VICOR-20461 Datasheet
96Kb / 1P
   VARISTOR, RADIAL LEAD MOV, LINE-VOLTAGE
logo
Harris Corporation
V18ZA05 HARRIS-V18ZA05 Datasheet
423Kb / 12P
   Radial Lead Metal-Oxide Varistors for Low to Medium Voltage Operation
logo
Socay Electornics Co., ...
K1-076 SOCAY-K1-076 Datasheet
191Kb / 3P
   Radial Lead Transient Voltage Suppressors
KB-012 SOCAY-KB-012 Datasheet
189Kb / 4P
   Radial Lead Transient Voltage Suppressors
KD-012 SOCAY-KD-012 Datasheet
185Kb / 4P
   Radial Lead Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com