Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAM-007239 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-007239
Description  Broadband CATV Single Ended 3-Way Active Splitter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-007239 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MAAM-007239 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-007239 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-007239 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-007239 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-007239 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM-007239 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAM-007239 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAM-007239 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAM-007239 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
5
Broadband CATV Single Ended 3-Way Active Splitter
50 - 1100 MHz
Rev. V1
MAAM-007239
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves: Low Current Configuration
-40
-30
-20
-10
0
10
0
600
1200
1800
2400
3000
+25°C
-40°C
+85°C
Frequency (MHz)
0
2
4
6
8
10
0
220
440
660
880
1100
+25°C
-40°C
+85°C
Frequency (MHz)
-30
-25
-20
-15
-10
-5
0
220
440
660
880
1100
+25°C
-40°C
+85°C
Frequency (MHz)
-50
-40
-30
-20
-10
0
0
220
440
660
880
1100
+25°C
-40°C
+85°C
Frequency (MHz)
Out1 - Return Loss
Gain - OUT2
Input Return Loss
Gain - typical all ports - to 3 GHz
Gain - OUT3
Gain - OUT1
0
2
4
6
8
10
0
220
440
660
880
1100
+25°C
-40°C
+85°C
Frequency (MHz)
0
2
4
6
8
10
0
220
440
660
880
1100
+25°C
-40°C
+85°C
Frequency (MHz)


Similar Part No. - MAAM-007239

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-007239 MA-COM-MAAM-007239 Datasheet
288Kb / 9P
   Broadband CATV Single Ended 3-Way Active Splitter 50 - 1100 MHz
MAAM-007239-001SMB MA-COM-MAAM-007239-001SMB Datasheet
288Kb / 9P
   Broadband CATV Single Ended 3-Way Active Splitter 50 - 1100 MHz
MAAM-007239-001SMB MA-COM-MAAM-007239-001SMB Datasheet
924Kb / 10P
   Broadband CATV Single Ended 3-Way Active Splitter
MAAM-007239-001SMB MA-COM-MAAM-007239-001SMB Datasheet
970Kb / 10P
   Broadband CATV Single Ended 3-Way Active Splitter
MAAM-007239-002SMB MA-COM-MAAM-007239-002SMB Datasheet
288Kb / 9P
   Broadband CATV Single Ended 3-Way Active Splitter 50 - 1100 MHz
More results

Similar Description - MAAM-007239

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-008819 MA-COM-MAAM-008819 Datasheet
212Kb / 6P
   Broadband CATV Single Ended 3-Way Active Splitter
MAAM-008822 MA-COM-MAAM-008822 Datasheet
264Kb / 7P
   Broadband CATV Single Ended 3-Way Active Splitter
MAAM-007239 MA-COM-MAAM-007239_17 Datasheet
970Kb / 10P
   Broadband CATV Single Ended 3-Way Active Splitter
MAAM-007239 MA-COM-MAAM-007239_15 Datasheet
924Kb / 10P
   Broadband CATV Single Ended 3-Way Active Splitter
MAAM-009451 MA-COM-MAAM-009451_15 Datasheet
964Kb / 7P
   Broadband CATV Single Ended 3-Way Active Splitter
MAAM-009451 MA-COM-MAAM-009451 Datasheet
346Kb / 6P
   Broadband CATV Single Ended 3-Way Active Splitter
MAAM-009451 MA-COM-MAAM-009451 Datasheet
346Kb / 6P
   Broadband CATV Single Ended 3-Way Active Splitter
logo
Tyco Electronics
MAAM-008819 MACOM-MAAM-008819 Datasheet
251Kb / 6P
   Broadband CATV Single Ended 3-Way Active Splitter
logo
M/A-COM Technology Solu...
MAAM-008822 MA-COM-MAAM-008822_15 Datasheet
940Kb / 8P
   Broadband CATV Single Ended 3-Way Active Splitter
MAAM-008819 MA-COM-MAAM-008819_15 Datasheet
858Kb / 7P
   Broadband CATV Single Ended 3-Way Active Splitter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com