Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V320LA20A Datasheet(PDF) 5 Page - Littelfuse

Part # V320LA20A
Description  Line Voltage Operation, Radial Lead
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V320LA20A Datasheet(HTML) 5 Page - Littelfuse

  V320LA20A Datasheet HTML 1Page - Littelfuse V320LA20A Datasheet HTML 2Page - Littelfuse V320LA20A Datasheet HTML 3Page - Littelfuse V320LA20A Datasheet HTML 4Page - Littelfuse V320LA20A Datasheet HTML 5Page - Littelfuse V320LA20A Datasheet HTML 6Page - Littelfuse V320LA20A Datasheet HTML 7Page - Littelfuse V320LA20A Datasheet HTML 8Page - Littelfuse V320LA20A Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
2
Varistor Products
71
www .littelfuse .com
Line Voltage Operation, Radial Lead
LA Varistor Series
Transient V-I Characteristics Curves
TransientV-I Characteristics Curves
FIGURE 3. CLAMPINGVOLTAGE FOR V130LA1 - V300LA2
FIGURE 4. CLAMPINGVOLTAGE FOR V130LA2 - V300LA4
FIGURE 5. CLAMPINGVOLTAGE FOR V320LA7 - V480LA7
FIGURE 6. CLAMPINGVOLTAGE FOR V130LA5 - V420LA10
FIGURE 7. CLAMPINGVOLTAGE FOR V300LA10 - V660LA10
FIGURE 8. CLAMPINGVOLTAGE FOR V130LA10A - V320LA20A
200
6,000
5,000
4,000
3,000
1,000
900
800
700
600
500
400
300
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
2,000
103
V150LA1
V130LA1
V300LA2
V275LA2
V250LA2
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 7mm
130 TO 300VM(AC) RATING
TA = -55
oC TO 85oC
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
103
4,000
3,000
2,000
1,000
900
800
700
600
500
400
300
200
100
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 7mm
130 TO 300VM(AC) RATING
TA = -55
oC TO 85oC
V300LA4
V275LA4
V250LA4
V230LA4
V130LA2
V140LA2
V150LA2
V175LA2
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 7mm
TA = -55
oC TO 85oC
320 TO 480VM(AC) RATING
V420LA7
V385LA7
V320LA7
V460LA7
V480LA7
10-3
10-2
10-1
100
101
102
104
103
5,000
3,000
2,000
1,000
500
PEAK AMPERES (A)
200
6,000
5,000
4,000
3,000
1,000
900
800
700
600
500
400
300
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
2,000
103
V275LA10
V250LA10
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 10mm
130 TO 420VM(AC) RATING
TA = -55
oC TO 85oC
V230LA10
V420LA10
V175LA5
V130LA5
V140LA5
V150LA5
10-3
10-2
10-1
100
101
102
104
103
5,000
3,000
2,000
1,000
500
V575LA10
V510LA10
V480LA10
V385LA10
V300LA10
V320LA10
PEAK AMPERES (A)
V625LA10
V660LA10
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 10mm
TA = -55
oC TO 85oC
300 TO 660VM(AC) RATING
200
6,000
5,000
4,000
3,000
1,000
900
800
700
600
500
400
300
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
2,000
103
V275LA20A
V250LA20A
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 14mm
130 TO 320VM(AC) RATING
TA = -55
oC TO 85oC
V230LA20A
V175LA10A
V130LA10A
V140LA10A
V150LA10A
V320LA20A
V300LA20A


Similar Part No. - V320LA20A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V320LA20A LITTELFUSE-V320LA20A Datasheet
396Kb / 10P
   Line Voltage Operation, Radial Lead
V320LA20A LITTELFUSE-V320LA20A Datasheet
222Kb / 11P
   Line Voltage Operation, Radial Lead
V320LA20A LITTELFUSE-V320LA20A Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V320LA20AP LITTELFUSE-V320LA20AP Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V320LA20AP LITTELFUSE-V320LA20AP Datasheet
833Kb / 13P
   Radial Lead Varistors
More results

Similar Description - V320LA20A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V175LS5 LITTELFUSE-V175LS5 Datasheet
309Kb / 11P
   Line Voltage Operation, Radial Lead
V575LS80 LITTELFUSE-V575LS80 Datasheet
222Kb / 11P
   Line Voltage Operation, Radial Lead
V130LA1 LITTELFUSE-V130LA1 Datasheet
396Kb / 10P
   Line Voltage Operation, Radial Lead
V130LA1P LITTELFUSE-V130LA1P Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
logo
Vicor Corporation
03040 VICOR-03040 Datasheet
100Kb / 1P
   VARISTOR, RADIAL LEAD MOV, LINE-VOLTAGE
20461 VICOR-20461 Datasheet
96Kb / 1P
   VARISTOR, RADIAL LEAD MOV, LINE-VOLTAGE
logo
Harris Corporation
V18ZA05 HARRIS-V18ZA05 Datasheet
423Kb / 12P
   Radial Lead Metal-Oxide Varistors for Low to Medium Voltage Operation
logo
Socay Electornics Co., ...
K1-076 SOCAY-K1-076 Datasheet
191Kb / 3P
   Radial Lead Transient Voltage Suppressors
KB-012 SOCAY-KB-012 Datasheet
189Kb / 4P
   Radial Lead Transient Voltage Suppressors
KD-012 SOCAY-KD-012 Datasheet
185Kb / 4P
   Radial Lead Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com