Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

22-03-2091 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 22-03-2091
Description  KK짰 254 Wire-to-Board Header, Single Row, Vertical, 9 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

22-03-2091 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  22-03-2091 Datasheet HTML 1Page - Molex Electronics Ltd. 22-03-2091 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/25/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
22-03-2091
Status:
Active
Overview:
KK® Interconnect System - Molex
Description:
KK® 254 Wire-to-Board Header, Single Row, Vertical, 9 Circuits, PA Polyamide Nylon,
Tin (Sn) Plating
Documents:
3D Model
Product Specification PS-10-07 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
4030
Application
Board-to-Board, Signal, Wire-to-Board
Overview
KK® Interconnect System - Molex
Product Name
KK® 254
UPC
800753736641
Physical
Breakaway
No
Circuits (Loaded)
9
Circuits (maximum)
9
Color - Resin
Natural (White)
Durability (mating cycles max)
25
Flammability
94V-0
Glow-Wire Compliant
No
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Net Weight
0.618/g
Number of Rows
1
Orientation
Vertical
PC Tail Length
3.43mm
PCB Locator
No
PCB Retention
None
PCB Thickness - Recommended
1.60mm
Packaging Type
Bag
Pitch - Mating Interface
2.54mm
Pitch - Termination Interface
2.54mm
Plating min - Mating
5.080µm
Polarized to Mating Part
No
Polarized to PCB
No
Shrouded
No
Stackable
Yes
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
See Product Specification
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
4A
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
4030Series
Mates With
2695 , 6471 , 7880 , 4455 , 7720


Similar Part No. - 22-03-2091

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
22-03-2091 ETC1-22-03-2091 Datasheet
126Kb / 1P
   FEATURES AND SPECIFICATIONS
logo
Molex Electronics Ltd.
22-03-2091 MOLEX2-22-03-2091 Datasheet
242Kb / 4P
   2.54mm (.100) Pitch KK짰 Wire-to-Board Header, Single Row, Vertical, 9 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
22-03-2091 MOLEX-22-03-2091 Datasheet
172Kb / 2P
   KK 100 HEADER ASSEMBLY
2011/09/30
22-03-2091 MOLEX-22-03-2091 Datasheet
172Kb / 2P
   KK 100 HEADER ASSEMBLY
2011/09/30
More results

Similar Description - 22-03-2091

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-03-2101 MOLEX11-22-03-2101 Datasheet
55Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Vertical, 10 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
22-03-2141 MOLEX11-22-03-2141 Datasheet
55Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Vertical, 14 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
22-03-2161 MOLEX11-22-03-2161 Datasheet
55Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Vertical, 16 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
22-03-2121 MOLEX11-22-03-2121 Datasheet
55Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Vertical, 12 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
22-03-2041 MOLEX11-22-03-2041 Datasheet
55Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Vertical, 4 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
22-03-2081 MOLEX11-22-03-2081 Datasheet
55Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Vertical, 8 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
22-03-2021 MOLEX11-22-03-2021 Datasheet
55Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Vertical, 2 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
22-03-2031 MOLEX11-22-03-2031 Datasheet
55Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Vertical, 3 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
22-03-2051 MOLEX11-22-03-2051 Datasheet
54Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Vertical, 5 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
22-03-2071 MOLEX11-22-03-2071 Datasheet
55Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Vertical, 7 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com