Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V300LA4 Datasheet(PDF) 1 Page - Littelfuse

Part # V300LA4
Description  Line Voltage Operation, Radial Lead
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V300LA4 Datasheet(HTML) 1 Page - Littelfuse

  V300LA4 Datasheet HTML 1Page - Littelfuse V300LA4 Datasheet HTML 2Page - Littelfuse V300LA4 Datasheet HTML 3Page - Littelfuse V300LA4 Datasheet HTML 4Page - Littelfuse V300LA4 Datasheet HTML 5Page - Littelfuse V300LA4 Datasheet HTML 6Page - Littelfuse V300LA4 Datasheet HTML 7Page - Littelfuse V300LA4 Datasheet HTML 8Page - Littelfuse V300LA4 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
2
Varistor Products
67
www .littelfuse .com
LA Varistor Series
Line Voltage Operation, Radial Lead
The LA Series of transient voltage surge suppressors are radial-lead
varistors (MOVs) that are designed to be operated continuously across
AC power lines. These UL recognized varistors require very little
mounting space, and are offered in various standard lead form options.
The LA Series varistors are available in four model sizes: 7mm, 10mm,
14mm and 20mm; and have a VM(AC)RMS voltage range from 130V
to 1000V, and an energy absorption capability up to 360J. Some LA
series model numbers are available with clamping voltage selections,
designated by a model number suffix of either A or B. The “A” selection is
the standard model; the “B” selection provides a lower clamping voltage.
See LA Series Device Ratings and Specifications table for part number
and brand information.
Features
• Energy Absorption Capability (WTM) . . .. .. .... ... .... ... Up to 360J
• Wide Operating Voltage Range
VM(AC)RMS .. .... ... .... ... .... .... ... .... ... ...130V to 1000V
• No Derating Up to 85oC Ambient
• Available in Tape and Reel or Bulk Pack
AGENCY APPROVALS: Recognized under the components program of
Underwriters Laboratories. Certified by CSA, VDE and CECC.
AGENCY FILE NUMBERS: UL E75961, E56529, E135010; CSA
LR91788; VDE 116895E; CECC 42201-006.
ALSO SEE LITTELFUSE ULTRAMOV
AND C-III VARISTOR SERIES
®
®
V
D
E


Similar Part No. - V300LA4

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V300LA4 LITTELFUSE-V300LA4 Datasheet
396Kb / 10P
   Line Voltage Operation, Radial Lead
V300LA4 LITTELFUSE-V300LA4 Datasheet
222Kb / 11P
   Line Voltage Operation, Radial Lead
V300LA4 LITTELFUSE-V300LA4 Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V300LA40A LITTELFUSE-V300LA40A Datasheet
396Kb / 10P
   Line Voltage Operation, Radial Lead
V300LA40A LITTELFUSE-V300LA40A Datasheet
222Kb / 11P
   Line Voltage Operation, Radial Lead
More results

Similar Description - V300LA4

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V175LS5 LITTELFUSE-V175LS5 Datasheet
309Kb / 11P
   Line Voltage Operation, Radial Lead
V575LS80 LITTELFUSE-V575LS80 Datasheet
222Kb / 11P
   Line Voltage Operation, Radial Lead
V130LA1 LITTELFUSE-V130LA1 Datasheet
396Kb / 10P
   Line Voltage Operation, Radial Lead
V130LA1P LITTELFUSE-V130LA1P Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
logo
Vicor Corporation
03040 VICOR-03040 Datasheet
100Kb / 1P
   VARISTOR, RADIAL LEAD MOV, LINE-VOLTAGE
20461 VICOR-20461 Datasheet
96Kb / 1P
   VARISTOR, RADIAL LEAD MOV, LINE-VOLTAGE
logo
Harris Corporation
V18ZA05 HARRIS-V18ZA05 Datasheet
423Kb / 12P
   Radial Lead Metal-Oxide Varistors for Low to Medium Voltage Operation
logo
Socay Electornics Co., ...
K1-076 SOCAY-K1-076 Datasheet
191Kb / 3P
   Radial Lead Transient Voltage Suppressors
KB-012 SOCAY-KB-012 Datasheet
189Kb / 4P
   Radial Lead Transient Voltage Suppressors
KD-012 SOCAY-KD-012 Datasheet
185Kb / 4P
   Radial Lead Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com