Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G400SMP225H Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # G400SMP225H
Description  INDUSTRY STANDARDS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

G400SMP225H Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button G400SMP225H Datasheet HTML 5Page - List of Unclassifed Manufacturers G400SMP225H Datasheet HTML 6Page - List of Unclassifed Manufacturers G400SMP225H Datasheet HTML 7Page - List of Unclassifed Manufacturers G400SMP225H Datasheet HTML 8Page - List of Unclassifed Manufacturers G400SMP225H Datasheet HTML 9Page - List of Unclassifed Manufacturers G400SMP225H Datasheet HTML 10Page - List of Unclassifed Manufacturers G400SMP225H Datasheet HTML 11Page - List of Unclassifed Manufacturers G400SMP225H Datasheet HTML 12Page - List of Unclassifed Manufacturers G400SMP225H Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Spec-00539 F
Wall-Mount EnclosurEs FUSION G7™ aNd acceSSOrIeS
EQUIPMENT PROTECTION SOLUTIONS
SUBJECT TO CHANGE WITHOUT NOTICE
Mild stEEl
9
HalF-HEiGHt sidE panEl
Galvanized steel half-height side panels are 1.5-mm thick (16
gauge). Panel mounting hardware is furnished with the panel.
Bulletin: A4GY
Catalog Number
D x E (mm)
D x E (in.)
Fits A x C (mm)
Fits A x C (in.)
G300SMP200H
120 x 142
4.72 x 5.59
300 x 200
11.81 x 7.87
G300SMP225H
120 x 167
4.72 x 6.57
300 x 225
11.81 x 8.86
G400SMP150H
170 x 92
6.69 x 3.62
400 x 150
15.75 x 5.91
G400SMP225H
170 x 167
6.69 x 6.57
400 x 225
15.75 x 8.86
G500SMP225H
220 x 167
8.66 x 6.57
500 x 225
19.68 x 8.86
G500SMP300H
220 x 242
8.66 x 9.53
500 x 300
19.68 x 11.81
G600SMP200H
270 x 142
10.63 x 5.59
600 x 200
23.62 x 7.87
G600SMP225H
270 x 167
10.63 x 6.57
600 x 225
23.62 x 8.86
G600SMP300H
270 x 242
10.63 x 9.53
600 x 300
23.62 x 11.81
G600SMP325H
270 x 267
10.63 x 10.51
300 x 325
11.81 x 12.76
G600SMP400H
270 x 342
10.63 x 13.46
600 x 400
23.62 x 15.75
G700SMP250H
320 x 192
12.60 x 7.56
700 x 250
27.56 x 9.84
G800SMP225H
370 x 167
14.57 x 6.57
800 x 225
31.50 x 8.86
G800SMP300H
370 x 242
14.57 x 9.53
800 x 300
31.50 x 11.81
G800SMP325H
370 x 267
14.57 x 10.51
800 x 325
31.50 x 12.76
G800SMP425H
370 x 367
14.57 x 14.45
800 x 425
31.50 x 16.73
G1000SMP250H
470 x 192
18.50 x 7.56
1000 x 250
39.37 x 9.84
G1000SMP300H
470 x 242
18.50 x 9.53
1000 x 300
39.37 x 11.81
G1000SMP400H
470 x 342
18.50 x 13.46
1000 x 400
39.37 x 15.75
G1200SMP300H
570 x 242
22.44 x 9.53
1200 x 300
47.24 x 11.81
G1200SMP325H
570 x 267
22.44 x 10.51
1200 x 325
47.24 x 12.76
G1200SMP400H
570 x 342
22.44 x 13.46
1200 x 400
47.24 x 15.75
G1500SMP325H
720 x 267
28.35 x 10.51
1500 x 325
59.05 x 12.80
G1500SMP425H
720 x 367
28.35 x 14.45
1500 x 425
59.05 x 16.73
sidE-Mount accEssory rail
Easy-to-install side (front-to-back) mounting rails provide side and
depth mounting capability using minimal tools. Rails are 1.5-mm
thick (16 gauge) galvanized steel. Qty. 4 per package. Includes
panel-mount brackets, nuts and screws.
Bulletin: A4GY
Catalog Number
Fits Depth (mm)
Fits Depth (in.)
G50SMR150
150
5.91
G50SMR200
200
7.87
G50SMR225
225
8.86
G50SMR250
250
9.84
G50SMR300
300
11.81
G50SMR325
325
12.80
G50SMR400
400
15.75
G50SMR425
425
16.73


Similar Part No. - G400SMP225H

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G400SD GTM-G400SD Datasheet
184Kb / 2P
   SURFACE MOUNT, SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 0.5A
logo
E-Tech Electronics LTD
G400SD ETL-G400SD Datasheet
189Kb / 2P
   The G400SD is high frequency rectification for switching power supply
More results

Similar Description - G400SMP225H

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-SM300-2 BOURNS-MF-SM300-2 Datasheet
290Kb / 4P
   Fully compatible with current industry standards
logo
Omron Electronics LLC
XG4A-5031 OMRON-XG4A-5031 Datasheet
1Mb / 22P
   Industry Standard Circuit Board Connectors Conform to MIL Standards
XG4C-1031 OMRON-XG4C-1031 Datasheet
1Mb / 22P
   Industry Standard Circuit Board Connectors Conform to MIL Standards
XG4A-2032 OMRON-XG4A-2032 Datasheet
1Mb / 22P
   Industry Standard Circuit Board Connectors Conform to MIL Standards
logo
Bel Fuse Inc.
FRH100-00 BEL-FRH100-00 Datasheet
774Kb / 6P
   Meet railway industry EN 50155 / EN 50121-3-2 and AREMA standards
logo
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
logo
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
logo
IET Labs Inc.
SR102 IET-SR102 Datasheet
218Kb / 1P
   Transportable Resistance Standards
Nov 2017
logo
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
logo
STMicroelectronics
AN2483 STMICROELECTRONICS-AN2483 Datasheet
48Kb / 6P
   Video signal standards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com