Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM0R7EA Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # RM0R7EA
Description  RC Series carbon composition
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

RM0R7EA Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  RM0R7EA Datasheet HTML 1Page - Ohmite Mfg. Co. RM0R7EA Datasheet HTML 2Page - Ohmite Mfg. Co. RM0R7EA Datasheet HTML 3Page - Ohmite Mfg. Co. RM0R7EA Datasheet HTML 4Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
32
The temperature rise graph
data was obtained by a
selection of test substrate
size and trace width for
each resistor size to limit
operating temperatures to
safe values.
The operating temperature
safe rises are either 100°C
substrate temperature rise
or 180°C package hot spot
temperature rise at 25°C
ambient.
FR4: 0.062 in. thick; 0.062
in. traces
Alumina: 0.040 in. thick;
0.010 in. traces
Molding material rated at
205°C continuous.
100%
200%
300%
200
180
160
140
120
100
80
60
40
20
Percent Rated power
Alumina
Solder joint
FR4
Package limit hot spot temperature rise
100
Ambient Temperature, ϒC
60
20
0
80
40
25
50
100
150
75
0
125
Derating
0.02
500
400
300
200
100
Ohms
0.04 0.06 0.08 0.10
Typical TCR for
less than 0.1
SMD
resistors (PPM/°C)
TCR
Surface Mount Power
Temp. cycle
Load Life
Immersion
(-55°C to 125°C, (1000 hours
(260°C for
Momentary
Construction
1000 cycles)
at 25°C)
10 sec.)
Overload
RC
Carbon/Ceramic Comp.
±4.0%+.05Ω ±10.0%+.05Ω ±3.0%+.05Ω 6.3x rated power for 5 sec.
RF
Metal Film
±0.5%+.05Ω ±0.5%+.05Ω ±0.1%+.05Ω 2x rated power for 0.1 sec.
RW
Wirewound
±0.5%+.05Ω ±3.0%+.05Ω ±0.1%+.05Ω 5x rated power for 5 sec.
RP
Power Film
±3.0%+.05Ω ±5.0%+.05Ω ±0.5%+.05Ω 2x rated power for 0.1 sec.
RN
Wirewound, Non-inductive ±0.5%+.05Ω ±3.0%+.05Ω ±0.1%+.05Ω 5x rated power for 5 sec.
ALL models:
Leaching
(260°C Solder immersion, 60 sec.).......................
No visible leaching
Thermal Shock
(Units at -55°C, then rated power applied).. No mechanical damage
Flammability
......................................................................... UL Material rating, UL94V0
P er FO r M a NC e data
Recommended Solder Profile
300
Time (sec.)
Preheating
120 sec.
Soldering
Cooling
200
50
50
0
100
150
250
200
0
250
100
150
60 sec.
10 sec.
Preheating:
145°C ±15°, max. 120 sec.
Soldering:
min. 220°C, max. 60 sec.
Max. Temp.:
260°C ±5°, 10 sec.


Similar Part No. - RM0R7EA

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RM0R7EA OHMITE-RM0R7EA Datasheet
331Kb / 4P
   Twelve wattage ratings
More results

Similar Description - RM0R7EA

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
WS19 SHARMA-WS19 Datasheet
1,002Kb / 2P
   Carbon Composition Potentiometer
logo
Tyco Electronics
4-1625876-8 MACOM-4-1625876-8 Datasheet
69Kb / 1P
   Carbon Composition Resistors
logo
List of Unclassifed Man...
RC20GF102J ETC2-RC20GF102J Datasheet
189Kb / 2P
   Carbon Composition Resistor
logo
TT Electronics.
CC1-6K8KB24 TTELEC-CC1-6K8KB24 Datasheet
293Kb / 3P
   Carbon Composition Resistors
logo
List of Unclassifed Man...
30BJ250-1K ETC2-30BJ250-1K Datasheet
85Kb / 3P
   Carbon Composition Resistors
logo
Token Electronics Indus...
CCR TOKEN-CCR Datasheet
575Kb / 6P
   Carbon Composition Resistors
logo
Stackpole Electronics, ...
RC_SERIES SEI-RC_SERIES Datasheet
703Kb / 11P
   Carbon Composition Resistor
9/15/2021
logo
Tyco Electronics
1625875 MACOM-1625875 Datasheet
40Kb / 1P
   CARBON COMPOSITION RESISTORS SERIES CBT25
logo
Token Electronics Indus...
CCR1W120RKP TOKEN-CCR1W120RKP Datasheet
347Kb / 3P
   CCR Carbon Composition Resistors
logo
TT Electronics.
CC1 TTELEC-CC1 Datasheet
271Kb / 3P
   Hot moulded carbon composition
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com