Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VLS3015T-470MR31 Datasheet(PDF) 1 Page - TDK Electronics

Part # VLS3015T-470MR31
Description  For Power Line(Wound, Magnetic Shielded)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

VLS3015T-470MR31 Datasheet(HTML) 1 Page - TDK Electronics

  VLS3015T-470MR31 Datasheet HTML 1Page - TDK Electronics VLS3015T-470MR31 Datasheet HTML 2Page - TDK Electronics VLS3015T-470MR31 Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
(1/2)
001-02 / 20080822 / e531_vls3015.fm
• All specifications are subject to change without notice.
SMD Inductors(Coils)
For Power Line(Wound, Magnetic Shielded)
VLS Series VLS3015
FEATURES
• Miniature size
Mount area: 3
× 3mm
Height: 1.5mm max.
• Generic use for portable DC to DC converter line.
• High magnetic shield construction should actualize high
resolution for EMC protection.
• Available for automatic mounting in tape and real package.
• The products do not contain lead and support lead-free
soldering.
APPLICATIONS
DVCs, DSCs, PDAs, LCD displays, cellular phones, HDDs, etc.
SHAPES AND DIMENSIONS
RECOMMENDED PC BOARD PATTERN
ELECTRICAL CHARACTERISTICS
Rated current: Value obtained when current flows and the temperature has risen to 40°C or when DC current flows and the nominal value of inductance
has fallen by 30%, whichever is smaller.
• Operating temperature range: –40 to +105°C (Including self-temperature rise)
TYPICAL ELECTRICAL CHARACTERISTICS
INDUCTANCE vs. DC SUPERPOSITION CHARACTERISTICS
VLS3015T-1R0N2R0
VLS3015T-1R5N1R6
Conformity to RoHS Directive
3.0
±0.1
Dimensions in mm
1.0 1.0 1.0
Dimensions in mm
Part No.
Inductance
(µH)
Inductance
tolerance
(%)
Test frequency
(MHz)
DC resistance
(
Ω)
Rated current(A)
Based on inductance change
Based on
temperature rise
typ.
max.
typ.
max.
typ.
VLS3015T-1R0N2R0
1
±30
1
0.058
0.048
2
2.2
2.2
VLS3015T-1R5N1R6
1.5
±30
1
0.074
0.062
1.6
1.8
2
VLS3015T-2R2M1R4
2.2
±20
1
0.084
0.07
1.4
1.5
1.8
VLS3015T-3R3M1R2
3.3
±20
1
0.112
0.093
1.2
1.3
1.6
VLS3015T-4R7MR99
4.7
±20
1
0.136
0.113
0.99
1.1
1.4
VLS3015T-6R8MR86
6.8
±20
1
0.211
0.176
0.86
0.96
1.1
VLS3015T-100MR70
10
±20
1
0.276
0.234
0.7
0.78
1
VLS3015T-150MR58
15
±20
1
0.422
0.352
0.58
0.64
0.8
VLS3015T-220MR45
22
±20
1
0.622
0.518
0.45
0.5
0.6
VLS3015T-330MR36
33
±20
1
0.959
0.799
0.36
0.4
0.5
VLS3015T-470MR31
47
±20
1
1.406
1.172
0.31
0.34
0.4
0.0
0.2
0.4
0.6
0.8
1.0
0
500
1000
1500
2000
2500
DC current (mA)
0.0
0.3
0.6
0.9
1.2
1.5
0
500
1000
1500
2000
DC current (mA)
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - VLS3015T-470MR31

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
VLS3015T-3R3M1R2 TDK-VLS3015T-3R3M1R2 Datasheet
48Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
More results

Similar Description - VLS3015T-470MR31

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
VLCF5020T-1R8N2R0 TDK-VLCF5020T-1R8N2R0 Datasheet
39Kb / 1P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLF4012AT-1R5M1R6 TDK-VLF4012AT-1R5M1R6 Datasheet
45Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLF3010A TDK-VLF3010A Datasheet
43Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
NLFC322522T-100K-PF TDK-NLFC322522T-100K-PF Datasheet
47Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLF3010AT-2R2M1R0 TDK-VLF3010AT-2R2M1R0 Datasheet
43Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLS252012T-3R3MR99 TDK-VLS252012T-3R3MR99 Datasheet
49Kb / 3P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLC6045T-2R2N TDK-VLC6045T-2R2N Datasheet
70Kb / 3P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
FLF3215T-4R7M TDK-FLF3215T-4R7M Datasheet
61Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLC5020T-2R2N TDK-VLC5020T-2R2N Datasheet
57Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLCF4018-2 TDK-VLCF4018-2 Datasheet
37Kb / 1P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com