Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15-97-8107 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 15-97-8107
Description  Mini-Fit짰 TPA Header, 4.20mm Pitch, Dual Row, Right Angle, with PCB Mounting Flange, 10 Circuits, Gold (Au) Plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

15-97-8107 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  15-97-8107 Datasheet HTML 1Page - Molex Electronics Ltd. 15-97-8107 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Polarized to PCB
Yes
Shrouded
Partial
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
13A
Voltage - Maximum
600V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
260
Material Info
Old Part Number
30070-10A1
Reference - Drawing Numbers
Product Specification
PS-45750-001, PS-5556-003
Sales Drawing
SD-30070-001
This document was generated on 03/27/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 15-97-8107

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
15-97-8102 MOLEX11-15-97-8102 Datasheet
37Kb / 2P
   Mini-Fit짰 TPA Header, 4.20mm Pitch, Dual Row, Right Angle, with PCB Mounting Flange, 10 Circuits, Tin (Sn) Plating
More results

Similar Description - 15-97-8107

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
15-97-8087 MOLEX11-15-97-8087 Datasheet
37Kb / 2P
   Mini-Fit짰 TPA Header, 4.20mm Pitch, Dual Row, Right Angle, with PCB Mounting Flange, 8 Circuits, Gold (Au) Plating
15-97-8127 MOLEX11-15-97-8127 Datasheet
37Kb / 2P
   Mini-Fit짰 TPA Header, 4.20mm Pitch, Dual Row, Right Angle, with PCB Mounting Flange, 12 Circuits, Gold (Au) Plating
15-97-8047 MOLEX11-15-97-8047 Datasheet
37Kb / 2P
   Mini-Fit짰 TPA Header, 4.20mm Pitch, Dual Row, Right Angle, with PCB Mounting Flange, 4 Circuits, Gold (Au) Plating
15-97-8067 MOLEX11-15-97-8067 Datasheet
37Kb / 2P
   Mini-Fit짰 TPA Header, 4.20mm Pitch, Dual Row, Right Angle, with PCB Mounting Flange, 6 Circuits, Gold (Au) Plating
15-97-8167 MOLEX11-15-97-8167 Datasheet
37Kb / 2P
   Mini-Fit짰 TPA Header, 4.20mm Pitch, Dual Row, Right Angle, with PCB Mounting Flange, 16 Circuits, Gold (Au) Plating
15-97-8027 MOLEX11-15-97-8027 Datasheet
37Kb / 2P
   Mini-Fit짰 TPA Header, 4.20mm Pitch, Dual Row, Right Angle, with PCB Mounting Flange, 2 Circuits, Gold (Au) Plating
30070-0812 MOLEX11-30070-0812 Datasheet
37Kb / 2P
   4.20mm Pitch, Mini-Fit짰 TPA Header, Dual Row, Right Angle, with PCB Mounting Flange, 8 Circuits, Gold (Au) Plating
15-97-8102 MOLEX11-15-97-8102 Datasheet
37Kb / 2P
   Mini-Fit짰 TPA Header, 4.20mm Pitch, Dual Row, Right Angle, with PCB Mounting Flange, 10 Circuits, Tin (Sn) Plating
15-97-7104 MOLEX11-15-97-7104 Datasheet
53Kb / 2P
   Mini-Fit짰 TPA Header, 4.20mm Pitch, Dual Row, Vertical, with PCB Mounting Flange, 10 Circuits, Gold (Au) Plating, without Drain Holes
15-97-8082 MOLEX11-15-97-8082 Datasheet
37Kb / 2P
   Mini-Fit짰 TPA Header, 4.20mm Pitch, Dual Row, Right Angle, with PCB Mounting Flange, 8 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com