Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECA2GHG4R7 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECA2GHG4R7
Description  Aluminum Electrolytic Capacitors/NHG
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECA2GHG4R7 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECA2GHG4R7 Datasheet HTML 1Page - Panasonic Semiconductor ECA2GHG4R7 Datasheet HTML 2Page - Panasonic Semiconductor ECA2GHG4R7 Datasheet HTML 3Page - Panasonic Semiconductor ECA2GHG4R7 Datasheet HTML 4Page - Panasonic Semiconductor ECA2GHG4R7 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Aluminum Electrolytic Capacitors/NHG
 EE90 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
NHG
A
Series:
Type :
Endurance: +105
°C 1000 to 2000 h
Smaller than Series NHE
-55 to +105
°C
-25 to +105
°C
6.3 to 100 V.DC
160 to 450 V .DC
0.1 to 22000 µF
1.0 to 330 µ F
± 20 % (120Hz/+20
°C)
I
0.01 CV or 3(µ A) after 2 minutes appli-
cation of rated working voltage at +20
°C
n
Dimensions in mm (not to scale)
Body Dia.
φD
Lead Dia.
φd
Lead space P
5
6.3
8
10
12.5
16
18
0.5
0.5
0.6
0.6
0.6
0.8
0.8
2.0
2.5
3.5
5.0
5.0
7.5
7.5
W.V. (V.DC)
60
120
1k
10k
100k
Frequency(Hz)
6.3 to 100
Cap. (µF)
0.1 to
33
47
to
470
1000
to 22000
1
to
330
0.80
1
1.35
1.50
1.50
0.75
1
1.55
1.80
2.00
160 to 450
0.80
1
1.35
1.50
1.50
0.85
1
1.10
1.15
1.15
I 0.06 CV + 10(µ A) after 2 minutes appli-
cation of rated working voltage at +20
°C
n
Frequency correction factor for ripple current
L
L 16:L+1.0 max
φd±0.05
14 min
3 min
φD+0.5 max
φ10
φD+0.5 max
φ8
L
20:L+2.0 max
( 6.3mmdia)
Radial Lead Type
n
Features
n
Specifications
Category temp. range
Rated W.V. Range
Nominal Cap. Range
Capacitance Tolerance
DC Leakage Current
tan
δ
Endurance
Shelf Life
Please see the attached standard products list
Capacitance change
tan
δ
DC leakage current
After following life test with DC voltage and +105±2
°C ripple current value applied (The sum of
DC and ripple peak voltage shall not exceed the rated working voltage), the capacitors shall
meet the limits specified below.
After storage for 1000 hours at +105±2
°C with no voltage applied and then being stabilized
at +20
°C, capacitors shall meet the limits specified in Endurance. (With voltage treatment)
Duration : 6.3 to 100V.W. ; (
φ5 to 8) =1000 hours , (φ10 to 18)= 2000 hours
160 to 450V.W. ;
2000 hours
Post test requirements at +20
°C
±20% of initial measured value
200 % of initial specified value
initial specified value
Sleeve
Vent
Japan
Malaysia
China
Taiwan
>
=
<
=<
=
<
=
<
=
<
=
<
=
<
=
>
=
Country of Origin
Mar. 2005


Similar Part No. - ECA2GHG4R7

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA2GHG4R7 PANASONIC-ECA2GHG4R7 Datasheet
317Kb / 5P
   Radial Lead Type
ECA2GHG4R7 PANASONIC-ECA2GHG4R7 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA2GHG4R7 PANASONIC-ECA2GHG4R7 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA2GHG4R7 PANASONIC-ECA2GHG4R7 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA2GHG4R7 PANASONIC-ECA2GHG4R7 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors NHG
More results

Similar Description - ECA2GHG4R7

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA-1EHG331 PANASONIC-ECA-1EHG331 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1JHG331 PANASONIC-ECA-1JHG331 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-2AHG101 PANASONIC-ECA-2AHG101 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1HHG100 PANASONIC-ECA-1HHG100 Datasheet
81Kb / 5P
   Aluminum Electrolytic Capacitors/NHG
ECA-1VHG222B PANASONIC-ECA-1VHG222B Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1JHG471B PANASONIC-ECA-1JHG471B Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1VHG222 PANASONIC-ECA-1VHG222 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-0JHG332 PANASONIC-ECA-0JHG332 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1JHG221 PANASONIC-ECA-1JHG221 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA0JHG221 PANASONIC-ECA0JHG221_13 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors NHG
ECA-2AHG471B PANASONIC-ECA-2AHG471B Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com