Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRU3037A Datasheet(PDF) 11 Page - International Rectifier

Part # IRU3037A
Description  8-PIN SYNCHRONOUS PWM CONTROLLER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3037A Datasheet(HTML) 11 Page - International Rectifier

Back Button IRU3037A Datasheet HTML 7Page - International Rectifier IRU3037A Datasheet HTML 8Page - International Rectifier IRU3037A Datasheet HTML 9Page - International Rectifier IRU3037A Datasheet HTML 10Page - International Rectifier IRU3037A Datasheet HTML 11Page - International Rectifier IRU3037A Datasheet HTML 12Page - International Rectifier IRU3037A Datasheet HTML 13Page - International Rectifier IRU3037A Datasheet HTML 14Page - International Rectifier IRU3037A Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
IRU3037/IRU3037A & (PbF)
11
www.irf.com
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 9 - Vcc vs. Icc
IR U 3037A
V cc vs.Icc
@ 470P F , 1150P F and 1540P F G a te Load
0
2
4
6
8
10
12
14
02
46
8
1 0
1 2
1 4
V cc (V )
TA = 25
)C
CLOAD=1540pF
CLOAD=1150pF
CLOAD=470pF
Figure 10 - Vc vs. Ic
IRU3037A
Vc vs. Ic
@470PF, 1150PF and 1540PF Gate Load
0
5
10
15
20
25
30
0
2
4
6
8
1012
1416
1820
2224
26
Vc (V)
TA = 25
)C
CLOAD=1540pF
CLOAD=1150pF
CLOAD=470pF


Similar Part No. - IRU3037A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3037A IRF-IRU3037A Datasheet
220Kb / 21P
   8-PIN SYNCHRONOUS PWM CONTROLLER
IRU3037ACF IRF-IRU3037ACF Datasheet
220Kb / 21P
   8-PIN SYNCHRONOUS PWM CONTROLLER
IRU3037ACF IRF-IRU3037ACF Datasheet
173Kb / 21P
   8-PIN SYNCHRONOUS PWM CONTROLLER
IRU3037ACS IRF-IRU3037ACS Datasheet
220Kb / 21P
   8-PIN SYNCHRONOUS PWM CONTROLLER
IRU3037ACS IRF-IRU3037ACS Datasheet
173Kb / 21P
   8-PIN SYNCHRONOUS PWM CONTROLLER
More results

Similar Description - IRU3037A

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APU3037 A-POWER-APU3037 Datasheet
199Kb / 18P
   8-PIN SYNCHRONOUS PWM CONTROLLER
logo
International Rectifier
IRU3137 IRF-IRU3137 Datasheet
169Kb / 19P
   8-PIN SYNCHRONOUS PWM CONTROLLER
IRU3037 IRF-IRU3037 Datasheet
220Kb / 21P
   8-PIN SYNCHRONOUS PWM CONTROLLER
logo
Advanced Power Electron...
APU3137 A-POWER-APU3137 Datasheet
184Kb / 17P
   8-PIN SYNCHRONOUS PWM CONTROLLER
logo
International Rectifier
IRU3037CSPBF IRF-IRU3037CSPBF Datasheet
173Kb / 21P
   8-PIN SYNCHRONOUS PWM CONTROLLER
logo
Anpec Electronics Corop...
APW7037 ANPEC-APW7037 Datasheet
123Kb / 11P
   8-PIN Synchronous Buck PWM Controller
logo
International Rectifier
IRU3072C IRF-IRU3072C Datasheet
332Kb / 24P
   20-PIN SYNCHRONOUS PWM CONTROLLER/ 3 LDO CONTROLLER
logo
Anpec Electronics Corop...
APW7120 ANPEC-APW7120 Datasheet
807Kb / 20P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
APW7120A ANPEC-APW7120A Datasheet
986Kb / 22P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
logo
UNISEM
US3034 UNISEM-US3034 Datasheet
74Kb / 9P
   8 PIN PWM SWITCHER CONTROLLER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com