Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E57-12LE06-B Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # E57-12LE06-B
Description  Inductive Proximity Sensors E57 Premium Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

E57-12LE06-B Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button E57-12LE06-B Datasheet HTML 2Page - List of Unclassifed Manufacturers E57-12LE06-B Datasheet HTML 3Page - List of Unclassifed Manufacturers E57-12LE06-B Datasheet HTML 4Page - List of Unclassifed Manufacturers E57-12LE06-B Datasheet HTML 5Page - List of Unclassifed Manufacturers E57-12LE06-B Datasheet HTML 6Page - List of Unclassifed Manufacturers E57-12LE06-B Datasheet HTML 7Page - List of Unclassifed Manufacturers E57-12LE06-B Datasheet HTML 8Page - List of Unclassifed Manufacturers E57-12LE06-B Datasheet HTML 9Page - List of Unclassifed Manufacturers E57-12LE06-B Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
August 2007
PG08301004E
For more information visit: www.eaton.com
3-21
Inductive Proximity Sensors
E57 Premium+ Series
Wiring Diagrams (Pin numbers are for reference, rely on pin location when wiring)
Operating
Voltage
Output
Cable Models
Connector Models (Face View Male Shown)
Micro
Mini
2-Wire Sensors
20 – 250V AC
N.O. and
N.C.
3-Wire Sensors
6 – 48V DC
N.O.
(NPN)
N.O.
(PNP)
N.C.
(NPN)
N.C.
(PNP)
BU
BN
L2
L1
Load
L2
L1
Load
L1
L2
Load
BU
BN
(-)
+V
BK
Load
(-)
+V
Load
+V
Load
(-)
BU
BN
(-)
+V
BK
Load
(-)
+V
Load
(-)
+V
Load
BU
BN
(-)
+V
BK
Load
(-)
+V
Load
+V
Load
(-)
BU
BN
(-)
+V
BK
Load
(-)
+V
Load
(-)
+V
Load


Similar Part No. - E57-12LE06-B

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
E57-08GE03-C EATON-E57-08GE03-C Datasheet
3Mb / 102P
   Stainless steel tube
E57-08GE03-C1 EATON-E57-08GE03-C1 Datasheet
3Mb / 102P
   Stainless steel tube
E57-08GE03-C1DB EATON-E57-08GE03-C1DB Datasheet
3Mb / 102P
   Stainless steel tube
E57-08GE03-C1NB EATON-E57-08GE03-C1NB Datasheet
3Mb / 102P
   Stainless steel tube
E57-08GE03-CDB EATON-E57-08GE03-CDB Datasheet
3Mb / 102P
   Stainless steel tube
More results

Similar Description - E57-12LE06-B

ManufacturerPart #DatasheetDescription
logo
SICK AG
IME18-05BPOZW2S SICK-IME18-05BPOZW2S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME18-05BPSZW5S SICK-IME18-05BPSZW5S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME18-08BPOZW2S SICK-IME18-08BPOZW2S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME18-08NPOZW2S SICK-IME18-08NPOZW2S Datasheet
1,017Kb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME18-08NPSZW2S SICK-IME18-08NPSZW2S Datasheet
1,017Kb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME30-10BNSZW2K SICK-IME30-10BNSZW2K Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME30-10BPSZW2S SICK-IME30-10BPSZW2S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME30-20NNSZC0S SICK-IME30-20NNSZC0S Datasheet
1Mb / 7P
   INDUCTIVE PROXIMITY SENSORS
IME08-02BNSZT0KS09 SICK-IME08-02BNSZT0KS09 Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME08-2N5NSZT0K SICK-IME08-2N5NSZT0K Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com