Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX7303CA-CC Datasheet(PDF) 4 Page - California Eastern Labs

Part # NX7303CA-CC
Description  InGaAsP MQW FP LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s APPLICATION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX7303CA-CC Datasheet(HTML) 4 Page - California Eastern Labs

  NX7303CA-CC Datasheet HTML 1Page - California Eastern Labs NX7303CA-CC Datasheet HTML 2Page - California Eastern Labs NX7303CA-CC Datasheet HTML 3Page - California Eastern Labs NX7303CA-CC Datasheet HTML 4Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PIN CONNECTIONS
NX7303CA-CC
FORWARD CURRENT vs.
FORWARD VOLTAGE
Forward Voltage, VF (V)
50
40
30
20
10
0
01
2
OUTLINE DIMENSIONS (Units in mm)
PIN CONNECTIONS
NX7303BA-CC
ø0.9
Optical Fiber (SMF)
Length: 0.5 m
With SC Connector
8.0±0.3
ø7.0±0.2
4.0±0.2
2.2
3.2
ø2.2
ø0.45±0.05
18.3±1.0
25.5±1.0
1.2±0.2
20.0±1.0
12.7±0.2
17.0±0.2
P.C.D. = ø2.0
7.2±0.3
3.7±0.3
1.0±0.1
PD
LD
4
1
3
2
CASE
6.0
TYPICAL PERFORMANCE CURVES
(TC = -40 to +85°C, unless otherwise specified)
NX7303BA-CC, NX7303CA-CC
PART NUMBER
AVAILABLE CONNECTOR
FLANGE TYPE
NX7303BA-CC
With SC-UPC Connector
Flat Mount Flange
NX7303CA-CC
With SC-UPC Connector
Vertical Mount
Flange
ORDERING INFORMATION
OPTICAL FIBER CHARACTERISTICS
PARAMETER
UNITS SPECIFICATION
Mode Field Diameter
µm
9.5±1
Cladding Diameter
µm
125±2
Maximum Cladding Noncircularity
%
2
Maximum Core/Cladding Concentricity
%
1.6
Outer Diameter
mm
0.9±0.1
Cut-off Wavelength
nm
1100 to 1270
Minimum Fiber Bending Radius
mm
30
Fiber Length
mm
500±50
Flammability
UL 1581 VW-1
8.99±0.5 mm
35±2 mm
Fiber Length: 500±50 mm
SC-UPC Connector
16.0
ø0.45±0.05
ø0.9
Optical Fiber (SMF)
Length: 0.5 m
With SC Connector
ø7.0±0.2
8.0±0.3
2
1
3
4
LD
PD
CASE
P.C.D. = ø2.0
4–R1.25±0.2
2–ø2.5
8.5±0.2
1
2
3
4
12.0±0.15
7.0±0.2
A Business Partner of NEC Compound Semiconductor Devices, Ltd.
02/27/2003


Similar Part No. - NX7303CA-CC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX7303CA-CC CEL-NX7303CA-CC Datasheet
99Kb / 4P
   1310 nm InGaAsP MQW FP LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s APPLICATION
logo
Renesas Technology Corp
NX7303CA-CC RENESAS-NX7303CA-CC Datasheet
239Kb / 13P
   LASER DIODE
2002
More results

Similar Description - NX7303CA-CC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX7303BA-CC CEL-NX7303BA-CC Datasheet
99Kb / 4P
   1310 nm InGaAsP MQW FP LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s APPLICATION
NX7302BA CEL-NX7302BA Datasheet
101Kb / 4P
   InGaAsP MQW FP LASER DIODE IN COAXIAL PACKAGE FOR 622 Mb/s APPLICATIONS
NX7302BA-CC CEL-NX7302BA-CC Datasheet
101Kb / 4P
   InGaAsP MQW FP LASER DIODE IN COAXIAL PACKAGE FOR 622 Mb/s APPLICATIONS
NX7301BA-CC CEL-NX7301BA-CC Datasheet
105Kb / 4P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX8504BE-CC CEL-NX8504BE-CC Datasheet
111Kb / 5P
   1550 nm InGaAsP MQW DFB LASER DIODE IN COAXIAL PACKAGE for 622 Mb/s APPLICATION
NX8303BG-CC CEL-NX8303BG-CC Datasheet
98Kb / 4P
   NECs 1310 nm InGaAsP MQW DFB LASER DIODE IN COAXIAL PACKAGE FOR 622 Mb/s APPLICATION
NX5312 CEL-NX5312 Datasheet
347Kb / 5P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s, 1.25 Gb/s APPLICATIONS
NX8504BE CEL-NX8504BE Datasheet
112Kb / 5P
   NECs 1550 nm InGaAsP MQW DFB LASER DIODE IN COAXIAL PACKAGE for 622 Mb/s APPLICATION
NX8300BE-CC CEL-NX8300BE-CC Datasheet
125Kb / 5P
   InGaAsP MQW DFB LASER DIODE IN COAXIAL PACKAGE FOR 2.5 Gb/s APPLICATION
NX5304 CEL-NX5304 Datasheet
167Kb / 5P
   NECs 1310 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s AND 1.25 Gb/s APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com