Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E57LBL18A2 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # E57LBL18A2
Description  Inductive Proximity Sensors E57 Premium Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

E57LBL18A2 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button E57LBL18A2 Datasheet HTML 6Page - List of Unclassifed Manufacturers E57LBL18A2 Datasheet HTML 7Page - List of Unclassifed Manufacturers E57LBL18A2 Datasheet HTML 8Page - List of Unclassifed Manufacturers E57LBL18A2 Datasheet HTML 9Page - List of Unclassifed Manufacturers E57LBL18A2 Datasheet HTML 10Page - List of Unclassifed Manufacturers E57LBL18A2 Datasheet HTML 11Page - List of Unclassifed Manufacturers E57LBL18A2 Datasheet HTML 12Page - List of Unclassifed Manufacturers E57LBL18A2 Datasheet HTML 13Page - List of Unclassifed Manufacturers E57LBL18A2 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
August 2007
PG08301004E
For more information visit: www.eaton.com
3-25
Inductive Proximity Sensors
E57 Premium+ Series Short Barrel
PG.05D.12.T.E
Premium+ Series Short Barrel
Inductive Proximity Sensors
Contents
Overview . . . . . . . . . . . . . . . . . . . 3-25
Model Selection, Sensors . . . . . 3-26
Model Selection, Compatible
Connector Cables . . . . . . . . . . . 3-27
Wiring Diagrams . . . . . . . . . . . . . 3-27
Specifications . . . . . . . . . . . . . . . 3-28
Model Selection, Accessories . . 3-28
Dimensions . . . . . . . . . . . . . . . . . 3-29
The new Cutler-Hammer® Premium+
Series Short Barrel Inductive Prox-
imity Sensors from Eaton’s electrical
business feature the same sensing
ranges as our standard length sen-
sors, but in a body with a substan-
tially shorter length. This allows the
sensors to be used in applications
where mounting space is limited.
Our robust Premium+ Series design
has been added to the short barrel
line. This means these sensors have
been upgraded to include rugged
stainless steel barrels, polycarbonate
end bells, shock-resistant front cap
and potting compound. Plus, the
short barrel line now includes a
choice of AC, AC/DC and DC-only,
12, 18 and 30 mm sensors. Cable
models feature an optional extra
long 5-meter cable. Every sensor
is designed with 360° LED.
Approvals
C-UL Listed
For the most current information
on this product, visit our web site:
www.EatonElectrical.com
(AC/DC and DC-only models)
These Sensors Feature a Short Barrel Length to Fit into
Tight Locations
Product Features
Manufactured to take physical and environmental abuse
Designed with stainless steel barrel and impact-absorbing new potting
compound for robust, high temperature, high pressure washdown, as well
as intense shock and vibration applications
Unmatched high noise immunity eliminates problems associated with
electrical noise (all models > 20V/meter)
360° output status indicator is visible from any angle and in any light
condition
Resettable short circuit protection in AC/DC and DC models
Reverse polarity protection in 3-wire DC versions
Small size to fit in tight spaces
Choice of cable for low cost wiring, or micro-connector for quick installation
or replacement
Cable models include an extra long 5-meter cable as option
For Customer Service in the U.S. call 1-877-ETN CARE (386-2273),
in Canada call 1-800-268-3578.
For Application Assistance in the U.S. and Canada
call 1-800-426-9184.
Common
Barrel
Diameters
AC/DC
Operation
12 mm
Micro-Connector
Models
Extra Long
5-Meter Cable
(Available as an
Option)
18 mm
30 mm


Similar Part No. - E57LBL18A2

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
E57-08GE03-C EATON-E57-08GE03-C Datasheet
3Mb / 102P
   Stainless steel tube
E57-08GE03-C1 EATON-E57-08GE03-C1 Datasheet
3Mb / 102P
   Stainless steel tube
E57-08GE03-C1DB EATON-E57-08GE03-C1DB Datasheet
3Mb / 102P
   Stainless steel tube
E57-08GE03-C1NB EATON-E57-08GE03-C1NB Datasheet
3Mb / 102P
   Stainless steel tube
E57-08GE03-CDB EATON-E57-08GE03-CDB Datasheet
3Mb / 102P
   Stainless steel tube
More results

Similar Description - E57LBL18A2

ManufacturerPart #DatasheetDescription
logo
SICK AG
IME18-05BPOZW2S SICK-IME18-05BPOZW2S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME18-05BPSZW5S SICK-IME18-05BPSZW5S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME18-08BPOZW2S SICK-IME18-08BPOZW2S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME18-08NPOZW2S SICK-IME18-08NPOZW2S Datasheet
1,017Kb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME18-08NPSZW2S SICK-IME18-08NPSZW2S Datasheet
1,017Kb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME30-10BNSZW2K SICK-IME30-10BNSZW2K Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME30-10BPSZW2S SICK-IME30-10BPSZW2S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME30-20NNSZC0S SICK-IME30-20NNSZC0S Datasheet
1Mb / 7P
   INDUCTIVE PROXIMITY SENSORS
IME08-02BNSZT0KS09 SICK-IME08-02BNSZT0KS09 Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME08-2N5NSZT0K SICK-IME08-2N5NSZT0K Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com