Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFL4105PBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IRFL4105PBF
Description  Advanced Process Technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFL4105PBF Datasheet(HTML) 3 Page - Vishay Siliconix

  IRFL4105PBF Datasheet HTML 1Page - Vishay Siliconix IRFL4105PBF Datasheet HTML 2Page - Vishay Siliconix IRFL4105PBF Datasheet HTML 3Page - Vishay Siliconix IRFL4105PBF Datasheet HTML 4Page - Vishay Siliconix IRFL4105PBF Datasheet HTML 5Page - Vishay Siliconix IRFL4105PBF Datasheet HTML 6Page - Vishay Siliconix IRFL4105PBF Datasheet HTML 7Page - Vishay Siliconix IRFL4105PBF Datasheet HTML 8Page - Vishay Siliconix IRFL4105PBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IRFL4105PBF
www.irf.com
3
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 1. Typical Output Characteristics,
TJ = 25oC
1
10
100
0.1
1
10
100
V
, Drain-to-Source Voltage (V)
DS
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM 4.5V
20µs PULSE WIDTH
T = 25°C
C
A
4.5V
1
10
100
0.1
1
10
100
V
, Drain-to-Source Voltage (V)
DS
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM 4.5V
20µs PULSE WIDTH
T = 150°C
A
4.5V
J
Fig 2. Typical Output Characteristics,
TJ = 150
oC
0.0
0.5
1.0
1.5
2.0
-60
-40
-20
0
20
40
60
80
100 120 140 160
J
T , Junction Temperature (°C)
V
= 10V
GS
A
I
= 3.7A
D
1
10
100
4.0
4.5
5.0
5.5
6.0
6.5
7.0
GS
V
, Gate-to-Source Voltage (V)
A
V
= 25V
20µs PULSE WIDTH
T = 150°C
T = 25°C
DS
J
J


Similar Part No. - IRFL4105PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFL4105PBF IRF-IRFL4105PBF Datasheet
158Kb / 9P
   HEXFET짰 Power MOSFET
IRFL4105PBF IRF-IRFL4105PBF Datasheet
163Kb / 9P
   Advanced Process Technology
logo
Infineon Technologies A...
IRFL4105PBF INFINEON-IRFL4105PBF Datasheet
498Kb / 10P
   HEXFET짰 Power MOSFET
2016-5-27
logo
International Rectifier
IRFL4105PBF IRF-IRFL4105PBF_15 Datasheet
163Kb / 9P
   Advanced Process Technology
More results

Similar Description - IRFL4105PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com