Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E57RAL18A2B1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # E57RAL18A2B1
Description  Inductive Proximity Sensors E57 Premium Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

E57RAL18A2B1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  E57RAL18A2B1 Datasheet HTML 1Page - List of Unclassifed Manufacturers E57RAL18A2B1 Datasheet HTML 2Page - List of Unclassifed Manufacturers E57RAL18A2B1 Datasheet HTML 3Page - List of Unclassifed Manufacturers E57RAL18A2B1 Datasheet HTML 4Page - List of Unclassifed Manufacturers E57RAL18A2B1 Datasheet HTML 5Page - List of Unclassifed Manufacturers E57RAL18A2B1 Datasheet HTML 6Page - List of Unclassifed Manufacturers E57RAL18A2B1 Datasheet HTML 7Page - List of Unclassifed Manufacturers E57RAL18A2B1 Datasheet HTML 8Page - List of Unclassifed Manufacturers E57RAL18A2B1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
August 2007
3-16
For more information visit: www.eaton.com
PG08301004E
Inductive Proximity Sensors
E57 Premium+ Series
PG.05D.06.T.E
E57 Premium+ Series
Inductive Proximity Sensors
Contents
Overview . . . . . . . . . . . . . . . . . . 3-16
Model Selection, Sensors . . . . . 3-17
Model Selection, Compatible
Connector Cables . . . . . . . . . . . 3-20
Wiring Diagrams . . . . . . . . . . . . 3-21
Specifications. . . . . . . . . . . . . . . 3-22
Model Selection, Accessories . . 3-22
Dimensions. . . . . . . . . . . . . . . . . 3-23
The Cutler-Hammer® Premium+
Series Inductive Proximity Sensors
by Eaton’s electrical business have
improved sensing performance,
product durability and selection.
This improved line of sensors carries
the Premium+ Series name because
we have upgraded the design to a
rugged stainless steel body, shock-
resistant front caps and impact-
absorbing potting compound. Plus,
the Premium+ Series line now
includes a choice of AC, AC/DC and
DC-only, 12, 18 and 30 mm sensors
with unmatched noise immunity of
greater than 20V/meter.
Approvals
C-UL Listed
For the most current information
on this product, visit our web site:
www.EatonElectrical.com
(AC/DC and DC-only models)
High Performance Inductive Sensors Include Stainless Steel
Models, Extended Ranges and Right Angle Sensing
Product Features
New expanded offering of 2-wire, 3-wire, AC, DC, and AC/DC multiple range
sensor models
Manufactured to take the physical and environmental abuse
Designed with stainless steel barrel and new potting compound for robust,
high temperature, high pressure washdown, as well as intense shock and
vibration applications
Unmatched high noise immunity eliminates problems associated with
electrical noise (all models > 20V/meter)
360° output status indicator is visible from any angle and in any light
condition
Resettable short circuit protection and reverse polarity in select models
Right angle sensing models offer unique problem-solving capabilities
Wide temperature range -13 to 158°F (-25 to 70°C) on cable, micro-style
connections
Recommended Mounting Clearances
For unshielded standard range sensors and extended range sensors, clear-
ance must be provided around the sensor when mounting for reliable perfor-
mance. (“Sn” is the sensing range of the sensor, “d” is the sensor diameter.)
Extended
Range
Standard
Range
Micro-Connector
Mounted on
Pigtail Cable
Extended Range
Sensors Provide
4 Times the Range
of Standard Sensors
High Quality Stainless
Steel Housing
Right Angle
Viewing
Micro-
Connector
Mini-
Connector
Cable
90º Angled
Sensing Face Solves
Tough Sensing Problems
Multiple Wiring Options
a
b
d
Type
Shielding
a
b
Standard
Range
Shielded
0
0
Unshielded
Cap Height
2 x 5n
Extended
Range
Semi-shielded
d
Sn
Non-embeddable
Cap Height
2 x Sn
For Customer Service in the
U.S. call 1-877-ETN CARE (386-2273),
in Canada call 1-800-268-3578.
For Application Assistance in the U.S. and Canada
call 1-800-426-9184.


Similar Part No. - E57RAL18A2B1

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
E57-08GE03-C EATON-E57-08GE03-C Datasheet
3Mb / 102P
   Stainless steel tube
E57-08GE03-C1 EATON-E57-08GE03-C1 Datasheet
3Mb / 102P
   Stainless steel tube
E57-08GE03-C1DB EATON-E57-08GE03-C1DB Datasheet
3Mb / 102P
   Stainless steel tube
E57-08GE03-C1NB EATON-E57-08GE03-C1NB Datasheet
3Mb / 102P
   Stainless steel tube
E57-08GE03-CDB EATON-E57-08GE03-CDB Datasheet
3Mb / 102P
   Stainless steel tube
More results

Similar Description - E57RAL18A2B1

ManufacturerPart #DatasheetDescription
logo
SICK AG
IME18-05BPOZW2S SICK-IME18-05BPOZW2S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME18-05BPSZW5S SICK-IME18-05BPSZW5S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME18-08BPOZW2S SICK-IME18-08BPOZW2S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME18-08NPOZW2S SICK-IME18-08NPOZW2S Datasheet
1,017Kb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME18-08NPSZW2S SICK-IME18-08NPSZW2S Datasheet
1,017Kb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME30-10BNSZW2K SICK-IME30-10BNSZW2K Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME30-10BPSZW2S SICK-IME30-10BPSZW2S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME30-20NNSZC0S SICK-IME30-20NNSZC0S Datasheet
1Mb / 7P
   INDUCTIVE PROXIMITY SENSORS
IME08-02BNSZT0KS09 SICK-IME08-02BNSZT0KS09 Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME08-2N5NSZT0K SICK-IME08-2N5NSZT0K Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com