Electronic Components Datasheet Search |
|
E57LAL18A2EA Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers |
|
E57LAL18A2EA Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers |
5 / 14 page 3-20 For more information visit: www.eaton.com PG08301004E Inductive Proximity Sensors August 2007 E57 Premium+ Series Model Selection — E57 Premium+ Sensors (Continued) For cable lengths longer than 2 meters, add the number of the desired length in meters to the end of the listed Catalog Number (for Catalog Numbers ending with a number, add an S and then the length). Examples for a 5 meter cable: E57-18LE12-A becomes E57-18LE12-A5; E57LAL12A2 becomes E57LAL12A2S5. Fast turn product with typical one business day lead-time to shipment. See listing of compatible connector cables below. Model Selection — Compatible Connector Cables For a full selection of connector cables, see Section 10. Stocked product, typical order quantities guaranteed in stock. Operating Voltage Sensing Range (Sn) Shielding Connection Type Catalog Number N.O. Output N.C. Output 3-WireSensors (Continued) 30 mm Diameter End Sensing 6 – 48V DC 10 mm (Standard Range) Shielded (NPN) 2-meter Cable E57LAL30T110 E57LBL30T110 4-pin Micro DC Connector E57LAL30T110SD E57LBL30T110SD 4-pin Micro DC Pigtail Connector E57LAL30T110SP E57LBL30T110SP 4-pin Mini-Connector E57MAL30T110B1 E57MBL30T110B1 Shielded (PNP) 2-meter Cable E57LAL30T111 E57LBL30T111 4-pin Micro DC Connector E57LAL30T111SD E57LBL30T111SD 4-pin Micro DC Pigtail Connector E57LAL30T111SP E57LBL30T111SP 4-pin Mini-Connector E57MAL30T111B1 E57MBL30T111B1 15 mm (Standard Range) Unshielded (NPN) 2-meter Cable E57LAL30T110E E57LBL30T110E 4-pin Micro DC Connector E57LAL30T110ED E57LBL30T110ED 4-pin Micro DC Pigtail Connector E57LAL30T110EP E57LBL30T110EP 4-pin Mini-Connector E57MAL30T110EB1 E57MBL30T110EB1 Unshielded (PNP) 2-meter Cable E57LAL30T111E E57LBL30T111E 4-pin Micro DC Connector E57LAL30T111ED E57LBL30T111ED 4-pin Micro DC Pigtail Connector E57LAL30T111EP E57LBL30T111EP 4-pin Mini-Connector E57MAL30T111EB1 E57MBL30T111EB1 22 mm (Extended Range) Semi- shielded (NPN) 2-meter Cable E57-30LE22-C E57-30LE22-C1 4-pin Micro DC Connector E57-30LE22-CD E57-30LE22-C1D 4-pin Micro DC Pigtail Connector E57-30LE22-CP E57-30LE22-C1P 4-pin Mini-Connector E57-30LE22-CB E57-30LE22-C1B Semi- shielded (PNP) 2-meter Cable E57-30LE22-B E57-30LE22-B1 4-pin Micro DC Connector E57-30LE22-BD E57-30LE22-B1D 4-pin Micro DC Pigtail Connector — E57-30LE22-B1P 4-pin Mini-Connector E57-30LE22-BB E57-30LE22-B1B Voltage Style Number of Pins Gauge Length Catalog Number Pin Configuration/Wire Colors (Face View Female Shown) PVC Jacket PUR Jacket IRR PUR Jacket Standard Cables — Micro Style AC 3-pin 3-wire 22 AWG 6.0 feet (2m) CSAS3F3CY2202 CSAS3F3RY2202 — DC 4-pin 4-wire 22 AWG 6.0 feet (2m) CSDS4A4CY2202 CSDS4A4RY2202 CSDS4A4IO2202 Voltage Style Number of Pins Gauge Length Catalog Number Pin Configuration/Wire Colors (Face View Female Shown) Standard Cables — Mini Style — 3-pin 16 AWG 6 feet (2m) CSMS3F3CY1602 AC/DC 4-pin, 4-wire 16 AWG 6 feet (2m) CSMS4A4CY1602 Extended Range Standard Range Micro Style Straight Female 1-Green 2-Red/Black 3-Red/White 1-Brown 2-White 3-Blue 4-Black Mini Style Straight Female Current Rating @ 600V 3-pin: 13A 4-pin: 10A 1-Green 2-Black 3-White 1-Black 2-Blue 3-Brown 4-White |
Similar Part No. - E57LAL18A2EA |
|
Similar Description - E57LAL18A2EA |