Electronic Components Datasheet Search |
|
E57LAL18A2EA Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers |
|
E57LAL18A2EA Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers |
11 / 14 page 3-26 For more information visit: www.eaton.com PG08301004E Inductive Proximity Sensors August 2007 E57 Premium+ Series Short Barrel Model Selection — Short Barrel Length Proximity Sensors Cable models are supplied as standard with a 2-meter cable. A 5-meter cable is available by adding S5 to the Catalog Number. Example: E57SAL12T110 becomes E57SAL12T110S5. Avoid wiring these AC/DC models in series as the sensors may not perform reliably. Contact Eaton’s Cutler-Hammer Applications Engineering at 1-800-426-9184 with questions. Fast turn product with typical one business day lead-time to shipment. Stocked product, typical order quantities guaranteed in stock. See listing of compatible connector cables on Page 3-27. Operating Voltage Sensing Range (Sn) Shielding Connection Type Catalog Number N.O. Output N.C. Output 2-Wire Sensors 12 mm Diameter 20 – 250V AC 2 mm Shielded 2-meter Cable E57SAL12A4 E57SBL12A4 3-pin Micro AC Connector E57SAL12A4SA E57SBL12A4SA 4 mm Unshielded 2-meter Cable E57SAL12A4E E57SBL12A4E 3-pin Micro AC Connector E57SAL12A4EA E57SBL12A4EA 40 – 250V AC 50/60 Hz 20 – 250V DC 2 mm Shielded 2-meter Cable E57SAL12A2 E57SBL12A2 3-pin Micro AC Connector E57SAL12A2SA E57SBL12A2SA 4 mm Unshielded 2-meter Cable E57SAL12A2E E57SBL12A2E 3-pin Micro AC Connector E57SAL12A2EA E57SBL12A2EA 18 mm Diameter 20 – 250V AC 5 mm Shielded 2-meter Cable E57SAL18A4 E57SBL18A4 3-pin Micro AC Connector E57SAL18A4SA E57SBL18A4SA 8 mm Unshielded 2-meter Cable E57SAL18A4E E57SBL18A4E 3-pin Micro AC Connector E57SAL18A4EA E57SBL18A4EA 40 – 250V AC 50/60 Hz 20 – 250V DC 5 mm Shielded 2-meter Cable E57SAL18A2 E57SBL18A2 3-pin Micro AC Connector E57SAL18A2SA E57SBL18A2SA 8 mm Unshielded 2-meter Cable E57SAL18A2E E57SBL18A2E 3-pin Micro AC Connector E57SAL18A2EA E57SBL18A2EA 30 mm Diameter 20 – 250V AC 10 mm Shielded 2-meter Cable E57SAL30A4 E57SBL30A4 3-pin Micro AC Connector E57SAL30A4SA E57SBL30A4SA 15 mm Unshielded 2-meter Cable E57SAL30A4E E57SBL30A4E 3-pin Micro AC Connector E57SAL30A4EA E57SBL30A4EA 40 – 250V AC 50/60 Hz 20 – 250V DC 10 mm Shielded 2-meter Cable E57SAL30A2 E57SBL30A2 3-pin Micro AC Connector E57SAL30A2SA E57SBL30A2SA 15 mm Unshielded 2-meter Cable E57SAL30A2E E57SBL30A2E 3-pin Micro AC Connector E57SAL30A2EA E57SBL30A2EA 3-Wire Sensors 12 mm Diameter 6 – 48V DC 2 mm Shielded (NPN) 2-meter Cable E57SAL12T110 — 4-pin Micro DC Connector E57SAL12T110SD — Shielded (PNP) 2-meter Cable E57SAL12T111 E57SBL12T111 4-pin Micro DC Connector E57SAL12T111SD E57SBL12T111SD 4 mm Unshielded (NPN) 2-meter Cable E57SAL12T110E E57SBL12T110E 4-pin Micro DC Connector E57SAL12T110ED E57SBL12T110ED Unshielded (PNP) 2-meter Cable E57SAL12T111E E57SBL12T111E 4-pin Micro DC Connector E57SAL12T111ED E57SBL12T111ED 18 mm Diameter 6 – 48V DC 5 mm Shielded (NPN) 2-meter Cable E57SAL18T110 E57SBL18T110 4-pin Micro DC Connector E57SAL18T110SD E57SBL18T110SD Shielded (PNP) 2-meter Cable E57SAL18T111 E57SBL18T111 4-pin Micro DC Connector E57SAL18T111SD E57SBL18T111SD 8 mm Unshielded (NPN) 2-meter Cable E57SAL18T110E E57SBL18T110E 4-pin Micro DC Connector E57SAL18T110ED E57SBL18T110ED Unshielded (PNP) 2-meter Cable E57SAL18T111E E57SBL18T111E 4-pin Micro DC Connector E57SAL18T111ED E57SBL18T111ED 30 mm Diameter 6 – 48V DC 10 mm Shielded (NPN) 2-meter Cable E57SAL30T110 E57SBL30T110 4-pin Micro DC Connector E57SAL30T110SD E57SBL30T110SD Shielded (PNP) 2-meter Cable E57SAL30T111 E57SBL30T111 4-pin Micro DC Connector E57SAL30T111SD E57SBL30T111SD 15 mm Unshielded (NPN) 2-meter Cable E57SAL30T110E E57SBL30T110E 4-pin Micro DC Connector E57SAL30T110ED E57SBL30T110ED Unshielded (PNP) 2-meter Cable E57SAL30T111E E57SBL30T111E 4-pin Micro DC Connector E57SAL30T111ED E57SBL30T111ED |
Similar Part No. - E57LAL18A2EA |
|
Similar Description - E57LAL18A2EA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |