Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCN164A222J13 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # BCN164A222J13
Description  Sulphur resistant version available
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BCN164A222J13 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  BCN164A222J13 Datasheet HTML 1Page - List of Unclassifed Manufacturers BCN164A222J13 Datasheet HTML 2Page - List of Unclassifed Manufacturers BCN164A222J13 Datasheet HTML 3Page - List of Unclassifed Manufacturers BCN164A222J13 Datasheet HTML 4Page - List of Unclassifed Manufacturers BCN164A222J13 Datasheet HTML 5Page - List of Unclassifed Manufacturers BCN164A222J13 Datasheet HTML 6Page - List of Unclassifed Manufacturers BCN164A222J13 Datasheet HTML 7Page - List of Unclassifed Manufacturers BCN164A222J13 Datasheet HTML 8Page - List of Unclassifed Manufacturers BCN164A222J13 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
BCN Series
BCN
Model BCN 06, BCN 2D, BCN 4D, BCN 10 & BCN 16 4
10
100
1K
10K
100K
1 Meg
12
120
1.2K
12K
120K
Jumper
15
150
1.5K
15K
150K
18
180
1.8K
18K
180K
22
220
2.2K
22K
220K
27
270
2.7K
27K
270K
33
330
3.3K
33K
330K
39
390
3.9K
39K
390K
47
470
4.7K
47K
470K
56
560
5.6K
56K
560K
68
680
6.8K
68K
680K
82
820
8.2K
82K
820K
Model BCN 16 8R & BCN 16 8S
220
1K
10K
100K
330
4.7K
47K
1 Meg
Model BCN 21
68
330
4.7K
10K
220
1K
47K
100K
Model BCN 31 8R
Model BCN 31 8S
220
2.2K
10K
100K
330
2.7K
22K
470K
1K
4.7K
47K
1 Meg
Electrical
Standard Resistance Values, Ohms
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
01. 12
R1
R2
R3
R 4
R1 = R2….Rn
(n = 2, 4)
BCN062,
BCN 06 4, BCN 4D, BCN 10 & BCN 16 4
10
9
8
7
6
1
2
3
4
5
BCN 16 8R & BCN 31 8R
10
9
8
7
6
5
4
3
2
1
BCN 16 8S & BCN 31 8S
BCN 21


Similar Part No. - BCN164A222J13

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
BCN164AB TTELEC-BCN164AB Datasheet
623Kb / 9P
   Thick Film Chip Arrays
BCN164ABI102J7S TTELEC-BCN164ABI102J7S Datasheet
623Kb / 9P
   Thick Film Chip Arrays
More results

Similar Description - BCN164A222J13

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
DEK-OE-230AC PHOENIX-DEK-OE-230AC Datasheet
68Kb / 4P
   Actuator version available
DEK-OE-60DC PHOENIX-DEK-OE-60DC Datasheet
96Kb / 7P
   Actuator version available
logo
OSRAM GmbH
SFH4516 OSRAM-SFH4516 Datasheet
183Kb / 11P
   UL version available
logo
Vishay Siliconix
VS-50PF VISHAY-VS-50PF Datasheet
164Kb / 9P
   Wire version available
Revision: 04-Dec-14
logo
List of Unclassifed Man...
ASC0805-680KFT5 ETC2-ASC0805-680KFT5 Datasheet
120Kb / 2P
   Anti Sulphur Chip Resistors
ASC2512-33RFT4 ETC2-ASC2512-33RFT4 Datasheet
144Kb / 2P
   Anti Sulphur Chip Resistors
logo
TT Electronics.
SP20 TTELEC-SP20 Datasheet
535Kb / 3P
   F version has flame resistant coating
logo
List of Unclassifed Man...
ASC1206-100KFT5 ETC2-ASC1206-100KFT5 Datasheet
120Kb / 2P
   Anti Sulphur Chip Resistors
logo
TT Electronics.
ASC TTELEC-ASC_17 Datasheet
201Kb / 2P
   Anti Sulphur Chip Resistors
logo
American Zettler, Inc.
AZ6975 AZETTLER-AZ6975 Datasheet
1,021Kb / 3P
   Epoxy sealed version available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com