Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9701-V Datasheet(PDF) 4 Page - California Eastern Labs

Part # PS9701-V
Description  HIGH SPEED DIGITAL OUTPUT TYPE SOP OPTOCOUPLER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9701-V Datasheet(HTML) 4 Page - California Eastern Labs

  PS9701-V Datasheet HTML 1Page - California Eastern Labs PS9701-V Datasheet HTML 2Page - California Eastern Labs PS9701-V Datasheet HTML 3Page - California Eastern Labs PS9701-V Datasheet HTML 4Page - California Eastern Labs PS9701-V Datasheet HTML 5Page - California Eastern Labs PS9701-V Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TYPICAL PERFORMANCE CURVES (TA = 25 °C)
Ambient Temperature, TA (
°C)
PROPAGATION DELAY TIME
vs. AMBIENT TEMPERATURE
Ambient Temperature, TA (
°C)
SWITCHING TIME
vs. AMBIENT TEMPERATURE
IF = 7.5 mA
VCC = 5 V
RL = 350
tPLH
tPHL
120
100
80
60
40
20
0
-50
-25
0
25
50
75
100
IF = 7.5 mA
VCC = 5 V
RL = 350
tr
tf
25
20
15
10
5
0
-50
-25
0
25
50
75
100
PS9701


Similar Part No. - PS9701-V

ManufacturerPart #DatasheetDescription
logo
NEC
PS9701-V NEC-PS9701-V Datasheet
86Kb / 12P
   HIGH SPEED DIGITAL OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9701-V-E3 NEC-PS9701-V-E3 Datasheet
86Kb / 12P
   HIGH SPEED DIGITAL OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9701-V-E4 NEC-PS9701-V-E4 Datasheet
86Kb / 12P
   HIGH SPEED DIGITAL OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9701-V-F3 NEC-PS9701-V-F3 Datasheet
86Kb / 12P
   HIGH SPEED DIGITAL OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9701-V-F4 NEC-PS9701-V-F4 Datasheet
86Kb / 12P
   HIGH SPEED DIGITAL OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
More results

Similar Description - PS9701-V

ManufacturerPart #DatasheetDescription
logo
NEC
PS9701 NEC-PS9701 Datasheet
86Kb / 12P
   HIGH SPEED DIGITAL OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS8703 NEC-PS8703 Datasheet
122Kb / 6P
   NECs HIGH SPEED (200 kbps) ANALOG OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
logo
California Eastern Labs
PS8703 CEL-PS8703 Datasheet
124Kb / 6P
   ANALOG OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
PS8701 CEL-PS8701 Datasheet
56Kb / 6P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
logo
Vishay Siliconix
VOM452T VISHAY-VOM452T Datasheet
113Kb / 7P
   Analog High Speed Optocoupler, 1 MBd, Transistor Output, SOP-5 Package
Rev. 1.0, 08-Apr-10
logo
NEC
PS8101 NEC-PS8101 Datasheet
101Kb / 3P
   NECs HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
logo
Solid State Optronic
SDN137 SSOUSA-SDN137 Datasheet
432Kb / 12P
   Digital High Speed Optocoupler
logo
California Eastern Labs
PS9711 CEL-PS9711 Datasheet
130Kb / 7P
   HIGH NOISE REDUCTION/ HIGH SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 5 PIN SOP TOM OPTOCOUPLER
PS9614 CEL-PS9614 Datasheet
216Kb / 7P
   NECs HIGH NOISE REDUCTION HIGH SPEED DIGITAL OUTPUT TYPE 8 PIN DIP OPTOCOUPLER
logo
NEC
PS9614 NEC-PS9614 Datasheet
130Kb / 7P
   NECs HIGH NOISE REDUCTION HIGH SPEED DIGITAL OUTPUT TYPE 8 PIN DIP OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com