Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9634L Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS9634L
Description  POWER TRANSISTOR DRIVING BASE AMPLIFIER BUILT-IN TYPE OPTOCOUPLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9634L Datasheet(HTML) 1 Page - California Eastern Labs

  PS9634L Datasheet HTML 1Page - California Eastern Labs PS9634L Datasheet HTML 2Page - California Eastern Labs PS9634L Datasheet HTML 3Page - California Eastern Labs PS9634L Datasheet HTML 4Page - California Eastern Labs PS9634L Datasheet HTML 5Page - California Eastern Labs PS9634L Datasheet HTML 6Page - California Eastern Labs PS9634L Datasheet HTML 7Page - California Eastern Labs PS9634L Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FEATURES
HIGH INSTANTANEOUS COMMON MODE
REJECTION VOLTAGE
CMH = -1000 V/
µs MIN, CML = 1000 V/µs MIN
HIGH POWER SUPPLY VOLTAGE (VCC)
VCC = 18 V
HIGH RESPONSE SPEED
tPHL, tPLH = 5
µs MAX
HIGH OUTPUT CURRENT
IO1 = 0.5 A (DC), 1.0 A (pulse) MAX
CAN BE SOLDERED BY INFRARED REFLOW
SOLDERING
DESCRIPTION
The PS9634 is an optical linkage device mounting a GaAs
infrared LED on the light emitting side (input side), and a
photodiode and a signal processing circuit on the light receiv-
ing side (output side) on one chip. The device can directly drive
a power transistor of 15 A to 20 A class and may be used for
an inverter control air conditioner or general purpose inverter.
The PS9634L has formed leads for surface mounting.
POWER TRANSISTOR
DRIVING BASE AMPLIFIER
BUILT-IN TYPE OPTOCOUPLER
ELECTRICAL CHARACTERISTICS (TA= -20 °C to +80 °C, unless otherwise specified)
PART NUMBER
PS9634, PS9634L
SYMBOLS
PARAMETERS
UNITS
MIN
TYP
MAX
VF
Forward Voltage, IF = 5 mA, TA = 25
°C
V
1.1
1.4
IR
Reverse Current, VR = 5 V, TA = 25
°C
µA5
Ct
Capacitance Between Terminals
pF
30
V = 0, f = 1.0 MHz, TA = 25
°C
VCC
Supply Voltage
V
5.4
15
VO1L*
Low Level Output Voltage (O1)
V
0.25
0.4
Vcc = 6 V, IO1 = 0.4 A, RL2 = 10
Ω, IF = 5 mA
VO2H*
High Level Output Voltage (O2)
V
4.5
5.0
Vcc = 6 V, IO2 = -0.4 A, IF = 5 mA
VO2L
Low Level Output Voltage (O2)
V
0.25
0.4
Vcc = 6 V, IO2 = 0.5 A, IF = 0
IO1L*
Leak Current (O1), Vcc = 13 V, IF = 0
µA
100
IO2L
Leak Current (O2), Vcc = 13 V, IF = 5 mA
µA
100
ICCH
High Level Supply Current
VCC = 6 V, IF = 5 mA, TA = 25
°CmA
8
12
VCC = 6 V, IF = 5 mA
mA
16
ICCL
Low Level Supply Current
VCC = 6 V, IF = 0, TA = 25
°CmA
15
18
VCC = 6 V, IF = 0
mA
22
IFLH*
Input ON Current, Low
♦ High
Vcc = 6 V, RL1 = 5
Ω, RL2 = 10 Ω, TA = 25 °C
mA
0.3
1.5
3.0
Vcc = 6 V, RL1 = 5
Ω, RL2 = 10 Ω
mA
0.2
5.0
RI-O
Insulation Resistance, RH = 40% to 60%, TA = 25
°C
1011
tPLH*
Propagation Delay Time, Low
♦ High
µs3
5
Vcc = 6 V, IF = 5 mA, RL1 = 5
Ω, RL2 = 10 Ω, TA = 25 °C
tPHL*
Propagation Delay Time, High
♦ Low
µs3
5
Vcc = 6 V, IF = 5 mA, RL1 = 5
Ω, RL2 = 10 Ω, TA = 25 °C
CMH*
Instantaneous Common Mode Rejection Voltage
V/
µs
-1000
(Output "High"), TA = 25
°C, VCM = 600 V (peak), IF = 5 mA
RL1 = 470
Ω, RL2 = 1 kΩ, ∆VO2H = 0.5 V
CML*
Instantaneous Common Mode Rejection Voltage
V/
µs
1000
(Output "Low"), TA = 25
°C, VCM = 600 V (peak), IF = 0 mA
RL1 = 470
Ω, RL2 = 1 kΩ, ∆VO2L = 0.5 V
PS9634
PS9634L
ESD SENSITIVE
California Eastern Laboratories
*Note: See Figures 1-7 for test schematic.


Similar Part No. - PS9634L

ManufacturerPart #DatasheetDescription
logo
NEC
PS9634L NEC-PS9634L Datasheet
123Kb / 12P
   POWER TRANSISTOR DRIVING BASE AMPLIFIER BUILT-IN TYPE PHOTOCOUPLER
PS9634L-E3 NEC-PS9634L-E3 Datasheet
123Kb / 12P
   POWER TRANSISTOR DRIVING BASE AMPLIFIER BUILT-IN TYPE PHOTOCOUPLER
PS9634L-E4 NEC-PS9634L-E4 Datasheet
123Kb / 12P
   POWER TRANSISTOR DRIVING BASE AMPLIFIER BUILT-IN TYPE PHOTOCOUPLER
More results

Similar Description - PS9634L

ManufacturerPart #DatasheetDescription
logo
NEC
PS9634 NEC-PS9634 Datasheet
123Kb / 12P
   POWER TRANSISTOR DRIVING BASE AMPLIFIER BUILT-IN TYPE PHOTOCOUPLER
logo
Agilent(Hewlett-Packard...
HCPL-3000 HP-HCPL-3000 Datasheet
217Kb / 9P
   Power Bipolar Transistor Base Drive Optocoupler
logo
Fuji Electric
EXB356 FUJI-EXB356 Datasheet
54Kb / 3P
   HYBRID ICS FOR BASE DRIVING OF POWER TRANSISTOR MODULE
logo
NEC
FA4A4M NEC-FA4A4M Datasheet
685Kb / 22P
   RESISTOR BUILT-IN TYPE NPN TRANSISTOR
FN4F4M NEC-FN4F4M Datasheet
327Kb / 22P
   RESISTOR BUILT-IN TYPE PNP TRANSISTOR
GN4A4Z NEC-GN4A4Z Datasheet
322Kb / 22P
   RESISTOR BUILT-IN TYPE PNP TRANSISTOR
KA4A3Q NEC-KA4A3Q Datasheet
373Kb / 22P
   RESISTOR BUILT-IN TYPE NPN TRANSISTOR
KN4L3Z NEC-KN4L3Z Datasheet
379Kb / 22P
   RESISTOR BUILT-IN TYPE PNP TRANSISTOR
GA4F3R NEC-GA4F3R Datasheet
370Kb / 22P
   RESISTOR BUILT-IN TYPE NPN TRANSISTOR
logo
Omron Electronics LLC
E3Z-G61 OMRON-E3Z-G61 Datasheet
446Kb / 5P
   Grooved-type Photoelectric Sensor with Built-in Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com