Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30069-06A1 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 30069-06A1
Description  Mini-Fit짰 TPA Header, 4.20mm Pitch, Dual Row, Vertical, with PCB Mounting Flange, 6 Circuits, Tin (Sn) Plating without Drain Holes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

30069-06A1 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  30069-06A1 Datasheet HTML 1Page - Molex Electronics Ltd. 30069-06A1 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Shrouded
Partial
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
13A
Voltage - Maximum
600V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
260
Material Info
Old Part Number
30069-06A1
Reference - Drawing Numbers
Packaging Specification
PK-30069-001
Product Specification
PS-5556-003
Sales Drawing
SDA-30069-****
This document was generated on 01/06/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 30069-06A1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
30069-06A2 MOLEX11-30069-06A2 Datasheet
53Kb / 2P
   Mini-Fit짰 TPA Header, 4.20mm Pitch, Dual Row, Vertical, with PCB Mounting Flange, 6 Circuits, Tin (Sn) Plating, without Drain Holes
More results

Similar Description - 30069-06A1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
15-97-7064 MOLEX11-15-97-7064 Datasheet
53Kb / 2P
   Mini-Fit짰 TPA Header, 4.20mm Pitch, Dual Row, Vertical, with PCB Mounting Flange, 6 Circuits, Tin (Sn) Plating, without Drain Holes
15-97-7042 MOLEX9-15-97-7042 Datasheet
53Kb / 2P
   Mini-Fit짰 TPA Header, 4.20mm Pitch, Dual Row, Vertical, with PCB Mounting Flange, 4 Circuits, Tin (Sn) Plating, without Drain Holes
15-97-7082 MOLEX11-15-97-7082 Datasheet
53Kb / 2P
   Mini-Fit짰 TPA Header, 4.20mm Pitch, Dual Row, Vertical, with PCB Mounting Flange, 8 Circuits, Tin (Sn) Plating, without Drain Holes
15-97-7102 MOLEX11-15-97-7102 Datasheet
53Kb / 2P
   Mini-Fit짰 TPA Header, 4.20mm Pitch, Dual Row, Vertical, with PCB Mounting Flange, 10 Circuits, Tin (Sn) Plating, without Drain Holes
15-97-7122 MOLEX11-15-97-7122 Datasheet
53Kb / 2P
   Mini-Fit짰 TPA Header, 4.20mm Pitch, Dual Row, Vertical, with PCB Mounting Flange, 12 Circuits, Tin (Sn) Plating, without Drain Holes
15-97-7162 MOLEX11-15-97-7162 Datasheet
53Kb / 2P
   Mini-Fit짰 TPA Header, 4.20mm Pitch, Dual Row, Vertical, with PCB Mounting Flange, 16 Circuits, Tin (Sn) Plating, without Drain Holes
15-97-7022 MOLEX9-15-97-7022 Datasheet
53Kb / 2P
   Mini-Fit짰 TPA Header, 4.20mm Pitch, Dual Row, Vertical, with PCB Mounting Flange, 2 Circuits, Tin (Sn) Plating, without Drain Holes
30069-0611 MOLEX11-30069-0611 Datasheet
52Kb / 2P
   4.20mm Pitch, Mini-Fit짰 TPA Header, Dual Row, Vertical, with PCB Mounting Flange, 6 Circuits, Tin (Sn) Over Nickel (Ni) Plating, without Drain Holes
30069-0411 MOLEX11-30069-0411 Datasheet
52Kb / 2P
   4.20mm Pitch, Mini-Fit짰 TPA Header, Dual Row, Vertical, with PCB Mounting Flange, 4 Circuits, Tin (Sn) Over Nickel (Ni) Plating, without Drain Holes
30069-1011 MOLEX11-30069-1011 Datasheet
52Kb / 2P
   4.20mm Pitch, Mini-Fit짰 TPA Header, Dual Row, Vertical, with PCB Mounting Flange, 10 Circuits, Tin (Sn) Over Nickel (Ni) Plating, without Drain Holes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com