Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCN164AB102J7 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BCN164AB102J7
Description  Sulphur resistant version available
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BCN164AB102J7 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BCN164AB102J7 Datasheet HTML 1Page - List of Unclassifed Manufacturers BCN164AB102J7 Datasheet HTML 2Page - List of Unclassifed Manufacturers BCN164AB102J7 Datasheet HTML 3Page - List of Unclassifed Manufacturers BCN164AB102J7 Datasheet HTML 4Page - List of Unclassifed Manufacturers BCN164AB102J7 Datasheet HTML 5Page - List of Unclassifed Manufacturers BCN164AB102J7 Datasheet HTML 6Page - List of Unclassifed Manufacturers BCN164AB102J7 Datasheet HTML 7Page - List of Unclassifed Manufacturers BCN164AB102J7 Datasheet HTML 8Page - List of Unclassifed Manufacturers BCN164AB102J7 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Features
· Thick Film
· Chip Resistor Arrays
· RoHS Compliant
· Sulphur resistant version available
(Tested to ASTM-B809)
· Range extended to include 0201 size resistors
Features
· Reliable monolithic construction
· Nickel barrier terminations
· Top side marking for easy identification
· Concave or convex termination styles
· Square or scalloped edges available
Applications
· Pull up / pull down resistors for digital IC’s
· Series termination on high speed data busses
· Current limit for LED displays
· Available as an 8 bit R/2R Ladder Network
Benefits
· Saves board space over equivalent
rated chip resistors
· Eliminates up to seven pick & place operations
· Single component reliability
· Leadless chip, reduced inductance
· Mounts close to active devices
BCN Series
BCN
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
01. 12
Model (Width)
# of Resistors
Circuit
Package
Size
Chip
Array
Edge Finish / Termination
Scalloped
Convex
Square
Convex
Square
Concave
Model BCN 06 2 (0.6mm)
2 Resistors
Isolated
0302
0201
Model BCN 06 4 (0.6mm)
4 Resistors
Isolated
0502
0201
Model BCN 2D (1.6mm)
2 Resistors
Isolated
0606
0603
Model BCN 10 (1.0mm)
4 Resistors
Isolated
0804
0402
Model BCN 16 4ABI (1.6mm)
4 Resistors
Isolated
1206
0603
Model BCN 16 4A/AB (1.6mm)
4 Resistors
Isolated
1206
0603
Model BCN 16 8RB/8SB (1.6mm)
8 Resistors
Bussed
1206
0603
Model BCN 21 (2.1mm)
8 Resistors
Bussed
1608
0804
Model BCN 4D (3.1mm)
4 Resistors
Isolated
2112
1206
Model BCN 4DBI (3.1mm)
4 Resistors
Isolated
2112
1206
Model BCN 31 8RB/8SB (3.1mm)
8 Resistors
Bussed
2512
1206
Model BCN 31 8RBI/8SBI (3.1mm)
8 Resistors
Bussed
2512
1206
Jumper Chip Array
4/8 Resistors
Isolated/Bussed
All
All
Model Styles


Similar Part No. - BCN164AB102J7

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
BCN164AB TTELEC-BCN164AB Datasheet
623Kb / 9P
   Thick Film Chip Arrays
BCN164ABI102J7S TTELEC-BCN164ABI102J7S Datasheet
623Kb / 9P
   Thick Film Chip Arrays
More results

Similar Description - BCN164AB102J7

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
DEK-OE-230AC PHOENIX-DEK-OE-230AC Datasheet
68Kb / 4P
   Actuator version available
DEK-OE-60DC PHOENIX-DEK-OE-60DC Datasheet
96Kb / 7P
   Actuator version available
logo
OSRAM GmbH
SFH4516 OSRAM-SFH4516 Datasheet
183Kb / 11P
   UL version available
logo
Vishay Siliconix
VS-50PF VISHAY-VS-50PF Datasheet
164Kb / 9P
   Wire version available
Revision: 04-Dec-14
logo
List of Unclassifed Man...
ASC0805-680KFT5 ETC2-ASC0805-680KFT5 Datasheet
120Kb / 2P
   Anti Sulphur Chip Resistors
ASC2512-33RFT4 ETC2-ASC2512-33RFT4 Datasheet
144Kb / 2P
   Anti Sulphur Chip Resistors
logo
TT Electronics.
SP20 TTELEC-SP20 Datasheet
535Kb / 3P
   F version has flame resistant coating
logo
List of Unclassifed Man...
ASC1206-100KFT5 ETC2-ASC1206-100KFT5 Datasheet
120Kb / 2P
   Anti Sulphur Chip Resistors
logo
TT Electronics.
ASC TTELEC-ASC_17 Datasheet
201Kb / 2P
   Anti Sulphur Chip Resistors
logo
American Zettler, Inc.
AZ6975 AZETTLER-AZ6975 Datasheet
1,021Kb / 3P
   Epoxy sealed version available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com