Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPD60R1K4C6BTMA1 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # IPD60R1K4C6BTMA1
Description  600V CoolMOS C6 Power Transistor IPD60R1K4C6
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD60R1K4C6BTMA1 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button IPD60R1K4C6BTMA1 Datasheet HTML 6Page - Infineon Technologies AG IPD60R1K4C6BTMA1 Datasheet HTML 7Page - Infineon Technologies AG IPD60R1K4C6BTMA1 Datasheet HTML 8Page - Infineon Technologies AG IPD60R1K4C6BTMA1 Datasheet HTML 9Page - Infineon Technologies AG IPD60R1K4C6BTMA1 Datasheet HTML 10Page - Infineon Technologies AG IPD60R1K4C6BTMA1 Datasheet HTML 11Page - Infineon Technologies AG IPD60R1K4C6BTMA1 Datasheet HTML 12Page - Infineon Technologies AG IPD60R1K4C6BTMA1 Datasheet HTML 13Page - Infineon Technologies AG IPD60R1K4C6BTMA1 Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
.((H 6YYV@BEc 6. CY`O[ F[KX\S\]Y[
26/*$7%3(.*
8VOM][SMKV MRK[KM]O[S\]SM\ NSKQ[KW\
A\aT_!?TgT!L[XXg
,-
KXi)!-)+'!-+,+(+2(,4
9>?GB %(
FbZ& MKZKMS]KXMO\
FbZ& !
JMM \]Y[ON OXO[Qb
63N"'
7E%6!';E7+!O6!(7,!HCm
$
5883N"'7E#
9>?GB %)
9Y[`K[N MRK[KM]O[S\]SM\ YP [O_O[\O NSYNO
&
93N"'E7%6!cTeT`XgXe5!&R
11


Similar Part No. - IPD60R1K4C6BTMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD60R1K4C6 INFINEON-IPD60R1K4C6 Datasheet
1Mb / 14P
   600V CoolMOS C6 Power Transistor
2010-07-19 revision:2.0
IPD60R1K4C6 INFINEON-IPD60R1K4C6 Datasheet
33Kb / 1P
   Material Content Data Sheet
29. September 2015
logo
Inchange Semiconductor ...
IPD60R1K4C6 ISC-IPD60R1K4C6 Datasheet
336Kb / 2P
   N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPD60R1K4C6 INFINEON-IPD60R1K4C6_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
29. September 2015
More results

Similar Description - IPD60R1K4C6BTMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R041C6 INFINEON-IPW60R041C6 Datasheet
868Kb / 13P
   600V CoolMOS C6 Power Transistor
2010-07-12 revision:2.1
IPX60R950C6 INFINEON-IPX60R950C6 Datasheet
1Mb / 18P
   600V CoolMOS??C6 Power Transistor
Rev. 2.5 2020-05-20
IPD60R2K0C6 INFINEON-IPD60R2K0C6 Datasheet
1Mb / 14P
   600V CoolMOS C6 Power Transistor
2010-07-20 revision:2.0
IPD60R3K3C6 INFINEON-IPD60R3K3C6 Datasheet
1Mb / 14P
   600V CoolMOS C6 Power Transistor
2010-07-21 revision:2.0
IPA60R950C6 INFINEON-IPA60R950C6_14 Datasheet
1Mb / 18P
   600V CoolMOS??C6 Power Transistor
Rev. 2.2, 2014-12-10
IPD60R1K4C6 INFINEON-IPD60R1K4C6 Datasheet
1Mb / 14P
   600V CoolMOS C6 Power Transistor
2010-07-19 revision:2.0
6R190C6 INFINEON-6R190C6 Datasheet
1Mb / 19P
   600V CoolMOS C6 Power Transistor
Rev. 2.3 2018-02-26
LPD60R2K0C6 INFINEON-LPD60R2K0C6 Datasheet
790Kb / 14P
   600V CoolMOS??C6 Power Transistor
Rev. 2.2, 2020-05-20
IPL60R2K1C6S INFINEON-IPL60R2K1C6S Datasheet
1Mb / 14P
   600V CoolMOS™ C6 Power Transistor
Rev. 2.0, 2014-07-08
IPL60R1K5C6S INFINEON-IPL60R1K5C6S Datasheet
1Mb / 14P
   600V CoolMOS™ C6 Power Transistor
Rev. 2.0, 2014-07-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com