Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IHLP-1616AB-11 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IHLP-1616AB-11
Description  Low Profile, High Current IHLP Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IHLP-1616AB-11 Datasheet(HTML) 3 Page - Vishay Siliconix

  IHLP-1616AB-11 Datasheet HTML 1Page - Vishay Siliconix IHLP-1616AB-11 Datasheet HTML 2Page - Vishay Siliconix IHLP-1616AB-11 Datasheet HTML 3Page - Vishay Siliconix IHLP-1616AB-11 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IHLP-1616AB-11
www.vishay.com
Vishay Dale
Revision: 13-Sep-12
3
Document Number: 34194
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PERFORMANCE GRAPHS: INDUCTANCE AND Q VS. FREQUENCY
IHLP-1616AB-11 0.10 μH 20 %
0.00
0.04
0.08
0.12
0.20
0.1
1
10
1000
0
10
30
40
50
FREQUENCY (MHz)
0.16
20
Q
L
100
IHLP-1616AB-11 0.22 μH 20 %
0.00
0.07
0.14
0.21
0.35
0.1
1
10
1000
0
10
30
40
50
FREQUENCY (MHz)
0.28
20
Q
L
100
IHLP-1616AB-11 0.47 μH 20 %
0.00
0.16
0.32
0.48
0.80
0.1
1
10
1000
0
10
30
40
50
FREQUENCY (MHz)
0.64
20
Q
L
100
IHLP-1616AB-11 1.0 μH 20 %
0.0
0.4
0.8
1.2
2.0
0.1
1
10
100
0
10
30
40
50
FREQUENCY (MHz)
1.6
20
Q
L
IHLP-1616AB-11 1.2 μH 20 %
0.0
0.7
1.4
2.1
3.5
0.1
1
10
100
0
10
30
40
50
FREQUENCY (MHz)
2.8
20
Q
L
IHLP-1616AB-11 1.5 μH 20 %
0.0
0.7
1.4
2.1
3.5
0.1
1
10
100
0
10
30
40
50
FREQUENCY (MHz)
2.8
20
Q
L
IHLP-1616AB-11 2.2 μH 20 %
0
1
2
3
5
0.1
1
10
100
0
10
30
40
50
FREQUENCY (MHz)
4
20
Q
L


Similar Part No. - IHLP-1616AB-11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLP-1616AB-11 VISHAY-IHLP-1616AB-11 Datasheet
110Kb / 3P
   Low Profile, High Current Inductor
Revision: 21-Jan-08
IHLP-1616AB-11 VISHAY-IHLP-1616AB-11 Datasheet
225Kb / 4P
   IHLP Commercial Inductors, Low DCR Series
Revision: 12-Oct-17
IHLP-1616AB-11 VISHAY-IHLP-1616AB-11 Datasheet
206Kb / 4P
   IHLP® Commercial Inductors, Low DCR Series
01-Jan-2022
IHLP-1616AB-11 VISHAY-IHLP-1616AB-11_17 Datasheet
225Kb / 4P
   IHLP Commercial Inductors, Low DCR Series
Revision: 12-Oct-17
IHLP-1616AB-11 VISHAY-IHLP-1616AB-11_V01 Datasheet
206Kb / 4P
   IHLP® Commercial Inductors, Low DCR Series
01-Jan-2022
More results

Similar Description - IHLP-1616AB-11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLP-2525EZ-01 VISHAY-IHLP-2525EZ-01_09 Datasheet
157Kb / 4P
   Low Profile, High Current IHLP Inductors
Revision: 18-May-09
IHLP1616BZEB1R0M11 VISHAY-IHLP1616BZEB1R0M11 Datasheet
246Kb / 3P
   Low Profile, High Current IHLP Inductors
Revision: 26-Feb-13
IHLP2525CZERR22M01 VISHAY-IHLP2525CZERR22M01 Datasheet
123Kb / 4P
   Low Profile, High Current IHLP Inductors
Revision: 24-Feb-11
IHLP5050EZER4R7M01 VISHAY-IHLP5050EZER4R7M01 Datasheet
125Kb / 5P
   Low Profile, High Current IHLP Inductors
Revision: 25-Feb-11
IHLP2020BZER4R7M11 VISHAY-IHLP2020BZER4R7M11 Datasheet
290Kb / 6P
   Low Profile, High Current IHLP Inductors
Revision: 20-Sep-13
IHLP5050EZER7R8M01 VISHAY-IHLP5050EZER7R8M01 Datasheet
125Kb / 5P
   Low Profile, High Current IHLP Inductors
Revision: 25-Feb-11
IHLP-5050FD-01 VISHAY-IHLP-5050FD-01_12 Datasheet
135Kb / 5P
   Low Profile, High Current IHLP Inductors
Revision: 25-Feb-11
IHLP-5050FD-8A VISHAY-IHLP-5050FD-8A Datasheet
453Kb / 9P
   Low Profile, High Current IHLP Inductors
Revision: 03-May-16
IHLP-1212AB-11 VISHAY-IHLP-1212AB-11 Datasheet
288Kb / 4P
   Low Profile, High Current IHLP Inductors
Revision: 12-Sep-16
IHLP-4040DZ-A1 VISHAY-IHLP-4040DZ-A1 Datasheet
123Kb / 4P
   Low Profile, High Current IHLP Inductors
Revision: 18-Sep-15
IHLP-4040DZ-11 VISHAY-IHLP-4040DZ-11_15 Datasheet
130Kb / 5P
   Low Profile, High Current IHLP Inductors
Revision: 26-Aug-15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com