Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB104S Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # DB104S
Description  SURFACE MOUNT BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

DB104S Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  DB104S Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. DB104S Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DB101S-DB107S
Features
· Glass Passivated Die Construction
· Low leakage
· Ideal for printed circuit board
· Surge overload rating-30A peak
· Designed for Surface Mount Application
· Plastic Material-UL Flammability 94V-O
Mechanical Data
· Case:Reliable low cost construction
utilizing molded plastic technique
· Terminals:Plated Leads Solderable per
MIL-STD-202,Method208
· Polarity:As Marked on Case
· Mounting Position:Any
· Marking:Type Number
Maximum Ratings and Electrical Characteristics @TA=25℃ unless otherwise specified
Single Phase,half wave,60Hz,resistive or inductive load.For capacitive load,derate current by 20%.
Parameter
Symbol DB101S DB102S DB103S DB104S DB105S DB106S DB107S UNIT
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average forward output rectified
current @TA=40℃
I(AV)
1
Peak forward surge current 8.3ms single
sine-wave superimposed on rated load(JEDEC
Method)
IFSM
30
A
Maximum instantaneous forward voltage drop
per diode @1.0A
VF
1.1
V
Maximum DC reverse current at TA=25℃
rated DC blocking voltage per leg TA=125℃
IR
5.0
500
uA
Typical thermal resistance per leg (Note1)
RθJA
40
℃/W
RθJL
15
Operating junction temperature range
TJ
-55 to +150
storage temperature range
Tstg
-55 to +150
Note:
1.Mounted on glass epoxy PC board with 1.3mm² solder pad.
2.Mounted on aluminum substrate PC board with 1.3mm² solder pad.
3.Measured at 1.0MHz and applied reverse of 4.0V D.C.
1/2
A
http://www.trr-jx.com
SURFACE MOUNT BRIDGE RECTIFIERS


Similar Part No. - DB104S

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
DB104S SUNTAN-DB104S Datasheet
390Kb / 2P
   Ideal for printed circuit board
logo
Rectron Semiconductor
DB104S RECTRON-DB104S Datasheet
20Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Shenzhen Yixinwei Techn...
DB104S YIXIN-DB104S Datasheet
116Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
RFE international
DB104S RFE-DB104S Datasheet
230Kb / 2P
   BRIDGE RECTIFIERS 0.8 to 1.5 Amps
logo
Yea Shin Technology Co....
DB104S YEASHIN-DB104S Datasheet
355Kb / 2P
   Glass passivated type
More results

Similar Description - DB104S

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
RMB2S SSC-RMB2S Datasheet
190Kb / 3P
   Surface Mount Bridge Rectifiers
logo
Bruckewell Technology L...
DF005S BWTECH-DF005S Datasheet
232Kb / 2P
   SURFACE MOUNT BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
RMB2F JUXING-RMB2F Datasheet
670Kb / 2P
   SURFACE MOUNT BRIDGE RECTIFIERS
MB05F_GW JUXING-MB05F_GW Datasheet
820Kb / 2P
   SURFACE MOUNT BRIDGE RECTIFIERS
DBS05 JUXING-DBS05 Datasheet
961Kb / 2P
   SURFACE MOUNT BRIDGE RECTIFIERS
DB151S JUXING-DB151S Datasheet
1Mb / 2P
   SURFACE MOUNT BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
DB101 SECOS-DB101_17 Datasheet
188Kb / 2P
   Surface Mount Bridge Rectifiers
DB1501S SECOS-DB1501S_17 Datasheet
176Kb / 2P
   Surface Mount Bridge Rectifiers
logo
Guangdong Juxing Electr...
MB0405F JUXING-MB0405F Datasheet
970Kb / 2P
   SURFACE MOUNT BRIDGE RECTIFIERS
UMB05F JUXING-UMB05F_17 Datasheet
1Mb / 3P
   SURFACE MOUNT BRIDGE RECTIFIERS
logo
Microdiode Electronics ...
UMB05F CHENDA-UMB05F Datasheet
1Mb / 3P
   SURFACE MOUNT BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com