Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30069-04A1 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 30069-04A1
Description  Mini-Fit짰 TPA Header, 4.20mm Pitch, Dual Row, Vertical, with PCB Mounting Flange, 4 Circuits, Tin (Sn) Plating, without Drain Holes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

30069-04A1 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  30069-04A1 Datasheet HTML 1Page - Molex Electronics Ltd. 30069-04A1 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 01/06/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
15-97-7042
Status:
Active
Overview:
Mini-Fit® TPA Plugs and Receptacles
Description:
Mini-Fit® TPA Header, 4.20mm Pitch, Dual Row, Vertical, with PCB Mounting Flange, 4
Circuits, Tin (Sn) Plating, without Drain Holes
Documents:
3D Model
Packaging Specification PK-30069-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-5556-003 (PDF)
Agency Certification
CSA
LR19980
TUV
R72081037
UL
E29179
General
Product Family
PCB Headers
Series
30069
Application
Power, Wire-to-Board
Comments
Current = 13A max. per circuit when header is mated
to a receptacle loaded with 45750 Mini-Fit® Plus HCS
Crimp Terminal Crimped to 16 AWG wire., See Molex
product specification PS-45750-001 for additional
current de-rating information.
Overview
Mini-Fit® TPA Plugs and Receptacles
Product Name
Mini-Fit® TPA
UPC
800754202626
Physical
Breakaway
No
Circuits (Loaded)
4
Circuits (maximum)
4
Color - Resin
Black
Durability (mating cycles max)
30
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Net Weight
1.567/g
Number of Rows
2
Orientation
Vertical
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness - Recommended
1.80mm
Packaging Type
Bag
Pitch - Mating Interface
4.20mm
Pitch - Termination Interface
4.20mm
Plating min - Mating
0.889µm
Plating min - Termination
0.889µm
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
30069Series
Mates With
30067 Mini-Fit TPA™ Receptacle Housing
Use With
Mini-Fit® TPA Receptacle Housing 30071 ,
30072


Similar Part No. - 30069-04A1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
30069-04A2 MOLEX11-30069-04A2 Datasheet
53Kb / 2P
   Mini-Fit짰 TPA Header, 4.20mm Pitch, Dual Row, Vertical, with PCB Mounting Flange, 4 Circuits, Gold (Au) Plating, without Drain Holes
More results

Similar Description - 30069-04A1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
15-97-7082 MOLEX11-15-97-7082 Datasheet
53Kb / 2P
   Mini-Fit짰 TPA Header, 4.20mm Pitch, Dual Row, Vertical, with PCB Mounting Flange, 8 Circuits, Tin (Sn) Plating, without Drain Holes
15-97-7102 MOLEX11-15-97-7102 Datasheet
53Kb / 2P
   Mini-Fit짰 TPA Header, 4.20mm Pitch, Dual Row, Vertical, with PCB Mounting Flange, 10 Circuits, Tin (Sn) Plating, without Drain Holes
15-97-7122 MOLEX11-15-97-7122 Datasheet
53Kb / 2P
   Mini-Fit짰 TPA Header, 4.20mm Pitch, Dual Row, Vertical, with PCB Mounting Flange, 12 Circuits, Tin (Sn) Plating, without Drain Holes
15-97-7162 MOLEX11-15-97-7162 Datasheet
53Kb / 2P
   Mini-Fit짰 TPA Header, 4.20mm Pitch, Dual Row, Vertical, with PCB Mounting Flange, 16 Circuits, Tin (Sn) Plating, without Drain Holes
15-97-7062 MOLEX11-15-97-7062 Datasheet
53Kb / 2P
   Mini-Fit짰 TPA Header, 4.20mm Pitch, Dual Row, Vertical, with PCB Mounting Flange, 6 Circuits, Tin (Sn) Plating without Drain Holes
15-97-7064 MOLEX11-15-97-7064 Datasheet
53Kb / 2P
   Mini-Fit짰 TPA Header, 4.20mm Pitch, Dual Row, Vertical, with PCB Mounting Flange, 6 Circuits, Tin (Sn) Plating, without Drain Holes
15-97-7022 MOLEX9-15-97-7022 Datasheet
53Kb / 2P
   Mini-Fit짰 TPA Header, 4.20mm Pitch, Dual Row, Vertical, with PCB Mounting Flange, 2 Circuits, Tin (Sn) Plating, without Drain Holes
30069-0411 MOLEX11-30069-0411 Datasheet
52Kb / 2P
   4.20mm Pitch, Mini-Fit짰 TPA Header, Dual Row, Vertical, with PCB Mounting Flange, 4 Circuits, Tin (Sn) Over Nickel (Ni) Plating, without Drain Holes
15-97-7044 MOLEX11-15-97-7044 Datasheet
53Kb / 2P
   Mini-Fit짰 TPA Header, 4.20mm Pitch, Dual Row, Vertical, with PCB Mounting Flange, 4 Circuits, Gold (Au) Plating, without Drain Holes
30069-1011 MOLEX11-30069-1011 Datasheet
52Kb / 2P
   4.20mm Pitch, Mini-Fit짰 TPA Header, Dual Row, Vertical, with PCB Mounting Flange, 10 Circuits, Tin (Sn) Over Nickel (Ni) Plating, without Drain Holes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com