Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAHE1A Datasheet(PDF) 3 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # MAHE1A
Description  Surface Mount Ultra Fast Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

MAHE1A Datasheet(HTML) 3 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  MAHE1A Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. MAHE1A Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. MAHE1A Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Package Outline
Notice
Product is intended for use in general electronics applications.
Product should be worked less than the ratings; if exceeded, may cause permanent damage.or introduce latent failure
mechanisms.
The absolute maximum ratings are rated values and must not be exceeded during operation. The following are the general
derating methods you design a circuit with a device.
IF(AV) : We recommend that the worst case current be no greater than 80% .
IFSM : This rating specifies the non-repetitive peak current. This is only applied for an abnormal operation, which the general
during the lifespan of the device.
TJ : Derate this rating when using a device in order to ensure high reliability. We recommend that the device be used at
a TJ of below 125°C.
TRR is registered trademark of Rising-sun Technology. Rising-sun Technology reserves the right to make changes to any product in this
specification to improve reliability,functional characteristics,or design without notice.
Rising-sun Technology does not assure any liability arising out of the applications or any product described in this specification.
Rising-sun Technology advises customers to obtain the latest version of the device information before placing orders to verify that the
required information is current.
MAHE1A~MAHE1M
Surface Mount Ultra Fast Rectifiers
http://www.trr-jx.com


Similar Part No. - MAHE1A

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
MAHE0.5A JUXING-MAHE0.5A Datasheet
1Mb / 3P
   Surface Mount Ultra Fast Rectifiers
MAHE0.5B JUXING-MAHE0.5B Datasheet
1Mb / 3P
   Surface Mount Ultra Fast Rectifiers
MAHE0.5D JUXING-MAHE0.5D Datasheet
1Mb / 3P
   Surface Mount Ultra Fast Rectifiers
MAHE0.5G JUXING-MAHE0.5G Datasheet
1Mb / 3P
   Surface Mount Ultra Fast Rectifiers
MAHE0.5J JUXING-MAHE0.5J Datasheet
1Mb / 3P
   Surface Mount Ultra Fast Rectifiers
More results

Similar Description - MAHE1A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
US1A EIC-US1A Datasheet
67Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
UF1AA HY-UF1AA Datasheet
35Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIERS
logo
Guangdong Juxing Electr...
US2A JUXING-US2A Datasheet
1Mb / 3P
   Surface Mount Ultra Fast Rectifiers
US3ABF JUXING-US3ABF Datasheet
620Kb / 3P
   Surface Mount Ultra Fast Rectifiers
logo
Weitron Technology
US1A WEITRON-US1A Datasheet
128Kb / 3P
   Surface Mount Ultra Fast Rectifiers
logo
Guangdong Juxing Electr...
US2A JUXING-US2A_18 Datasheet
1Mb / 2P
   Surface Mount Ultra Fast Rectifiers
US3A JUXING-US3A_18 Datasheet
1Mb / 2P
   Surface Mount Ultra Fast Rectifiers
US2A_18 JUXING-US2A_18_03 Datasheet
1Mb / 2P
   Surface Mount Ultra Fast Rectifiers
DHE1A JUXING-DHE1A_19 Datasheet
1Mb / 3P
   Surface Mount Ultra Fast Rectifiers
logo
Weitron Technology
US2A WEITRON-US2A Datasheet
118Kb / 3P
   Surface Mount Ultra Fast Rectifiers
logo
Guangdong Juxing Electr...
MAHE0.5A JUXING-MAHE0.5A Datasheet
1Mb / 3P
   Surface Mount Ultra Fast Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com