Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP-SDM004G1PADS-EM Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AP-SDM004G1PADS-EM
Description  SATA-Disk Module?
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-SDM004G1PADS-EM Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AP-SDM004G1PADS-EM Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-SDM004G1PADS-EM Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-SDM004G1PADS-EM Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-SDM004G1PADS-EM Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-SDM004G1PADS-EM Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-SDM004G1PADS-EM Datasheet HTML 10Page - List of Unclassifed Manufacturers AP-SDM004G1PADS-EM Datasheet HTML 11Page - List of Unclassifed Manufacturers AP-SDM004G1PADS-EM Datasheet HTML 12Page - List of Unclassifed Manufacturers AP-SDM004G1PADS-EM Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
SATA-Disk Module
AP-SDMxxxx1PAXS-EM
8
© 2010 Apacer Technology Inc.
Rev. 1.1
3. Flash Management
3.1
Error Correction/Detection
The SDM implements a hardware ECC scheme, based on the BCH algorithm, to achieve up to 8/15 bit
correction per 512 bytes.
3.2
Bad Block Management
Although bad blocks on the flash media are already identified by the flash manufacturer, they can also be
accumulated over time during operation. The controller of SDM maintains a table that lists those normal
blocks with disk data, the free blocks for wear leveling, and bad blocks with errors. When a normal block is
detected broken, it is replaced with a free block and listed as a bad block. When a free block is detected
broken, it is then removed from the free block list and marked as a bad block.
During device operation, this ensures that newly accumulated bad blocks are transparent to the host. The
device will stop file write service once there are only two free blocks left such that the read function is still
available for copying the files from the disk into another.
3.3
Wear Leveling
The NAND flash devices are limited by a certain number of write cycles. When using a FAT-based file system,
frequent FAT table updates are required. If some area on the flash wears out faster than others, it would
significantly reduce the lifetime of the whole SSD, even if the erase counts of others are far from the write
cycle limit. Thus, if the write cycles can be distributed evenly across the media, the lifetime of the media can
be prolonged significantly. This scheme is called wear leveling.
Apacer’s wear-leveling scheme is achieved both via buffer management and Apacer-specific global wear
leveling. They both ensure that the lifetime of the flash media can be increased, and the disk access
performance is optimized as well.
3.4
Power Failure Management
The Low Power Detection on the controller initiates cached data saving before the power supply to the device
is too low. This feature prevents the device from crash and ensures data integrity during an unexpected
blackout. Once power was failure before cached data writing back into flash, data in the cache will lost. The
next time the power is on, the controller will check these fragmented data segment, and, if necessary, replace
them with old data kept in flash until programmed successfully.
3.5
Quick Erase
Accomplished by the Secure Erase (SE) command, which added to the open ANSI standards that control disk
drives, “Quick Erase” is built into the disk drive itself and thus far less susceptible to malicious software
attacks than external software utilities. It is a positive easy-to-use data destroy command, amounting to
electronic data shredding. Executing the command causes a drive to internally completely erase all possible
user data. This command is carried out within disk drives, so no additional software is required. Once
executed, neither data nor the erase counter on the device would be recoverable, which blurs the accuracy of


Similar Part No. - AP-SDM004G1PADS-EM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-SDM004G1PADS-E ETC2-AP-SDM004G1PADS-E Datasheet
1Mb / 18P
   Halogen Free SATA-Disk Module?
More results

Similar Description - AP-SDM004G1PADS-EM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-SDM512MAPANS-B ETC2-AP-SDM512MAPANS-B Datasheet
355Kb / 44P
   SATA-Disk Module?
AP-SDM512MDPANS-HT ETC2-AP-SDM512MDPANS-HT Datasheet
204Kb / 20P
   SATA-Disk Module?
AP-SDM512MAPANS-HT ETC2-AP-SDM512MAPANS-HT Datasheet
262Kb / 21P
   SATA-Disk Module?
AP-SDM001G1PANS-HT ETC2-AP-SDM001G1PANS-HT Datasheet
270Kb / 35P
   SATA-Disk Module?
AP-SDM004GMPANS-HTC ETC2-AP-SDM004GMPANS-HTC Datasheet
155Kb / 18P
   SATA Disk Module
logo
Apacer Technology Inc.
SDM5A-22P180D APACER-SDM5A-22P180D Datasheet
1Mb / 4P
   SATA DOM (SATA disk of module)
logo
List of Unclassifed Man...
APSDM002G55AN-AT ETC2-APSDM002G55AN-AT Datasheet
226Kb / 21P
   SATA-Disk Module 4
logo
Apacer Technology Inc.
SDM5A-7P180D-SLIM2 APACER-SDM5A-7P180D-SLIM2 Datasheet
1Mb / 4P
   SATA Disk Module 5A
logo
List of Unclassifed Man...
APSDM001GA5AN-AT ETC2-APSDM001GA5AN-AT Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM001GD5AN-AT ETC2-APSDM001GD5AN-AT Datasheet
3Mb / 23P
   SATA-Disk Module 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com