Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP-SDM064G1PANS-EM Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AP-SDM064G1PANS-EM
Description  SATA-Disk Module?
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-SDM064G1PANS-EM Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AP-SDM064G1PANS-EM Datasheet HTML 1Page - List of Unclassifed Manufacturers AP-SDM064G1PANS-EM Datasheet HTML 2Page - List of Unclassifed Manufacturers AP-SDM064G1PANS-EM Datasheet HTML 3Page - List of Unclassifed Manufacturers AP-SDM064G1PANS-EM Datasheet HTML 4Page - List of Unclassifed Manufacturers AP-SDM064G1PANS-EM Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-SDM064G1PANS-EM Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-SDM064G1PANS-EM Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-SDM064G1PANS-EM Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-SDM064G1PANS-EM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
SATA-Disk Module
AP-SDMxxxx1PAXS-EM
3
© 2010 Apacer Technology Inc.
Rev. 1.1
1. Product Description
1.1
Introduction
Apacer’s SATA Disk Module (SDM) is a solid-state disk (SSD) drive that contains a controller, embedded
firmware, and flash media along with a male connector. Using NAND flash memory devices, the SDM drive
interfaces with the host allowing data to be seamlessly transferred between the host and the flash devices.
The SDM drive is designed with a single-chip controller, offering capacities of up to eight gigabytes and
providing full support for the SATAⅡ high-speed interface standard. It can operate at sustained access rates
of up to thirty five megabytes per second, which is much faster than any other competitor in the market.
In addition to buffer management through dynamical allocation, the SDM adopts the static wear-leveling
scheme to allow uniform use of all storage blocks, ensuring that the lifetime of a flash media can be
significantly increased and the disk performance is optimized as well. The SDM provides the S.M.A.R.T.
feature complies with the SATA Rev. 2.6, ATA/ATAPI-7 specifications and uses the standard SMART
command B0h to read data from the drive. This feature protects the user from unscheduled downtime by
monitoring and storing critical drive performance.
1.2
Functional Block Diagram
The SDM drive includes a single-chip SATAⅡ controller and the flash media, as well as the SATA standard
interface. The controller integrates the flash management unit with the controller itself to support multi-channel,
multi-bank flash arrays. Figure 1-1 shows the functional block diagram.
Figure 1-1 Apacer SDM block diagram


Similar Part No. - AP-SDM064G1PANS-EM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-SDM001G1PANS-E ETC2-AP-SDM001G1PANS-E Datasheet
1Mb / 18P
   Halogen Free SATA-Disk Module?
AP-SDM001G1PANS-HT ETC2-AP-SDM001G1PANS-HT Datasheet
270Kb / 35P
   SATA-Disk Module?
AP-SDM001GAPANS-B ETC2-AP-SDM001GAPANS-B Datasheet
355Kb / 44P
   SATA-Disk Module?
AP-SDM001GAPANS-BC ETC2-AP-SDM001GAPANS-BC Datasheet
355Kb / 44P
   SATA-Disk Module?
AP-SDM001GAPANS-HT ETC2-AP-SDM001GAPANS-HT Datasheet
262Kb / 21P
   SATA-Disk Module?
More results

Similar Description - AP-SDM064G1PANS-EM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-SDM512MAPANS-B ETC2-AP-SDM512MAPANS-B Datasheet
355Kb / 44P
   SATA-Disk Module?
AP-SDM512MDPANS-HT ETC2-AP-SDM512MDPANS-HT Datasheet
204Kb / 20P
   SATA-Disk Module?
AP-SDM512MAPANS-HT ETC2-AP-SDM512MAPANS-HT Datasheet
262Kb / 21P
   SATA-Disk Module?
AP-SDM001G1PANS-HT ETC2-AP-SDM001G1PANS-HT Datasheet
270Kb / 35P
   SATA-Disk Module?
AP-SDM004GMPANS-HTC ETC2-AP-SDM004GMPANS-HTC Datasheet
155Kb / 18P
   SATA Disk Module
logo
Apacer Technology Inc.
SDM5A-22P180D APACER-SDM5A-22P180D Datasheet
1Mb / 4P
   SATA DOM (SATA disk of module)
logo
List of Unclassifed Man...
APSDM002G55AN-AT ETC2-APSDM002G55AN-AT Datasheet
226Kb / 21P
   SATA-Disk Module 4
logo
Apacer Technology Inc.
SDM5A-7P180D-SLIM2 APACER-SDM5A-7P180D-SLIM2 Datasheet
1Mb / 4P
   SATA Disk Module 5A
logo
List of Unclassifed Man...
APSDM001GA5AN-AT ETC2-APSDM001GA5AN-AT Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM001GD5AN-AT ETC2-APSDM001GD5AN-AT Datasheet
3Mb / 23P
   SATA-Disk Module 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com