Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APSDM016GF5PN-PC Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # APSDM016GF5PN-PC
Description  SATA-Disk Module 4
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APSDM016GF5PN-PC Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button APSDM016GF5PN-PC Datasheet HTML 3Page - List of Unclassifed Manufacturers APSDM016GF5PN-PC Datasheet HTML 4Page - List of Unclassifed Manufacturers APSDM016GF5PN-PC Datasheet HTML 5Page - List of Unclassifed Manufacturers APSDM016GF5PN-PC Datasheet HTML 6Page - List of Unclassifed Manufacturers APSDM016GF5PN-PC Datasheet HTML 7Page - List of Unclassifed Manufacturers APSDM016GF5PN-PC Datasheet HTML 8Page - List of Unclassifed Manufacturers APSDM016GF5PN-PC Datasheet HTML 9Page - List of Unclassifed Manufacturers APSDM016GF5PN-PC Datasheet HTML 10Page - List of Unclassifed Manufacturers APSDM016GF5PN-PC Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
SATA-Disk Module 4
APSDMxxxxF5AN-PXXX
6
© 2013 Apacer Technology Inc.
Rev. 1.3
4. Product Specifications
4.1 Capacity
Capacity specification of SDM4 product family is available as shown in Table 4-1. It lists the specific
capacity and the default numbers of heads, sectors and cylinders for each product line.
Table 4-1: Capacity specifications
Capacity
Total bytes*
Cylinders
Heads
Sectors
Max LBA
2 GB
2,011,226,112
3,897
16
63
3,928,176
4 GB
4,011,614,208
7,773
16
63
7,835,184
8 GB
8,012,390,400
15,525
16
63
15,649,200
16 GB
16,013,942,784
16,383
16
63
31,277,232
32 GB
32,017,047,552
16,383
16
63
62,533,296
*Display of total bytes varies from file systems which means not all of the bytes can be used for storage.
**Cylinders, heads or sectors are not applicable for these capacities. Only LBA addressing applies.
LBA count addressed in the table above indicates total user storage capacity and will remain the same throughout the lifespan of the
device. However, the total usable capacity of the SSD is most likely to be less than the total physical capacity because a small portion
of the capacity is reserved for device maintenance usages.
4.2 Performance
Performances of SDM4 are listed below in table 4-2.
Table 4-2: Performance (Typical)
Capacity
Performance
2 GB
4 GB
8 GB
16 GB
32 GB
Sustained read (MB/s)
75
80
80
85
85
Sustained write (MB/s)
28
55
55
80
80
Note: Results may differ from various flash configurations or host system settings.


Similar Part No. - APSDM016GF5PN-PC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APSDM016GF5AN-AC ETC2-APSDM016GF5AN-AC Datasheet
225Kb / 21P
   SATA-Disk Module 4
APSDM016GF5AN-ACW ETC2-APSDM016GF5AN-ACW Datasheet
225Kb / 21P
   SATA-Disk Module 4
More results

Similar Description - APSDM016GF5PN-PC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APSDM002G55AN-AT ETC2-APSDM002G55AN-AT Datasheet
226Kb / 21P
   SATA-Disk Module 4
APSDM001GA5AN-AT ETC2-APSDM001GA5AN-AT Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM001GD5AN-AT ETC2-APSDM001GD5AN-AT Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM004GD5AN-ACM ETC2-APSDM004GD5AN-ACM Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM002G55AN-PT ETC2-APSDM002G55AN-PT Datasheet
344Kb / 19P
   SATA-Disk Module 4
APSDM002G15AN-PT ETC2-APSDM002G15AN-PT Datasheet
376Kb / 20P
   SATA-Disk Module 4
APSDM002GG5AN-PTW ETC2-APSDM002GG5AN-PTW Datasheet
318Kb / 19P
   SATA-Disk Module 4
APSDM002G15AN-AT ETC2-APSDM002G15AN-AT Datasheet
256Kb / 21P
   SATA-Disk Module 4
APSDM002G45AN-PT ETC2-APSDM002G45AN-PT Datasheet
334Kb / 18P
   SATA-Disk Module 4
APSDM004GA5AN-ACM ETC2-APSDM004GA5AN-ACM Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM002GF5AN-AT ETC2-APSDM002GF5AN-AT Datasheet
225Kb / 21P
   SATA-Disk Module 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com