Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATS126-E Datasheet(PDF) 6 Page - CTS Corporation

Part # ATS126-E
Description  Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

ATS126-E Datasheet(HTML) 6 Page - CTS Corporation

  ATS126-E Datasheet HTML 1Page - CTS Corporation ATS126-E Datasheet HTML 2Page - CTS Corporation ATS126-E Datasheet HTML 3Page - CTS Corporation ATS126-E Datasheet HTML 4Page - CTS Corporation ATS126-E Datasheet HTML 5Page - CTS Corporation ATS126-E Datasheet HTML 6Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Document No. 008-0309-0
Page 6 - 6
Rev. K
ATS/ATS-SM Series
Low Cost Quartz Crystal
PACKAGING INFORMATION
18.00
3.81
12.70
18.00
22.50 Max
DIMENSIONS IN MILLIMETERS
Ø4.00
0.90 Max
ATS Radial Taping (Ammopak)
11.50
DIRECTION OF FEED
0.40
5.10
24.00
12.00
DIMENSIONS IN MILLIMETERS
Ø1.55
4.00
1.75
4.35
Ø21.00
Ø80
Ø330
Ø13.00
120°
24.40
2.00
ATS-SM Tape and Reel


Similar Part No. - ATS126-E

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
ATS126-E CTS-ATS126-E Datasheet
182Kb / 6P
   ATS ATS-SM Series
ATS126-E CTS-ATS126-E Datasheet
182Kb / 6P
   Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
ATS126-E CTS-ATS126-E Datasheet
182Kb / 6P
   Standard HC-49/US [thru-hole] and HC-49/US-SM surface mount Packages
More results

Similar Description - ATS126-E

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
ATS073SM-1 CTS-ATS073SM-1 Datasheet
182Kb / 6P
   Standard HC-49/US [thru-hole] and HC-49/US-SM surface mount Packages
ATS270ASM-1 CTS-ATS270ASM-1 Datasheet
182Kb / 6P
   Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
ATS073BSM CTS-ATS073BSM Datasheet
181Kb / 6P
   Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
ATS073SM-1 CTS-ATS073SM-1 Datasheet
182Kb / 6P
   Standard HC-49/US [thru-hole] and HC-49/US-SM surface mount Packages
logo
MMD Components
BESAA1 MMD-BESAA1 Datasheet
52Kb / 1P
   HC-49/US Thru-Hole Crystal
DSAA1 MMD-DSAA1 Datasheet
85Kb / 1P
   HC-49/US Surface Mounted Crystal
logo
List of Unclassifed Man...
BA32C3 ETC2-BA32C3 Datasheet
39Kb / 1P
   HC-49/US Microprocessor Crystals
logo
Caliber Electronics Inc...
BA32C1 CALIBER-BA32C1 Datasheet
44Kb / 1P
   HC-49/US Microprocessor Crystals
logo
Vectron International, ...
VXB1_VXB2 VECTRON-VXB1_VXB2 Datasheet
356Kb / 3P
   HC-49/US SMD Crystal
logo
Caliber Electronics Inc...
CA32C1 CALIBER-CA32C1 Datasheet
41Kb / 1P
   HC-49/US SMD Microprocessor Crystals
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com