Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UG2KB80 Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # UG2KB80
Description  BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

UG2KB80 Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  UG2KB80 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. UG2KB80 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Typical thermal resistance per leg
Mechanical Data
per MIL-STD 202E,Method 208C
Retardant Epoxy
· Polarity: Polarity symbol marked on body
· Mounting Position:Any
· High surge current capability
· Ideal for printed circuit board
· Terminal: Plated leads solderable
· Case: UL-94 Class V-0 recognized Flame
UG2KB05-UG2KB100
Features
· Glass Passivated Die Construction
· High case dielectric strength
UG2KB
05
UG2KB
10
UG2KB
20
UG2KB
40
UG2KB
60
UG2KB
80
UG2KB
100
UNIT
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
V
50
100
200
400
600
800
1000
V
A
A
V
uA
Note:
℃/W
storage temperature range
Tstg
-55 to +150
RθJA
55
RθJL
15
Operating junction temperature range
TJ
-55 to +150
Maximum instantaneous forward voltage drop
per diode @2.0A
VF
1.1
Maximum DC reverse current at TA=25℃
rated DC blocking voltage per leg TA=125℃
IR
5.0
500
Maximum Average forward output rectified
current
I(AV)
2.0
Peak forward surge current 8.3ms single
sine-wave superimposed on rated load(JEDEC
Method)
IFSM
50
Maximum repetitive peak reverse voltage
VRRM
Maximum RMS voltage
VRMS
Maximum DC blocking voltage
VDC
Maximum Ratings and Electrical Characteristics @TA=25℃ unless otherwise specified
Single Phase,half wave,60Hz,resistive or inductive load.For capacitive load,derate current by 20%.
Parameter
Symbol
Note:
http://www.trr-jx.com
BRIDGE RECTIFIERS


Similar Part No. - UG2KB80

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
UG2KB80 GULFSEMI-UG2KB80 Datasheet
160Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current:2.0A
logo
DIYI Electronic Technol...
UG2KB80 DYELEC-UG2KB80 Datasheet
442Kb / 2P
   SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
UG2KB80 DYELEC-UG2KB80 Datasheet
1Mb / 3P
   SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
UG2KB80 ZSELEC-UG2KB80 Datasheet
118Kb / 2P
   2.0A BRIDGE RECTIFIER
logo
Microdiode Electronics ...
UG2KB80 CHENDA-UG2KB80 Datasheet
1Mb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - UG2KB80

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
   BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
   Bridge Rectifiers
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
   Bridge Rectifiers
logo
Fairchild Semiconductor
GBU8A FAIRCHILD-GBU8A_04 Datasheet
47Kb / 3P
   Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
   Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
   Bridge Rectifiers
logo
America Semiconductor, ...
GBU10G AMERICASEMI-GBU10G Datasheet
421Kb / 2P
   BRIDGE RECTIFIERS
KBJ410G AMERICASEMI-KBJ410G Datasheet
639Kb / 2P
   BRIDGE RECTIFIERS
GBU15M AMERICASEMI-GBU15M Datasheet
399Kb / 2P
   BRIDGE RECTIFIERS
GBU6M AMERICASEMI-GBU6M Datasheet
677Kb / 2P
   BRIDGE RECTIFIERS
GBU6G AMERICASEMI-GBU6G Datasheet
698Kb / 2P
   BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com