Electronic Components Datasheet Search |
|
AP-SAFD255AB008GS-T Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
AP-SAFD255AB008GS-T Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 19 page Serial ATA Flash Drive AP-SAFD255AXxxxxS-XXT 1 © 2011 Apacer Technology Inc. Rev. 1.2 Features: Standard Serial ATA 2.6 (Gen. 2) – Serial ATA 2.6 (Gen. 2) – SATA II, 3.0 Gbps – ATA-compatible command set Capacities – 8, 16, 32, 64 GB Performance* – Burst read/write: 300 MB/sec – Sustained read: up to 230 MB/sec – Sustained write: up to 175 MB/sec Intelligent endurance design – Built-in hardware ECC, enabling up to 14/28 bit correction per 1K bytes – Static wear-leveling scheme together with dynamical block allocation to significantly increase the lifetime of a flash device and optimize the disk performance – Flash bad-block management – S.M.A.R.T. – Power Failure Management – ATA Secure Erase – Trim NAND Flash Type: SLC Zero power data retention – No battery required for data storage Temperature ranges – Operation: Standard: 0°C to 70°C Extended Temperature: -40°C to 85°C – Storage: -40°C to 100°C Supply voltage – 5.0 V ± 5% Low power consumption* – Active mode: 535 mA@5.0 V – Idle mode: 94 mA@5.0 V Form factor – 2.5 inch Connector – 7-pin SATA male connector – 15-pin SATA power connector RoHS compliant *Varies from capacities. |
Similar Part No. - AP-SAFD255AB008GS-T |
|
Similar Description - AP-SAFD255AB008GS-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |