Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFR25H Datasheet(PDF) 9 Page - Vishay Siliconix

Part # NFR25H
Description  Fusible, Non-Flammable Metal Film Leaded Resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NFR25H Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button NFR25H Datasheet HTML 2Page - Vishay Siliconix NFR25H Datasheet HTML 3Page - Vishay Siliconix NFR25H Datasheet HTML 4Page - Vishay Siliconix NFR25H Datasheet HTML 5Page - Vishay Siliconix NFR25H Datasheet HTML 6Page - Vishay Siliconix NFR25H Datasheet HTML 7Page - Vishay Siliconix NFR25H Datasheet HTML 8Page - Vishay Siliconix NFR25H Datasheet HTML 9Page - Vishay Siliconix NFR25H Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
www.vishay.com
For technical questions, contact: filmresistorsleaded@vishay.com
Document Number: 28737
9
Revision: 30-Mar-10
NFR25, NFR25H
Vishay BCcomponents
Fusible, Non-Flammable Metal Film
Leaded Resistors
12NC INFORMATION FOR HISTORICAL CODING REFERENCE
• The resistors have a 12 digit numeric code starting with 23
• The subsequent 7 digits indicate the resistor type and
packaging
• The remaining 3 digits indicate the resistance value:
- The first 2 digits indicate the resistance value
- The last digit indicates the resistance decade
Last Digit of 12NC Indicating Resistance Decade
12NC Example
The 12NC of a NFR25 resistor with value 750
Ω, supplied on
a bandolier of 1000 units in ammopack is: 2322 205 13751.
RESISTANCE DECADE
LAST DIGIT
0.22
Ω to 0.91 Ω
7
1
Ω to 9.1 Ω
8
10
Ω to 91 Ω
9
100
Ω to 910 Ω
1
1 k
Ω to 9.1 kΩ
2
10 k
Ω to 15 kΩ
3
12NC (Resistors Type and Packaging)
TYPE
23.. ... .....
BANDOLIER IN AMMOPACK
BANDOLIER ON REEL
RADIAL TAPED
STRAIGHT LEADS
STRAIGHT LEADS
4000 UNITS
1000 UNITS
5000 UNITS
5000 UNITS
NFR25
06 204 03...
22 205 13...
22 205 33...
22 205 23...
NFR25H
06 207 03...
22 207 13...
22 207 33...
22 207 23...


Similar Part No. - NFR25H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NFR25H VISHAY-NFR25H Datasheet
96Kb / 8P
   Fusible, Non-Flammable Resistors
Revision: 24-Feb-04
NFR25H VISHAY-NFR25H Datasheet
745Kb / 9P
   Fusible, Non-Flammable Resistors
Revision: 21-Feb-08
NFR25H VISHAY-NFR25H Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0001008JA500 VISHAY-NFR25H0001008JA500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0002200JA100 VISHAY-NFR25H0002200JA100 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
More results

Similar Description - NFR25H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NFR25H0001008JA500 VISHAY-NFR25H0001008JA500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0004707JA500 VISHAY-NFR25H0004707JA500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0004707JR500 VISHAY-NFR25H0004707JR500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25 VISHAY-NFR25 Datasheet
96Kb / 8P
   Fusible, Non-Flammable Resistors
Revision: 24-Feb-04
NFR25H VISHAY-NFR25H Datasheet
745Kb / 9P
   Fusible, Non-Flammable Resistors
Revision: 21-Feb-08
logo
Welwyn Components Limit...
FM1 WELWYN-FM1 Datasheet
110Kb / 2P
   Fusible Metal Film Resistors
logo
Riedon Powertron
MFFS-1 RIEDON-MFFS-1 Datasheet
45Kb / 1P
   Metal Film, Fusible Resistors
logo
Welwyn Components Limit...
FA8025 WELWYN-FA8025 Datasheet
117Kb / 2P
   Fusible Metal Film Resistors
logo
UNIOHM CORPORATION
FR-25 UNIOHM-FR-25 Datasheet
1Mb / 1P
   Fusible Metal Film Resistors
logo
Vishay Siliconix
NMM0207SI VISHAY-NMM0207SI Datasheet
157Kb / 2P
   Metal Film, Cylindrical, Fusible Resistors
Revision 24-Jun-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com