Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NID9N05ACLT4G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NID9N05ACLT4G
Description  9.0 A, 52 V, N?묬hannel, Logic Level, Clamped MOSFET w/ESD Protection in a DPAK Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NID9N05ACLT4G Datasheet(HTML) 1 Page - ON Semiconductor

  NID9N05ACLT4G Datasheet HTML 1Page - ON Semiconductor NID9N05ACLT4G Datasheet HTML 2Page - ON Semiconductor NID9N05ACLT4G Datasheet HTML 3Page - ON Semiconductor NID9N05ACLT4G Datasheet HTML 4Page - ON Semiconductor NID9N05ACLT4G Datasheet HTML 5Page - ON Semiconductor NID9N05ACLT4G Datasheet HTML 6Page - ON Semiconductor NID9N05ACLT4G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2013
December, 2013 − Rev. 10
1
Publication Order Number:
NID9N05CL/D
NID9N05CL, NID9N05ACL
Power MOSFET
9.0 A, 52 V, N−Channel, Logic Level,
Clamped MOSFET w/ESD Protection
in a DPAK Package
Benefits
High Energy Capability for Inductive Loads
Low Switching Noise Generation
Features
Diode Clamp Between Gate and Source
ESD Protection − HBM 5000 V
Active Over−Voltage Gate to Drain Clamp
Scalable to Lower or Higher RDS(on)
Internal Series Gate Resistance
AEC−Q101 Qualified and PPAP Capable
These Devices are Pb−Free and are RoHS Compliant
Applications
Automotive and Industrial Markets:
Solenoid Drivers, Lamp Drivers, Small Motor Drivers
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage Internally Clamped
VDSS
52−59
V
Gate−to−Source Voltage − Continuous
VGS
±15
V
Drain Current − Continuous @ TA = 25°C
Drain Current − Single Pulse (tp = 10 ms)
ID
IDM
9.0
35
A
Total Power Dissipation @ TA = 25°C
PD
1.74
W
Operating and Storage Temperature Range
TJ, Tstg −55 to 175
°C
Single Pulse Drain−to−Source Avalanche
Energy − Starting TJ = 125°C
(VDD = 50 V, ID(pk) = 1.5 A, VGS = 10 V,
RG = 25 W)
EAS
160
mJ
Thermal Resistance, Junction−to−Case
Junction−to−Ambient (Note 1)
Junction−to−Ambient (Note 2)
RqJC
RqJA
RqJA
5.2
72
100
°C/W
Maximum Lead Temperature for Soldering
Purposes, 1/8″ from Case for 10 seconds
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. When surface mounted to a FR4 board using 1″ pad size, (Cu area 1.127 in2).
2. When surface mounted to a FR4 board using minimum recommended pad
size, (Cu area 0.412 in2).
Device
Package
Shipping
ORDERING INFORMATION
DPAK
CASE 369C
STYLE 2
MPWR
Drain
(Pins 2, 4)
Source
(Pin 3)
Gate
(Pin 1)
MARKING
DIAGRAM
Y
= Year
WW
= Work Week
xxxxx
= 05CL or 05ACL
G
= Pb−Free Package
RG
Overvoltage
Protection
ESD Protection
http://onsemi.com
1 = Gate
2 = Drain
3 = Source
4 = Drain
1
2
3
4
YWW
D9N
xxxxxG
VDSS
(Clamped)
RDS(ON) TYP
ID MAX
(Limited)
52 V
90 mW
9.0 A
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NID9N05CLG
DPAK
(Pb−Free)
75 Units/Rail
NID9N05CLT4G
DPAK
(Pb−Free)
2500/Tape & Reel
NID9N05ACLT4G


Similar Part No. - NID9N05ACLT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NID9N05ACLT4G ONSEMI-NID9N05ACLT4G Datasheet
87Kb / 7P
   Power MOSFET
November, 2016 ??Rev. 11
logo
VBsemi Electronics Co.,...
NID9N05ACLT4G VBSEMI-NID9N05ACLT4G Datasheet
1,004Kb / 8P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - NID9N05ACLT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8440 ONSEMI-NCV8440 Datasheet
154Kb / 8P
   Protected Power MOSFET 2.6 A, 52 V, N?묬hannel, Logic Level, Clamped MOSFET w/ ESD Protection
December, 2009 ??Rev. 5
NCV8440ASTT1G ONSEMI-NCV8440ASTT1G Datasheet
126Kb / 9P
   Protected Power MOSFET 2.6 A, 52 V, N?묬hannel, Logic Level, Clamped MOSFET w/ ESD Protection
November, 2011 ??Rev. 6
NTD6600N ONSEMI-NTD6600N Datasheet
69Kb / 6P
   Power MOSFET 100 V, 12 A, N?묬hannel, Logic Level DPAK
March, 2007 ??Rev. 4
NTD3055L170 ONSEMI-NTD3055L170 Datasheet
93Kb / 8P
   9.0 Amps, 60 Volts, Logic Level, N?묬hannel DPAK
August, 2004 ??Rev. 3
NTD4302 ONSEMI-NTD4302_10 Datasheet
118Kb / 7P
   Power MOSFET 68 A, 30 V, N?묬hannel DPAK
October, 2010 ??Rev. 8
NTD60N02R-35G ONSEMI-NTD60N02R-35G Datasheet
85Kb / 8P
   Power MOSFET 62 A, 25 V, N?묬hannel, DPAK
December, 2006 ??Rev. 12
NTD4302T4G ONSEMI-NTD4302T4G Datasheet
118Kb / 7P
   Power MOSFET 68 A, 30 V, N?묬hannel DPAK
October, 2010 ??Rev. 8
NTTFS4939N ONSEMI-NTTFS4939N Datasheet
149Kb / 7P
   Power MOSFET 30 V, 52 A, Single N?묬hannel, 8FL
October, 2009 ??Rev. 0
NTD5802NT4G ONSEMI-NTD5802NT4G Datasheet
130Kb / 7P
   Power MOSFET 40 V, Single N?묬hannel, 101 A DPAK
August, 2011 ??Rev. 6
NTD78N03R ONSEMI-NTD78N03R Datasheet
215Kb / 8P
   Power MOSFET 25 V, 85 A, Single N?묬hannel, DPAK
August, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com