Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APS1845016G-AT Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # APS1845016G-AT
Description  Serial ATA Flash Drive
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APS1845016G-AT Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button APS1845016G-AT Datasheet HTML 4Page - List of Unclassifed Manufacturers APS1845016G-AT Datasheet HTML 5Page - List of Unclassifed Manufacturers APS1845016G-AT Datasheet HTML 6Page - List of Unclassifed Manufacturers APS1845016G-AT Datasheet HTML 7Page - List of Unclassifed Manufacturers APS1845016G-AT Datasheet HTML 8Page - List of Unclassifed Manufacturers APS1845016G-AT Datasheet HTML 9Page - List of Unclassifed Manufacturers APS1845016G-AT Datasheet HTML 10Page - List of Unclassifed Manufacturers APS1845016G-AT Datasheet HTML 11Page - List of Unclassifed Manufacturers APS1845016G-AT Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Serial ATA Flash Drive
APS1845xxxx-AXX
7
© 2011 Apacer Technology Inc.
Rev. 1.0
2. Software Interface
2.1
Command Set
Table 2-1 summarizes the ATA commands supported by SAFD18S4.
Table 2-1: Command set
Code
Command
Code
Command
E5h
Check Power Mode
F3h
Security Erase Prepare
06h
Data Set Management
F4h
Security Erase Unit
90h
Execute Device Diagnostic
F5h
Security Freeze Lock
E7h
Flush Cache
F1h
Security Set Password
EAh
Flush Cache EXT
F2h
Security Unlock
Ech
Identify Device
70h
Seek
E3h
Idle
Efh
Set Features
E1h
Idle Immediate
C6h
Set Multiple Mode
91h
Initialize Device Parameters
E6h
Sleep
C8h
Read DMA
B0h
SMART
25h
Read DMA EXT
E2h
Standby
C4h
Read Multiple
E0h
Standby Immediate
29h
Read Multiple EXT
Cah
Write DMA
20h
Read Sector
35h
Write DMA EXT
24h
Read Sector EXT
C5h
Write Multiple
40h
Read Verify Sectors
39h
Write Multiple EXT
42h
Read Verify Sectors EXT
30h
Write Sector
10h
Recalibrate
34h
Write Sector EXT
F6h
Security Disable Password


Similar Part No. - APS1845016G-AT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APS1845016G-ACM ETC2-APS1845016G-ACM Datasheet
317Kb / 20P
   Serial ATA Flash Drive
APS1845016G-ACM ETC2-APS1845016G-ACM Datasheet
764Kb / 20P
   Serial ATA Flash Drive SAFD18S4 -M Product Specifications
APS1845016G-ACM ETC2-APS1845016G-ACM Datasheet
760Kb / 21P
   Serial ATA Flash Drive
APS1845016G-ACMW ETC2-APS1845016G-ACMW Datasheet
317Kb / 20P
   Serial ATA Flash Drive
APS1845016G-ACMW ETC2-APS1845016G-ACMW Datasheet
764Kb / 20P
   Serial ATA Flash Drive SAFD18S4 -M Product Specifications
More results

Similar Description - APS1845016G-AT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APS25M5A008G-ACM ETC2-APS25M5A008G-ACM Datasheet
262Kb / 19P
   Serial ATA Flash Drive
AP-SAFD254QA008GS-HT ETC2-AP-SAFD254QA008GS-HT Datasheet
313Kb / 35P
   Serial ATA Flash Drive
APSDM004GM5AN-PT ETC2-APSDM004GM5AN-PT Datasheet
306Kb / 20P
   Serial ATA Flash Drive
APSDM008GM5AN-PCM ETC2-APSDM008GM5AN-PCM Datasheet
308Kb / 21P
   Serial ATA Flash Drive
APS25P6B008G-5T ETC2-APS25P6B008G-5T Datasheet
387Kb / 19P
   Serial ATA Flash Drive
APS25P6B032G-CT ETC2-APS25P6B032G-CT Datasheet
293Kb / 21P
   Serial ATA Flash Drive
APS1845008G-ACM ETC2-APS1845008G-ACM_14 Datasheet
760Kb / 21P
   Serial ATA Flash Drive
AP-SAFD255AA008GS-T ETC2-AP-SAFD255AA008GS-T Datasheet
340Kb / 19P
   Serial ATA Flash Drive
PS18P6A008G-5TWL ETC2-PS18P6A008G-5TWL Datasheet
276Kb / 19P
   Serial ATA Flash Drive
APS18P6A008G-CT ETC2-APS18P6A008G-CT Datasheet
247Kb / 22P
   Serial ATA Flash Drive
APS18P6A016G-CCM ETC2-APS18P6A016G-CCM Datasheet
245Kb / 21P
   Serial ATA Flash Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com